Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL9711 Datasheet(PDF) 9 Page - GENESYS LOGIC

Part # GL9711
Description  PCI ExpressTM PIPE x1 PHY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9711 Datasheet(HTML) 9 Page - GENESYS LOGIC

Back Button GL9711 Datasheet HTML 5Page - GENESYS LOGIC GL9711 Datasheet HTML 6Page - GENESYS LOGIC GL9711 Datasheet HTML 7Page - GENESYS LOGIC GL9711 Datasheet HTML 8Page - GENESYS LOGIC GL9711 Datasheet HTML 9Page - GENESYS LOGIC GL9711 Datasheet HTML 10Page - GENESYS LOGIC GL9711 Datasheet HTML 11Page - GENESYS LOGIC GL9711 Datasheet HTML 12Page - GENESYS LOGIC GL9711 Datasheet HTML 13Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
GL9711 PCI Express
TM PIPE x1 PHY
©2000-2006 Genesys Logic Inc. - All rights reserved.
Page 9
CHAPTER 2
FEATURES
l
Complies with PCI Express Base Specification rev. 1.0a
l
Complies with Intel’s PHY Interface for PCI Express Architecture rev. 1.0
l
Integrates 2.5 gigabit per second (Gpbs) Serializer/Deserializer
l
Supports 8-bit or 10-bit parallel interface @250MHz
l
Supports 16-bit parallel interface @125MHz
l
Supports DDR configuration for 8-bit or 10-bit mode
l
Beacon transmission and reception
l
Receiver detection
l
Transmission and detection of electrical idle
l
Clock tolerance for 600 ppm in frequencies between bit rates at the two end of a Link
l
On-chip 8-bit/10-bit encoding/decoding and comma alignment
l
On-chip PLL provides clock synthesis
l
1.8-V power supply for core
l
2.5-V power supply for IO
l
Above 2.0 kV ESD protection
l
0.18
µm process
l
Available in LFBGA-233 package


Similar Part No. - GL9711

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL9714 GENESYS-GL9714 Datasheet
503Kb / 46P
   PCI ExpressTM PIPE x4 PHY
GL9714-TGGXX GENESYS-GL9714-TGGXX Datasheet
503Kb / 46P
   PCI ExpressTM PIPE x4 PHY
More results

Similar Description - GL9711

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL9714 GENESYS-GL9714 Datasheet
503Kb / 46P
   PCI ExpressTM PIPE x4 PHY
logo
NXP Semiconductors
PX1011B NXP-PX1011B_08 Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011A NXP-PX1011A Datasheet
247Kb / 32P
   PCI Express stand-alone X1 PHY
Rev. 02-18 May 2006
PX1011B NXP-PX1011B_11 Datasheet
396Kb / 32P
   PCI Express stand-alone X1 PHY Receiver detection
Rev. 5-18 April 2011
logo
GENESYS LOGIC
GL9701 GENESYS-GL9701 Datasheet
1Mb / 75P
   PCI ExpressTM to PCI Bridge
logo
Renesas Technology Corp
841S02 RENESAS-841S02 Datasheet
476Kb / 18P
   PCI ExpressTM Clock Generator
2019
841S01 RENESAS-841S01 Datasheet
473Kb / 18P
   PCI ExpressTM Clock Generator
2019
logo
Integrated Device Techn...
841S104EGILF IDT-841S104EGILF Datasheet
993Kb / 22P
   Crystal-to-HCSL 100MHz PCI ExpressTM Clock Synthesizer
logo
Texas Instruments
XIO1100 TI-XIO1100_V01 Datasheet
1Mb / 41P
[Old version datasheet]   X1 PCI Express Serial Link
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com