Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL9714 Datasheet(PDF) 11 Page - GENESYS LOGIC

Part # GL9714
Description  PCI ExpressTM PIPE x4 PHY
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL9714 Datasheet(HTML) 11 Page - GENESYS LOGIC

Back Button GL9714 Datasheet HTML 7Page - GENESYS LOGIC GL9714 Datasheet HTML 8Page - GENESYS LOGIC GL9714 Datasheet HTML 9Page - GENESYS LOGIC GL9714 Datasheet HTML 10Page - GENESYS LOGIC GL9714 Datasheet HTML 11Page - GENESYS LOGIC GL9714 Datasheet HTML 12Page - GENESYS LOGIC GL9714 Datasheet HTML 13Page - GENESYS LOGIC GL9714 Datasheet HTML 14Page - GENESYS LOGIC GL9714 Datasheet HTML 15Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
GL9714 PCI Express
TM PIPE x4 PHY
©2004-2007 Genesys Logic Inc. - All rights reserved.
Page 11
T
RXDKC
VDD25
TXDC6
TXDC2
VDD25
VDD18
TXIDLED
RXIDLEC
RXPLRC
U
VSS
TXDC4
VSS
TXDC0
PHYSTS RXVLDD RXVLDC TXIDLEC
VDD25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
A
TXNB
VDDTXB
RXNB
VDDRXB
TXNA
VDDTXA
RXNA
VDDRXA
B
TXPB
VSSTXB
RXPB
VSSRXB
TXPA
VSSTXA
RXPA
VSSRXA
C
VDD18
NC
VDD18
NC
TXDA1
VSSGR
TXDA6
TXDA7
D
NC
NC
NC
TXDA0
TXDA3
TXDA4
VDD25 RXSTSA2
E
TXDA5
TXDKA
TXDA2
RXDKA
F
RXSTSA0 TXCMPA
RXDA0
VDD25
G
VSS
VSS
RXSTSA1
RXDA1
RXDA2
RXDA4
H
VSS
VSS
RXDA5
RXDA3
RXDA7
VDD18
J
VSS
VSS
VDD12
VSS
RXDA6
VDD18
K
VSS
VSS
TXDB2
VDD25
TXDKB
NC
L
VSS
VSS
TXCMPB TXDB6
TXDB1
TXDB0
M
RXSTSB1
TXDB4
TXDB3
VSS
N
RXDB3
RXDKB
TXDB7
TXDB5
P
PD1
RXVLDB RXVLDA RXDB7
RXDB5
RXDB1
VSS
RXSTSB0
R
SCC
TXDET/
LPBK
TXIDLEB VDD25 TXIDLEA RXDB4
RXDB0
VDD25
T
TESTD
PD0
RXIDLEB RXIDLEA
PCLK
VSS
RXDB2 RXSTSB2
U OPMODE1 TESTC
RST_N
RXPLRB
VSS
RXPLRA
RXDB6
VDD25
10
11
12
13
14
15
16
17
3.3 Pin List
Table 3.2 - Numeric Pin List
Pin#
Pin Name
Pin#
Pin Name
Pin#
Pin Name
Pin#
Pin Name
Pin#
Pin Name
A1
REFCLKP
C1
OSC25MO
E1
RXDKD
G1
TXCMPD
J1
TXDD2
A2
TXND
C2
RXDD7
E2
RXDD1
G2
VDD25
J2
VSS
A3
VDDTXD
C3
NC
E3
RXDD4
G3
RXSTSD2
J3
TXDD5
A4
RXND
C4
VDD18
E4
RXDD5
G4
RXDD0
J4
TXDD3
A5
VDDRXD
C5
NC
E5
G5
J5
A6
TXNC
C6
NC
E6
G6
J6
A7
VDDTXC
C7
VSSTXC
E7
G7
VSS
J7
VSS
A8
RXNC
C8
VDDPLL
E8
G8
VSS
J8
VSS
A9
VDDRXC
C9
NC
E9
G9
VSS
J9
VSS
A10
TXNB
C10
VDD18
E10
G10
VSS
J10
VSS
A11
VDDTXB
C11
NC
E11
G11
VSS
J11
VSS
A12
RXNB
C12
VDD18
E12
G12
J12
A13
VDDRXB
C13
NC
E13
G13
J13


Similar Part No. - GL9714

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL9711 GENESYS-GL9711 Datasheet
404Kb / 42P
   PCI ExpressTM PIPE x1 PHY
GL9711-TGGXX GENESYS-GL9711-TGGXX Datasheet
404Kb / 42P
   PCI ExpressTM PIPE x1 PHY
More results

Similar Description - GL9714

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL9711 GENESYS-GL9711 Datasheet
404Kb / 42P
   PCI ExpressTM PIPE x1 PHY
logo
NXP Semiconductors
PX1041A NXP-PX1041A Datasheet
179Kb / 36P
   PCI Express stand-alone X4 PHY
Rev. 01 - 21 June 2007
logo
GENESYS LOGIC
GL9701 GENESYS-GL9701 Datasheet
1Mb / 75P
   PCI ExpressTM to PCI Bridge
logo
Renesas Technology Corp
841S02 RENESAS-841S02 Datasheet
476Kb / 18P
   PCI ExpressTM Clock Generator
2019
841S01 RENESAS-841S01 Datasheet
473Kb / 18P
   PCI ExpressTM Clock Generator
2019
logo
Integrated Device Techn...
841S104EGILF IDT-841S104EGILF Datasheet
993Kb / 22P
   Crystal-to-HCSL 100MHz PCI ExpressTM Clock Synthesizer
logo
NXP Semiconductors
PX1011B NXP-PX1011B Datasheet
224Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 02-19 March 2008
PX1011A NXP-PX1011A Datasheet
247Kb / 32P
   PCI Express stand-alone X1 PHY
Rev. 02-18 May 2006
PX1011B NXP-PX1011B_08 Datasheet
223Kb / 30P
   PCI Express stand-alone X1 PHY
Rev. 03-20 October 2008
logo
Agere Systems
FW32206T100 AGERE-FW32206T100 Datasheet
939Kb / 86P
   1394a PCI PHY/Link Open Host Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com