Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML13135 Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # ML13135
Description  FM Communications Receiver; Dual Conversion Narrowband FM Receiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13135 Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML13135 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML13135 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML13135 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13135 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13135 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13135 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13135 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13135 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13135 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.lansdale.com
Page 4 of 11
Issue 0
LANSDALE Semiconductor, Inc.
ML13135
N
10
–130
RFin, RF INPUT (dBm)
48.0
1.0
VB, VARACTOR BIAS VOLTAGE (Vdc)
1400
–140
RF INPUT (dBm)
30
–100
RFin, RF INPUT (dBm)
25
0.5
VB, VARACTOR BIAS VOLTAGE, VPin24 to VPin 23 (Vdc)
Figure 2. Supply Current versus Supply Voltage
Figure 3. RSSI Output versus RF Input
Figure 4. Varactor Capacitance, Resistance
versus Bias Voltage
Figure 5. Oscillator Frequency
versus Varactor Bias
Figure 6. Signal Levels versus RF Input
6.0
0
VCC, SUPPLY VOLTAGE (V)
Figure 7. Signal + Noise, Noise, and
AM Rejection versus Input Power
RFin = 49.7 MHz
fMOD = 1.0 kHz
fDEV = ± 3.0 kHz
5.0
4.0
3.0
2.0
1.0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
VCC = 4.0 V
RFin = 49.67 MHz
fMOD = 1.0 kHz
fDEV = ± 3.0 kHz
1200
1000
800
600
400
200
–120
–100
– 80
– 60
– 40
– 20
CP, f = 150 MHz
20
15
10
5.0
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
10
8.0
6.0
4.0
2.0
0
47.5
47.0
46.5
46.0
45.5
45.0
RP, f = 50 MHz
CP, f = 50 MHz
RP, f = 150 MHz
2.0
3.0
4.0
5.0
6.0
–90
– 80
–70
– 60
–50
– 40
–30
– 20
10
–10
–30
–50
–70
First Mixer Output
First Mixer Input
–110
– 90
– 70
– 50
– 30
0
–10
–20
–30
–40
–50
–60
–70
S + N
S + N 30% AM
VCC = 4.0 Vdc
RFin = 49.67 MHz
fMOD = 1.0 kHz
fDEV = ± 3.0 kHz
5.0 p
0.61
µH
1st LO
Varicap
500 p
500 p
1.0 M
0.2
µF
VB
24
23
2
1
27 p
Second Mixer Output
Second Mixer Input


Similar Part No. - ML13135

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
504Kb / 11P
   FM Communications Receiver
ML13135-6P LANSDALE-ML13135-6P Datasheet
504Kb / 11P
   FM Communications Receiver
ML13135LP LANSDALE-ML13135LP Datasheet
504Kb / 11P
   FM Communications Receiver
ML13135 LANSDALE-ML13135_08 Datasheet
504Kb / 11P
   FM Communications Receiver
More results

Similar Description - ML13135

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135_08 Datasheet
504Kb / 11P
   FM Communications Receiver
logo
Motorola, Inc
MC3367 MOTOROLA-MC3367 Datasheet
499Kb / 9P
   LOW VOLTAGE FM NARROWBAND RECEIVER
MC3335 MOTOROLA-MC3335 Datasheet
118Kb / 6P
   Low Power Narrowband FM Receiver
MC3374 MOTOROLA-MC3374 Datasheet
244Kb / 8P
   Low Voltage FM Narrowband Receiver
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
   Low Power Dual Conversion FM Receiver
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
   LOW?밣OWER DUAL CONVERSION FM RECEIVER
logo
TEMIC Semiconductors
U4065B TEMIC-U4065B Datasheet
290Kb / 23P
   FM Receiver
logo
Samsung semiconductor
KA8509 SAMSUNG-KA8509 Datasheet
120Kb / 4P
   FM RECEIVER
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
   FM IF RECEIVER
logo
Siemens Semiconductor G...
TBB469 SIEMENS-TBB469 Datasheet
119Kb / 7P
   FM Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com