Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL850A Datasheet(PDF) 8 Page - GENESYS LOGIC

Part # GL850A
Description  USB 2.0 Low-Power HUB Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL850A Datasheet(HTML) 8 Page - GENESYS LOGIC

Back Button GL850A Datasheet HTML 4Page - GENESYS LOGIC GL850A Datasheet HTML 5Page - GENESYS LOGIC GL850A Datasheet HTML 6Page - GENESYS LOGIC GL850A Datasheet HTML 7Page - GENESYS LOGIC GL850A Datasheet HTML 8Page - GENESYS LOGIC GL850A Datasheet HTML 9Page - GENESYS LOGIC GL850A Datasheet HTML 10Page - GENESYS LOGIC GL850A Datasheet HTML 11Page - GENESYS LOGIC GL850A Datasheet HTML 12Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
GL850A USB 2.0 Low-Power HUB Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 8
CHAPTER 2
FEATURES
Compliant to USB specification Revision 2.0
4 downstream ports
Upstream port supports both high-speed (HS) and full-speed (FS) traffic
Downstream ports support HS, FS, and low-speed (LS) traffic
1 control pipe (endpoint 0, 64-byte data payload) and 1 interrupt pipe (endpoint 1, 1-byte data payload)
Backward compatible to USB specification Revision 1.1
On-chip 8-bit micro-processor
RISC-like architecture
USB optimized instruction set
Dual cycle instruction execution
Performance: 6 MIPS @ 12MHz
With 64-byte RAM and 2K internal ROM
Support customized PID, VID by reading external EEPROM
Support downstream port configuration by reading external EEPROM
Single Transaction Translator (STT)
Single TT shares the same TT control logics for all downstream port devices. This is the most cost
effective solution for TT. Multiple TT provides individual TT control logics for each downstream port.
This is a performance better choice for USB 2.0 hub. Please refer to GL852 datasheet for more
detailed information.
Each downstream port supports two-color status indicator, with automatic and manual modes compliant to
USB specification Revision 2.0
Support both individual and gang modes of power management and over-current detection for
downstream ports (64-pin LQFP)
Support gang mode of power management and over-current detection for downstream ports
Conform to bus power requirements
Automatic switching between self-powered and bus-powered modes
Integrate USB 2.0 transceiver
PLL embedded with external 12 MHz crystal
Operate on 3.3 Volts
Embed serial resister for USB signals and integrate pull-up resister for upstream USB signal
Improve output drivers with slew-rate control for EMI reduction
Internal power-fail detection for ESD recovery
64/48-pin LQFP package
Applications:
Stand-alone USB hub
PC motherboard USB hub, Docking of notebook
Any compound device to support USB HUB function


Similar Part No. - GL850A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL850 ETC-GL850 Datasheet
382Kb / 40P
   USB 2.0 4-PORT HUB Controller
logo
GENESYS LOGIC
GL850G GENESYS-GL850G Datasheet
314Kb / 25P
   USB 2.0 HUB Controller
GL850G-MNGXX GENESYS-GL850G-MNGXX Datasheet
314Kb / 25P
   USB 2.0 HUB Controller
GL850G-MNNXX GENESYS-GL850G-MNNXX Datasheet
314Kb / 25P
   USB 2.0 HUB Controller
More results

Similar Description - GL850A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
GENESYS LOGIC
GL850G GENESYS-GL850G Datasheet
314Kb / 25P
   USB 2.0 HUB Controller
logo
Cypress Semiconductor
CY7C65632 CYPRESS-CY7C65632_12 Datasheet
662Kb / 25P
   HX2VL??Very Low Power USB 2.0 Hub Controller
CY7C656XX CYPRESS-CY7C656XX Datasheet
544Kb / 24P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_09 Datasheet
553Kb / 25P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620_13 Datasheet
411Kb / 30P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620 CYPRESS-CY7C65620 Datasheet
170Kb / 2P
   EZ-USB HX2LP??Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_08 Datasheet
503Kb / 25P
   EZ-USB HX2LP?? Low-Power USB 2.0 Hub Controller Family
CY7C656XX CYPRESS-CY7C656XX_11 Datasheet
581Kb / 28P
   EZ-USB HX2LP??Low Power USB 2.0 Hub Controller Family
CY7C65620_1105 CYPRESS-CY7C65620_1105 Datasheet
403Kb / 29P
   EZ-USB HX2LP Low Power USB 2.0 Hub Controller Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com