Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL826-MNG Datasheet(PDF) 8 Page - GENESYS LOGIC

Part # GL826-MNG
Description  USB 2.0 Multi-Slot Flash Card Reader Controller (All-in-one with Dual SD/MMC bus Interface)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL826-MNG Datasheet(HTML) 8 Page - GENESYS LOGIC

Back Button GL826-MNG Datasheet HTML 4Page - GENESYS LOGIC GL826-MNG Datasheet HTML 5Page - GENESYS LOGIC GL826-MNG Datasheet HTML 6Page - GENESYS LOGIC GL826-MNG Datasheet HTML 7Page - GENESYS LOGIC GL826-MNG Datasheet HTML 8Page - GENESYS LOGIC GL826-MNG Datasheet HTML 9Page - GENESYS LOGIC GL826-MNG Datasheet HTML 10Page - GENESYS LOGIC GL826-MNG Datasheet HTML 11Page - GENESYS LOGIC GL826-MNG Datasheet HTML 12Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
GL826 USB 2.0 Multi-Slot Flash Card Reader Controller
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 8
CHAPTER 1 FEATURES
USB specification compliance
- Compliant with Universal Serial Bus specification rev. 2.0.
- Compliant with USB Mass Storage Class Bulk only Transport Specification rev. 1.0.
- Supports one USB device address and up to 5 endpoints, including one control, one interrupt and 2 bulk
IN / OUT endpoint pairs.
Integrated USB building blocks
- USB2.0 transceiver macro (UTM), Serial Interface Engine (SIE), embedded Power-On Reset (POR)
and Low-Voltage Detector (LVD)
Embedded 8051 micro-controller
- Operate @ 60 MHz clock, 12 clocks per instruction cycle
- Embedded 64K Byte mask ROM and internal 256 byte SRAM
Support firmware upgrade to external flash via USB port ( ISP : In System Programming )
Embedded five power switches for power control of five cards interface
- Programmable over-current detected period is from 1us to 0.64 ms
- Internal pull-up/pull-down resistance I/O pad controlled by firmware
On-chip 5V to 3.3V and 3.3V to 1.8V regulators
On board 12 Mhz Crystal driver circuit
128-pin LQFP: Support the following memory card interfaces
- CompactFlash
TM
(CF), Microdrive
- Secure Digital
TM
(SD), miniSD
TM
, microSD
TM
/TransFlash
TM
- MultiMediaCard
TM
(MMC), MMCplus
TM
, MMCmobile
TM
, MMCmicro
TM
, RS-MMC
- Memory Stick
TM
(MS), Memory Stick PRO
TM
(MS PRO), MS Duo, MS PRO Duo, MS Micro (M2)
- SmartMedia
TM
(SM)
- xD-Picture Card
TM
Type M/H
Support CF v4.0 with PIO mode 0-6 and UDMA 0-4 mode
Support SD and MMC
- SDHC(SD v2.0) 4-bit
- MMC v4.2 8-bit
Support CE-ATA v1.0b (external flash)
Support Dual SD and MS-PRO 4-bit for 5 slots (CF, SM/xD, SD/MMC 8bit, MS/MSPRO, microSD/
MMCmicro/ T-Flash 4bit)
Support MS PRO-HG 8-bit for 4 slots (CF, SM/xD, SD/MMC 8bit, MS/MSPRO-HG)
Support SM v1.00
Support xD-Picture v1.2C Type M/H (TID:AA-CG0451)
Two independent SD/MMC interfaces
- One is SD/MMC 8bit, the other is microSD/ MMCmicro/ T-Flash 4bit
- Support SD/MMC-to-SD/MMC read/write operations.
48-pin LQFP: Support MS PRO-HG 8-bit and SDHC/MMC v4.2 8-bit
Operating system supported: Windows Vista32&64/XP/2000/Me/98/98SE, Mac OS 9.X/10.X, Linux
Kernel 2.4.X/2.6.X
- Pass Windows Vista32&64 (submission ID:1231473)
- Pass Windows XP (submission ID: 1231870)
Support external serial EEPROM interface (8-bit format) for the flexibility to load vender information and
system option
High efficient hardware engine
- Integrated Fast 8051 microprocessor
- High efficient DMA hardware engine improves transfer rate between USB and flash card interfaces
Available in 128-pin LQFP 14x14 mm and 48-pin LQFP green package


Similar Part No. - GL826-MNG

ManufacturerPart #DatasheetDescription
logo
GENESYS LOGIC
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
   USB 2.0 SD 3.0/MMC/MS Card Reader Controller
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
   USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
GL823K-HCYXX GENESYS-GL823K-HCYXX Datasheet
368Kb / 15P
   USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
GL824-MZGXX GENESYS-GL824-MZGXX Datasheet
1Mb / 56P
   USB 2.0 On-The-Go Controller
More results

Similar Description - GL826-MNG

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
MA8121K PROLIFIC-MA8121K Datasheet
201Kb / 2P
   USB 2.0 SD/MMC Card Reader Controller
logo
GENESYS LOGIC
GL828 GENESYS-GL828 Datasheet
501Kb / 23P
   USB 2.0 SD/MMC Single Slot Card Reader Controller
GL827L GENESYS-GL827L Datasheet
599Kb / 21P
   USB 2.0 Single Slot SD/MMC/MS Card Reader Controller
GL822 GENESYS-GL822 Datasheet
103Kb / 6P
   USB 2.0 SD 3.0/MMC/MS Card Reader Controller
logo
Prolific Technology Inc...
MA8168A PROLIFIC-MA8168A Datasheet
200Kb / 2P
   USB 2.0 SD/MMC/MS/xD/CF Card Reader Controller
logo
List of Unclassifed Man...
AU6367 ETC2-AU6367 Datasheet
424Kb / 20P
   USB2.0 SD/MMC Flash Card Reader with UFD Controller
logo
GENESYS LOGIC
GL827 GENESYS-GL827 Datasheet
1Mb / 47P
   USB 2.0 Single Slot SD/MMC/MS/SM/xD-Picture Card Reader Controller
logo
Winbond
W81386D WINBOND-W81386D Datasheet
544Kb / 22P
   Winbond USB Interface MS/SD/MMC Reader
logo
SMSC Corporation
USB2244 SMSC-USB2244 Datasheet
565Kb / 22P
   Ultra Fast USB 2.0 SD/MMC Flash Media Controller
logo
GENESYS LOGIC
GL823K GENESYS-GL823K Datasheet
368Kb / 15P
   USB 2.0 SD/MSPRO Card Reader Controller
Revision 1.03 Dec. 17, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com