Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML13176 Datasheet(PDF) 7 Page - LANSDALE Semiconductor Inc.

Part # ML13176
Description  UHF FM/AM Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13176 Datasheet(HTML) 7 Page - LANSDALE Semiconductor Inc.

Back Button ML13176 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13176 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Figure 11. Block Diagram of ML1317x PLL
fo = nfi
N = 8 : ML13175
N = 32 : ML13176
Kn = 1/N
Divider
θo(s)
Pins 13,14
Ko = 0.91Mrad/sec/µA
Amplifier and
Current Controlled
Oscillator
Pin 6
Low Pass
Filter
Kf
θn(s) = θo(s)/N
Pin 7
θe(s)
Kp = 30 µA/rad
Phase
Detector
fn = fo/N
Pins 9,8
fi = f ref
θi(s)
Kp
Kf
Kn
Ko
Ko
= Phase detector gain constant in
=
µA/rad; Kp = 30 µA/rad
= Filter transfer function
= 1/N; N = 8 for the MC13175 and
= 1/N; N = 32 for the MC13176
= CCO gain constant in rad/sec/
µA
= 9.1 x 105 rad/sec/
µA
Where:
LANSDALE Semiconductor, Inc.
ML13175/ML13176
LOOP FILTERING
The fundamental loop characteristics, such as capture range,
loop bandwidth, lock–up time and transient response are con-
trolled externally by loop filtering.
The natural frequency (
ωn) and damping factor (L ) are
important in the transient response to a step input of phase or
frequency. For a givenL and lock time wn can be determined
from the plot shown in Figure 12.
For L = 0.707 and lock time = 1.0 ms;
then
ω = 5.0/t = 5.0 krad/sec.
The loop filter may take the form of a simple low pass filter
or a lag–lead filter which creates an additional pole at origin
in the loop transfer function. This additional pole along with
that of the CCO provides two pure integrators (1/s
2
). In the
lag–lead low pass network shown in Figure 13, the values of
the low pass filtering parameters R1, R2 and C determine the
loop constants
ωn and L. The equations t1=R1 C and t2=R2C
are related in the loop filter transfer functions
F(s) = 1 +
t2s/1 + (t1 +t2)s.
The closed loop transfer function takes the form of a 2nd
order low pass filter given by,
H(s )= KvF(s)/s + KvF(s)
From control theory, if the loop filter characteristic has F(0) =
1, the DC gain of the closed loop, Kv is defined as,
Kv = KpKoKn
and the transfer function has a natural frequency,
ωn = Kv/t1 + t2)1/2
and a dampning factor,
L = (
ωn/2) (t2 + 1Kv)
Rewriting the above equations and solving for the ML13176
with L = 0.707 and
ωn = 5.0 k rad/sec.
Kv = KpKoKn = (30) (0.91 X 10
6)(1/32) = 0.853 X 106
t1 + t2 = Kv/ωn2 = 0.853 X 10
6/(25 X 106) = 34.1 ms
t2 = 2L /ωn = (2)(0.707)/(5 X 10
3) = 0.283 ms
t1 = (Kv/ωn2) –t2=(34.1–0.283) = 33.8 ms
Legacy Applications Information
Figure 12. Type 2 Second Order Response
0
ωnt
1.0
2.0 3.0
4.0 5.0 6.0
7.0 8.0 9.0
10
11
12 13
0.8
1.9
0.4
0.6
0.7
0.2
0.3
0.5
1.5
2.0
ζ = 0.1
1.0
0.8
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Figure 13. Lag–Lead Low Pass Filter
VO
C
R2
R1
Vin
www.lansdale.com
Page 7 of 16
Issue c


Similar Part No. - ML13176

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13176 LANSDALE-ML13176 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
ML13176-5P LANSDALE-ML13176-5P Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Similar Description - ML13176

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com