Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML13176-5P Datasheet(PDF) 8 Page - LANSDALE Semiconductor Inc.

Part # ML13176-5P
Description  UHF FM/AM Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML13176-5P Datasheet(HTML) 8 Page - LANSDALE Semiconductor Inc.

Back Button ML13176-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML13176-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML13176-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML13176-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML13176-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML13176-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML13176-5P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML13176-5P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML13176-5P Datasheet HTML 12Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Figure 15. External Loop Amplifier
68k
Phase
Detector
Output
30
µA
30
µA
R1
1000p
C1
7
R2
33k
2N4402
1.0k
R3
4.7k
R4
R5
VCC = 3.0Vdc
1.6V
15k
50
µA
Oscillator
Control
Circuitry
12
5, 10, 15
6
ML13175/ML13176
LANSDALE Semiconductor, Inc.
For C = 0.47
µ:
then R1 = t1/C = 33.8 X 10 –3/0.47 X 10 –6 = 72 k
thus, R2 = t2/C = 0.283 X 10 –3/0.47 X 10 –6 = 0.60k
In the above example, the following standard value components
are used,
C = 0.47
µf; R2 = 620 and R’1 = 72 kΩ – 53 kΩ ~ 18 kΩ
(R’1 is defined as R1 – 53 kΩ, the output impedance of the phase
detector.)
Since the output of the phase detector is high impedance (~50 k)
and serves as a current source, and the input to the frequency con-
trol, Pin 6 is low impedance (impedance of the two diode to
ground is approximately 500
Ω), it is imperative that the second
order low pass filter design above be modified. In order to mini-
mize loading of the R2C shunt network, a higher impedance must
be established to Pin 6. A simple solution is achieved by adding a
low pass network between the passive second order network and
the input to Pin 6. This helps to minimize the loading effects on
the second order low pass while further suppressing the sideband
spurs of the crystal oscillator. A low pass filter with R3 = 1.0 k
and C2 - 1500 p has a corner frequency (fc) of 106 kHz; the ref-
erence sideband spurs are down greater than – 60 dBc.
HOLD–IN RANGE
The hold–in range, also called the lock range, tracking range and
synchronization range, is the ability of the CCO frequency, fo to
track the input reference signal, fref • N as it gradually shifted
away from the free running frequency, ff. Assuming that the CCO
is capable of sufficient frequency deviation and that the internal
loop amplifier and filter are not overdriven, the CCO will track
until the phase error,
θe approaches ±π/2 radians. Figures 5
through 8 are a direct measurement of the hold–in range (i.e.
∆fref x N = ±∆fH x 2π). Since sin θe cannot exceed ±1.0, as θe
approaches ±
π/2 the hold–in range is equal to the DC loop gain
Kv X N.
±
∆ωH = ± Kv x N
where, Kv = KpKoKn.
In the above example,
±
∆ωH = ±27.3 Mrad/sec
±
∆fH = ±4.35 MHz
EXTENDED HOLD–IN RANGE
The hold–in range of about 3.4% could cause problems over tem-
perature in cases where the free–running oscillator drifts more
than 2 to 3% because of relatively high temperature coefficients
of the ferrite tuned CCO inductor. This problem might worsen for
lower frequency applications where the external tuning coil is
large compared to internal capacitance at Pins 1 and 4. To
improve hold–in range performance, it is apparent that the gain
factors involved must be carefully considered.
Kn = is either 1/8 in the ML13175 or 1/32 in the ML13176
Kp = is fixed internally and cannot be altered.
Ko = Figures 9 and 10 suggest that there is capability of
greater control range with more current swing. However,
this swing must be symmetrical about the center of the
dynamic response. The suggested zero current operating
point for ±100
µA swing of the CCO is at about + 70
µA offset point.
Ka = External loop amplification will be necessary since the
phase detector only supplies ±30
µA.
In the design example in Figure 15, an external resistor (R5) of
15 k
Ω to VCC (3.0 Vdc) provides approximately 100 µA of cur-
rent boost to supplement the existing 50
µA internal source cur-
rent. R4 (1.0 kΩ) is selected for approximately 0.1 Vdc across it
with 100
µA. R1, R2 and R3 are selected to set the potential at
Pin 7 and the base of 2N4402 at approximately 0.9 Vdc and the
emitter at 1.55 Vdc when error current to Pin 6 is approximately
zero
µA. C1 is chosen to reduce the level of the crystal sidebands.
Legacy Applications Information
Figure 14. Modified Low Pass Loop Filter
Pin 6
1500pf
C3
R3
1.0k
VCC
0.47
µf
C
620
R2
R'1
18k
Pin 7
www.lansdale.com
Page 8 of 16
Issue Cc


Similar Part No. - ML13176-5P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML13176-5P LANSDALE-ML13176-5P Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
More results

Similar Description - ML13176-5P

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Motorola, Inc
MC13176 MOTOROLA-MC13176 Datasheet
748Kb / 18P
   UHF FM/AM Transmitter
logo
LANSDALE Semiconductor ...
ML13175 LANSDALE-ML13175_08 Datasheet
304Kb / 16P
   UHF FM/AM Transmitter
logo
Motorola, Inc
MC13175 MOTOROLA-MC13175 Datasheet
269Kb / 17P
   UHF FM/AM TRANSMITTER
logo
CML Microcircuits
CMX017 CMLMICRO-CMX017 Datasheet
1Mb / 14P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F_14 Datasheet
1Mb / 5P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
List of Unclassifed Man...
CMX017 ETC-CMX017 Datasheet
372Kb / 12P
   UHF FM/FSK Transmitter
logo
rfsolutions.ltd
120T1-433F RFSOLUTIONS-120T1-433F Datasheet
81Kb / 3P
   AM / FM RADIO TRANSMITTER KEYFOBS
logo
Radiometrix Ltd
TX2H-433-64-5V RADIOMETRIX-TX2H-433-64-5V Datasheet
226Kb / 5P
   UHF High Power FM Transmitter
TX2H-4XX-64 RADIOMETRIX-TX2H-4XX-64 Datasheet
228Kb / 5P
   UHF High Power FM Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com