Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145028 Datasheet(PDF) 10 Page - LANSDALE Semiconductor Inc.

Part # ML145028
Description  Encoder and Decoder Pairs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145028 Datasheet(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button ML145028 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. ML145028 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.lansdale.com
Page 10 of 19
Issue 0
LANSDALE Semiconductor, Inc.
ML145026, ML145027, ML145028
DATA PERIOD
ENCODER
OSCILLATOR
(PIN 12)
Dout
(PIN 15)
ENCODED
“ONE”
ENCODED
“ZERO”
ENCODED
“OPEN”
Figure 11. Encoder Data Waveforms
500
400
300
200
100
VDD = 15 V
VDD = 10 V
VDD = 5 V
Figure 12. fmax vs Clayout — Decoders Only
Clayout (pF) ON PINS 1 – 5 (ML145027); PINS 1 – 5 AND 12 – 15 (ML145028)
10
20
30
40
50


Similar Part No. - ML145028

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145040 LANSDALE-ML145040 Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040 LANSDALE-ML145040 Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040-6P LANSDALE-ML145040-6P Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040-6P LANSDALE-ML145040-6P Datasheet
648Kb / 12P
   8-Bit A/D Converters With Serial Interface
ML145040RP LANSDALE-ML145040RP Datasheet
498Kb / 12P
   8-Bit A/D Converters With Serial Interface
More results

Similar Description - ML145028

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Freescale Semiconductor...
MC145026 FREESCALE-MC145026 Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Texas Instruments
TIR1000PSR TI1-TIR1000PSR Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000 TI-TIR1000 Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com