Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145026P Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

Part # MC145026P
Description  Encoder and Decoder Pairs
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145026P Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button MC145026P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145026P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145026P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145026P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145026P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145026P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC145026P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC145026P Datasheet HTML 12Page - LANSDALE Semiconductor Inc. MC145026P Datasheet HTML 13Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.lansdale.com
Page 9 of 19
Issue 0
LANSDALE Semiconductor, Inc.
ML145026, ML145027, ML145028
RS
CTC
RTC
11
12
13
INTERNAL
ENABLE
Figure 9. Encoder Oscillator Information
This oscillator operates at a frequency determined by the
external RC network; i.e.,
f
1
2.3 RTC CTC′
(Hz)
for 1 kHz
≤ f ≤ 400 kHz
where: CTC′ = CTC + Clayout + 12 pF
RS ≈ 2 RTC
RS ≥ 20 k
RTC ≥ 10 k
400 pF < CTC < 15 µF
The value for RS should be chosen to be ≥ 2 times RTC. This range ensures
that current through RS is insignificant compared to current through RTC. The
upper limit for RS must ensure that RS x 5 pF (input capacitance) is small com-
pared to RTC x CTC.
For frequencies outside the indicated range, the formula is less accurate.
The minimum recommended oscillation frequency of this circuit is 1 kHz. Sus-
ceptibility to externally induced noise signals may occur for frequencies below
1 kHz and/or when resistors utilized are greater than 1 M
Ω.
Figure 10. Timing Diagram
PWmin
TE
2 WORD TRANSMISSION
ENCODER
CONTINUOUS TRANSMISSION
ENCODER
OSCILLATOR
(PIN 12)
Dout
(PIN 15)
VT
(PIN 11)
DATA OUTPUTS
1.1 (R2C2)
DECODER
ENCODING SEQUENCE
1ST
DIGIT
HIGH
2ND WORD
1ST WORD
OPEN
LOW
9TH
DIGIT
9TH
DIGIT
1ST
DIGIT


Similar Part No. - MC145026P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145026P MOTOROLA-MC145026P Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Freescale Semiconductor...
MC145026P FREESCALE-MC145026P Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
MC145026P FREESCALE-MC145026P Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
More results

Similar Description - MC145026P

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC145027DWR2 FREESCALE-MC145027DWR2 Datasheet
157Kb / 20P
    Encoder and Decoder Pairs
logo
Motorola, Inc
SC41344 MOTOROLA-SC41344 Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
Freescale Semiconductor...
MC145026 FREESCALE-MC145026 Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
logo
List of Unclassifed Man...
SPRC201A ETC1-SPRC201A Datasheet
1Mb / 18P
   10 FUNCTIONS REMOTE CONTROL ENCODER/DECODER PAIRS
logo
Texas Instruments
TIR1000PSR TI1-TIR1000PSR Datasheet
788Kb / 14P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
TIR1000 TI-TIR1000 Datasheet
119Kb / 9P
[Old version datasheet]   STANDALONE IrDAE ENCODER AND DECODER
logo
List of Unclassifed Man...
VD5012 ETC-VD5012 Datasheet
115Kb / 3P
   ENCODER / DECODER
logo
National Semiconductor ...
MM53200 NSC-MM53200 Datasheet
76Kb / 2P
   Encoder/Decoder
logo
Altera Corporation
8B10B ALTERA-8B10B Datasheet
495Kb / 40P
   Encoder/Decoder
logo
List of Unclassifed Man...
MX325 ETC-MX325 Datasheet
314Kb / 7P
   CTCSS ENCODER / DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com