Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC145106P Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

Part # MC145106P
Description  PLL Frequency Synthesizer CMOS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145106P Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  MC145106P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145106P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.lansdale.com
Page 3 of 8
LANSDALE Semiconductor, Inc.
ML145106
ELECTRICAL CHARACTERISTICS (TA = 25°C Unless Otherwise Stated, Voltages Referenced to VSS)
VDD
All Types
Characteristic
Symbol
VDD
Vdc
Min
Typ*
Max
Unit
Power Supply Voltage Range
VDD
4.5
12
V
Supply Current
IDD
5.0
10
12
6
20
28
10
35
50
mA
Input Voltage
“0” Level
VIL
5.0
10
12
1.5
3.0
3.6
V
“1” Level
VIH
5.0
10
12
3.5
7.0
8.4
Input Current
“0” Level
FS, Pull–Up Resistor Source Current)
Iin
5.0
10
12
– 5.0
– 15
– 20
– 20
– 60
– 80
– 50
– 150
– 200
µA
(P0 – P8)
5.0
10
12
– 0.3
– 0.3
– 0.3
(FS)
“1” Level
5.0
10
12
0.3
0.3
0.3
(P0 – P8, Pull–Down Resistor Sink Current)
5.0
10
12
7.5
22.5
30
30
90
120
75
225
300
(OSCin, fin)
“0” Level
5.0
10
12
– 2.0
– 6.0
– 9.0
– 6.0
– 25
– 37
– 15
– 62
– 92
(OSCin, fin)
“1” Level
5.0
10
12
2.0
6.0
9.0
6.0
25
37
15
62
92
Output Drive Current
(VO = 4.5 V)
Source
(VO = 9.5 V)
(VO = 11.5 V)
IOH
5.0
10
12
– 0.7
– 1.1
– 1.5
– 1.4
– 2.2
– 3.0
mA
(VO = 0.5 V)
Sink
(VO = 0.5 V)
(VO = 0.5 V)
IOL
5.0
10
12
0.9
1.4
2.0
1.8
2.8
4.0
Input Amplitude
(fin @ 4.0 MHz)
(OSCin @ 10.24 MHz)
1.0
1.5
0.2
0.3
V p–p
Sine
Input Resistance
(OSCin, fin)
Rin
5.0
10
12
1.0
0.5
M
Input Capacitance
(OSCin, fin)
Cin
6.0
pF
Three–State Leakage Current
(
φDetout)
IOZ
5.0
10
12
1.0
1.0
1.0
µA
Input Frequency
(– 40 to + 85
°C)
fin
4.5
12
0
0
4.0
4.0
MHz
Oscillator Frequency
(– 40 to + 85
°C)
OSCin
4.5
12
0.1
0.1
10.24
10.24
MHz
*Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC's potential performance.
Issue Bb


Similar Part No. - MC145106P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145106P MOTOROLA-MC145106P Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
LANSDALE Semiconductor ...
MC145106P LANSDALE-MC145106P Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
More results

Similar Description - MC145106P

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
Fujitsu Component Limit...
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
logo
Motorola, Inc
MC145170-1 MOTOROLA-MC145170-1 Datasheet
456Kb / 27P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com