Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145151 Datasheet(PDF) 18 Page - LANSDALE Semiconductor Inc.

Part # ML145151
Description  Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145151 Datasheet(HTML) 18 Page - LANSDALE Semiconductor Inc.

Back Button ML145151 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 15Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 16Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 17Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 18Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 19Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 20Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 21Page - LANSDALE Semiconductor Inc. ML145151 Datasheet HTML 22Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
www.lansdale.com
Page 18 of 35
Issue A
LANSDALE Semiconductor, Inc.
ML145157
14–BIT SHIFT REGISTER
14–BIT
÷ N COUNTER
φV
ML145157 BLOCK DIAGRAM
φR
REFERENCE COUNTER LATCH
PHASE
DETECTOR
B
PHASE
DETECTOR
A
LOCK
DETECT
LD
PDout
fin
OSCin
OSCout
ENB
14
14
14–BIT SHIFT REGISTER
DATA
CLK
14
REFout
÷ N COUNTER LATCH
14–BIT
÷ R COUNTER
14
S/Rout
fR
fV
1–BIT
CONTROL
S/R
PIN DESCRIPTIONS
INPUT PINS
fin
Frequency Input (Pin 8)
Input frequency from VCO output. A rising edge signal on
this input decrements the ÷ N counter. This input has an invert-
er biased in the linear region to allow use with AC coupled sig-
nals as low as 500 mV p–p. For larger amplitude signals (stan-
dard CMOS logic levels), DC coupling may be used.
CLK, DATA
Shift Clock, Serial Data Inputs (Pins 9, 10)
Each low–to–high transition of the clock shifts one bit of
data into the on–chip shift registers. The last data bit entered
determines which counter storage latch is activated; a logic
1selects the reference counter latch and a logic 0 selects the
÷ N counter latch. The entry format is as follows:
ENB
Latch Enable Input (Pin 11)
A logic high on this pin latches the data from the shift regis-
ter into the reference divider or ÷ N latches depending on the
control bit. The reference divider latches are activated if the
control bit is at a logic high and the ÷ N latches are activated if
the control bit is at a logic low. A logic low on this pin allows
the user to change the data in the shift registers without affect-
ing the counters. ENB is normally low and is pulsed high to
transfer data to the latches.
OSCin, OSCout
Reference Oscillator Input/Output (Pins 1, 2)
These pins form an on–chip reference oscillator when con-
nected to terminals of an external parallel resonant crystal.
Frequency setting capacitors of appropriate value must be con-
nected from OSCin to ground and OSCout to ground. OSCin
may also serve as the input for an externally–generated refer-
ence signal. This signal is typically AC coupled to OSCin, but
for larger amplitude signals (standard CMOS logic levels) DC
coupling may also be used. In the external reference mode, no
connection is required to OSCout.
OUTPUT PINS
PDout
Single–Ended Phase Detector A Output (Pin 5)
This single–ended (three–state) phase detector output pro-
duces a loop–error signal that is used with a loop filter to con-
trol a VCO.
Frequency fV > fR or fV Leading: Negative Pulses
Frequency fV < fR or fV Lagging: Positive Pulses
Frequency fV = fR and Phase Coincidence:
High–Impedance State
φR, φV
Double–Ended Phase Detector B Outputs (Pins 16, 15)
These outputs can be combined externally for a loop–error
signal. A single–ended output is also available for this purpose
(see PDout).
FIRST DATA BIT INTO SHIFT REGISTER


Similar Part No. - ML145151

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145151 LANSDALE-ML145151 Datasheet
536Kb / 35P
   PLL Frequency Synthesizer Family
ML145151 LANSDALE-ML145151_08 Datasheet
536Kb / 35P
   PLL Frequency Synthesizer Family
More results

Similar Description - ML145151

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145156 MOTOROLA-MC145156 Datasheet
718Kb / 36P
   Parallel-Input PLL Frequency Synthesizer
logo
Fujitsu Component Limit...
MB15E03SLPFV1-G-BND-6E1 FUJITSU-MB15E03SLPFV1-G-BND-6E1 Datasheet
373Kb / 32P
   Single PLL Frequency Synthesizers with On-Chip Prescalers
MB501L FUJITSU-MB501L Datasheet
237Kb / 12P
   TWO MODULUS PRESCALERS
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC12210 MOTOROLA-MC12210 Datasheet
98Kb / 12P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Fujitsu Component Limit...
MB1502 FUJITSU-MB1502 Datasheet
244Kb / 15P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
logo
Nippon Precision Circui...
PLL200 NPC-PLL200 Datasheet
629Kb / 7P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com