Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145145-6P Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

Part # ML145145-6P
Description  4-Bit Data Bus Input PLL Frequency Synthesizer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145145-6P Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML145145-6P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145145-6P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145145-6P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145145-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145145-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145145-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145145-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145145-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145145-6P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.lansdale.com
Page 1 of 12
ML145145
4–Bit Data Bus Input PLL
Frequency Synthesizer
Legacy Device: Motorola MC145145-2
The ML145145 is programmed by a 4–bit input, with
strobe and address lines. The device features consist of a
reference oscillator, 12–bit programmable reference
divider, digital phase detector, 14–bit programmable
divide–by–N counter, and the necessary latch circuitry for
accepting the 4–bit input data.
• Operating Temperature Range: TA – 40 to 85°C
• Low Power Consumption Through the Use of CMOS
Technology
• 3.0 to 9.0 V Supply Range
• Single Modulus 4–Bit Data Bus Programming
• ÷N Range = 3 to 16,383, ÷R Range = 3 to 4,095
• “Linearized” Digital Phase Detector Enhances
Transfer Function Linearity
• Two Error Signal Options:
Single–Ended (Three–State)
Double–Ended
BLOCK DIAGRAM
φV
LD
ST
A2
A1
A0
D3
D2
D1
D0
LOCK
DETECT
PHASE
DETECTOR
B
PHASE
DETECTOR
A
12–BIT R COUNTER
LATCHES
LATCH
CONTROL
CIRCUITRY
14–BIT N COUNTER
LATCH 1
LATCH 2
L3
REFout
OSCin
OSCout
fin
PDout
φR
LATCH 4
LATCH 5
LATCH 6
fR
fV
LATCH 0
PIN ASSIGNMENTS
VDD
fin
D0
D1
A1
A0
OSCout
OSCin
VSS
φR
REFout
D3
D2
A2
ST
PDout
LD
φV
14
15
16
17
18
10
11
12
13
5
4
3
2
1
9
8
7
6
PLASTIC DIP
VDD
fin
NC
D0
D1
A1
A0
OSCout
OSCin
VSS
5
4
3
2
1
10
9
8
7
6
14
15
16
17
18
19
20
11
12
13
φV
φR
REFout
D3
D2
NC
A2
ST
PDout
LD
SOG PACKAGE
NC = NO CONNECTION
INTERFACES WITH SINGLE–MODULUS PRESCALERS
P DIP 18 = VP
PLASTIC DIP
CASE 707
SOG 20 = -6P
SOG PACKAGE
CASE 751D
18
1
20
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 18
MC145145P1
ML145145VP
SOG 20
MC145145DW2
ML145145-6P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from ML to MLE.
Issue Bb


Similar Part No. - ML145145-6P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145145-6P LANSDALE-ML145145-6P Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
More results

Similar Description - ML145145-6P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145146-2 MOTOROLA-MC145146-2 Datasheet
59Kb / 2P
   4-Bit Data Bus Input PLL Frequency Synthesizer
MC145146P-2 MOTOROLA-MC145146P-2 Datasheet
55Kb / 2P
   4 BIT DATA BUS INPUT BUS INPUT PLL FREQUENCY SYNTHESIZER
logo
LANSDALE Semiconductor ...
ML145146 LANSDALE-ML145146 Datasheet
3Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
ML145145 LANSDALE-ML145145_08 Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
ML145146 LANSDALE-ML145146_08 Datasheet
1Mb / 12P
   4?밄it Data Bus Input PLL Frequency Synthesizer
logo
Motorola, Inc
MC1451452 MOTOROLA-MC1451452 Datasheet
58Kb / 2P
   4-Bit Data Bus Inpu PLL Frequency Synthesizer
logo
Nippon Precision Circui...
SM5158A NPC-SM5158A Datasheet
60Kb / 7P
   Serial input PLL frequency synthesizer
logo
Fujitsu Component Limit...
MB15A02 FUJITSU-MB15A02 Datasheet
2Mb / 16P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1501 FUJITSU-MB1501 Datasheet
238Kb / 17P
   SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB1511 FUJITSU-MB1511 Datasheet
127Kb / 15P
   Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com