Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145408 Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

Part # ML145408
Description  Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145408 Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML145408 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145408 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145408 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145408 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145408 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145408 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145408 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145408 Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.lansdale.com
Page 5 of 8
Issue A
PIN DESCRIPTIONS
VCC
Digital Power Supply
The digital supply pin, which is connected to the logic power
supply (+ 5.5 V maximum).
GND
Ground
Ground return pin is typically connected to the signal ground
pin of the EIA–232–E connector (Pin 7) as well as to the logic
power supply ground.
VDD
Most Positive Device Pin
The most positive power supply pin, which is typically + 5 to
+ 12 V.
VSS
Most Negative Device Pin
The most negative power supply pin, which is typically – 5 to – 12 V.
Rx1 – Rxn
Receive Data Input Pins
These are the EIA–232–E receive signal inputs. A voltage
between + 3 and + 25 V is decoded as a space, and causes the
corresponding DO pin to swing to ground (0 V). A voltage
between – 3 and – 25 V is decoded as a mark, and causes the
corresponding DO pin to swing to VCC.
DO1 – DOn
Data Output Pins
These are the receiver digital output pins which swing
fromVCC to GND. Each output pin is capable of driving one
LSTTL input load.
LANSDALE Semiconductor, Inc.
ML145403, ML145404, ML145405, ML145408
Figure 1. Power–Off Source Resistance
Illustrated for ML145408
DI5
14
124
11
VDD
16
18
20
22
9
3
5
7
13
12
GND
VDD VCC
DI4
DI3
DI2
DI1
Tx5
Tx4
Tx3
Tx2
Tx1
Vin = ± 2 V
Rout
V
in
I
Figure 2. Switching Characteristics
50%
DI
+ 3 V
0 V
tf
10%
90%
tr
tPHL
tPLH
VOL
VOH
Tx
DRIVERS
50%
Rx
+ 3 V
0 V
tf
10%
90%
tr
tPHL
tPLH
VOL
VOH
DO
RECEIVERS
Figure 3. Slew Rate Characteristics
Tx
+3 V
tSHL
DRIVERS
+3 V
tSLH
– 3 V
–3 V
Slew Rate =
6 V
tSLH or tSHL


Similar Part No. - ML145408

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145408 LANSDALE-ML145408 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
More results

Similar Description - ML145408

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
logo
Integral Corp.
IN145403 INTEGRAL-IN145403 Datasheet
144Kb / 3P
   DRIVERS/RECEIVERS RS-232-E
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
logo
Texas Instruments
MAX232 TI-MAX232_07 Datasheet
562Kb / 16P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
REVISED MARCH 2004
MAX232 TI-MAX232_08 Datasheet
669Kb / 17P
[Old version datasheet]   DUAL EIA-232 DRIVERS/RECEIVERS
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com