Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27200DRKR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27200DRKR
Description  SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ27200DRKR Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ27200DRKR Datasheet HTML 4Page - Texas Instruments BQ27200DRKR Datasheet HTML 5Page - Texas Instruments BQ27200DRKR Datasheet HTML 6Page - Texas Instruments BQ27200DRKR Datasheet HTML 7Page - Texas Instruments BQ27200DRKR Datasheet HTML 8Page - Texas Instruments BQ27200DRKR Datasheet HTML 9Page - Texas Instruments BQ27200DRKR Datasheet HTML 10Page - Texas Instruments BQ27200DRKR Datasheet HTML 11Page - Texas Instruments BQ27200DRKR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
www.ti.com
UDG−03041
+
SCL
PACK−
PACK+
ESD Protection
D1
5.6 V
SDA
ESD Protection
D2
5.6 V
R7
100
R8
100
R1
1 k
C1
0.1
µF
R2
1 k
RS
0.02
R4
10 k
C2
0.1
µF
C3
0.1
µF
C4
0.1
µF
C3
0.1
µF
R3
1 k
R5
100
R6
100
Li-Ion Protector
Li-Ion
or
Li-Pol
PGM TP
1
2
3
4
9
8
7
6
GPIO
SRP
SRN
BAT
RBI
VCC
VSS
SCL
bq27200DRK
5
SDA
10
PGM
11
Measurements
Charge and Discharge Coulometric and Current Measurements
bq27000, bq27200
SLUS556D – SEPTEMBER 2004 – REVISED MARCH 2006
FUNCTIONAL DESCRIPTION (continued)
Figure 3 shows a typical application circuit. Differential sense of the voltage across the current sense resistor,
R
S, improves device performance, leading to an improvement in reported time-to-empty accuracy. An internal, 3
µA pull-down on the HDQ or SDA and SCL lines ensures that the device detects a logic 0 on the communication
lines and allows the device to automatically enter the low-power sleep mode when the system power is switched
off or the pack is removed. A 100 k
Ω pullup to V
CC can be added to the communication lines if this feature needs
to be disabled. The bqJUNIOR can operate directly from a single Li-Ion or Li-Pol cell.
Figure 3. Typical Application Circuit (bq27200)
As shown in the functional block diagram, the bqJUNIOR uses a dedicated fully differential Delta-Sigma Coulomb
Counter (DSCC) for charge and discharge current and coulometric measurements and an analog-to-digital
converter (ADC) for battery voltage and temperature measurements. Both DSCC and ADC are automatically
compensated for offset. No user calibration or compensation is required. An EEPROM offset value can be
programmed to compensate for contributions to the DSCC offset due to the PCB layout.
The bqJUNIOR uses a DSCC to perform a continuous integration of the voltage waveform across a small value
sense resistor in the negative lead of the battery, as shown in Figure 3. The integration of the voltage across the
sense resistor is the charge added or removed from the battery. Because the DSCC does a direct integration of
the waveform, the shape of the current waveform through the sense resistor does not have any effect on the
coulometric measurement accuracy. The low-pass filter that feeds the sense resistor voltage to the bqJUNIOR
SRP and SRN inputs filters out system noise and does not affect the coulometric measurement accuracy,
because the low-pass filter does not change the integrated value of the waveform. The bqJUNIOR also uses the
DSCC to measure current. The reported current is determined by the average voltage across the sense resistor
over a 5.12 second interval.
8
Submit Documentation Feedback


Similar Part No. - BQ27200DRKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27200DRKR TI-BQ27200DRKR Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27200DRKR TI-BQ27200DRKR Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
bq27200DRKR TI1-bq27200DRKR Datasheet
807Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27200DRKRG4 TI-BQ27200DRKRG4 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
More results

Similar Description - BQ27200DRKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27000 TI-BQ27000_06 Datasheet
557Kb / 31P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27X00-TESTER TI1-BQ27X00-TESTER Datasheet
807Kb / 33P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27000 TI-BQ27000 Datasheet
366Kb / 29P
[Old version datasheet]   SINGLE CELL Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210 TI-BQ27210 Datasheet
397Kb / 30P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27010 TI1-BQ27010_17 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS (bqJUNIOR)
BQ27210DRKRG4 TI1-BQ27210DRKRG4 Datasheet
977Kb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI1-BQ27010_13 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion AND Li-Pol BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ27010 TI-BQ27010 Datasheet
117Kb / 7P
[Old version datasheet]   SINGLE-CELL LHON AND LI-POL BATTERY GAS GAUGE IC FOR PORTABLE APPLICATIONS
BQ26500 TI-BQ26500 Datasheet
336Kb / 27P
[Old version datasheet]   SINGLE-CELL LI-ION AND BATTERY GAS GAUGE IC FOR HANDHELD APPLICATIONS
BQ28550-R1 TI1-BQ28550-R1 Datasheet
1Mb / 42P
[Old version datasheet]   Single Cell Li-Ion Battery Gas Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com