Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145407-6P Datasheet(PDF) 6 Page - LANSDALE Semiconductor Inc.

Part # ML145407-6P
Description  5 Volt Only Driver/Receiver RS232 EIA-232-E and CCITT V.28
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145407-6P Datasheet(HTML) 6 Page - LANSDALE Semiconductor Inc.

  ML145407-6P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145407-6P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145407-6P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145407-6P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145407-6P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145407-6P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145407-6P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145407-6P Datasheet HTML 8Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.lansdale.com
Page 6 of 8
Issue A
LANSDALE Semiconductor, Inc.
ML145407
ESD CONSIDERATIONS
ESD protection on IC devices that have their pins accessible
to the outside world is essential. High static voltages applied to
the pins when someone touches them either directly or indi-
rectly can cause damage to gate oxides and transistor junctions
by coupling a portion of the energy from the I/O pin to the
power supply busses of the IC. This coupling will usually
occur through the internal ESD protection diodes. The key to
protecting the IC is to shunt as much of the energy to ground
as possible before it enters the IC. Figure 7 shows a technique
which will clamp the ESD voltage at approximately + 15 V
using the MMBZ15VDLT1. Any residual voltage which
appears on the supply pins is shunted to ground through the
0.1 µF capacitors.
OPERATION WITH SMALLER VALUE CHARGE
PUMP CAPS
The ML145407 is characterized in the electrical tables using
10 µF charge pump caps to illustrate its capability in driving a
companion ML145406 or ML145403. If there is no require-
ment to support a second interface device and/or the charge
pump is not being used to power any other components, the
ML145407 is capable of complying with EIA–232–E and V.28
with smaller value charge pump caps.Table 1 summarizes driv-
er performance with both 2.2 µF and1.0µF charge pump caps.
14
600
16
TIP
13
BYPASS
DTMF
INPUT
RDSI
20 k
CDSI RTLA
+ 5 V
20
6
9
8
3
11
5
TLA
DSI
TxA
RxA2
1
17
15
VDD
Xin
Xout
CD
TxD
RxD
SQT
LB
MODE
CDA
VSS
CDT
VAG
FB
ExI
RxA1
RTx
18
10
19
4
600:600
CFB
+
10 k
RING
VDD
VDD
BYPASS
VSS
CCDT
12
7
2
10 k
10 k
10 k
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
10
µF
1.0
µF
3.579
MHz
CCDA
3
1
15
16
13
17
19
6
5
8
7
9
8
2
3
7
2
4
VSS
GND
DI3
DI2
DO1
DI1
C2 +
C2 – VDD
VCC C1 –
C1 +
Tx1
Rx1
Tx2
Rx2
Rx3
* Line protection circuit
ML145442
OR
ML145443
ML145407
1.0
µF
1.0
µF
1.0
µF
+
EIA–232–E
DB–25
CONNECTOR
0.1
µF
0.1
µF
0.1
µF
*
Figure 4. 5 V, 300 Baud Modem with EIA–232–E Interface
Table 1. Typical Performance
Parameter
2.2
µF
1.0
µF
Tx VOH @ 25°C
7.3
7.2
Tx VOH @ 85°C
7.2
7.1
Tx VOL @ 25°C
– 6.5
– 6.4
Tx VOL @ 85°C
– 6.1
– 6.0
Tx Slew Rate @ 25
°C
8.0 V/
µs
8.0 V/
µs
Tx Slew Rate @ 85
°C
7.0 V/
µs
7.0 V/
µs


Similar Part No. - ML145407-6P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145407-6P LANSDALE-ML145407-6P Datasheet
173Kb / 8P
   5 Volt Only Driver
More results

Similar Description - ML145407-6P

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145406 LANSDALE-ML145406_08 Datasheet
208Kb / 10P
   Driver/Receiver EIA 232?밇 and CCITT V.28
ML145583 LANSDALE-ML145583 Datasheet
527Kb / 7P
   3.3 Volt Only Driver/Receiver with an Integrated Standby Mode RS 232/EIA-232-E and CCITT V.28
ML145406 LANSDALE-ML145406 Datasheet
759Kb / 10P
   Driver/Receiver EIA 232-E and CCITT V.28 (Formerly RS-232-D)
ML145403 LANSDALE-ML145403 Datasheet
916Kb / 8P
   Drivers/Receivers RS 232/EIA-232-E and CCITT V.28
logo
NXP Semiconductors
MC145406 PHILIPS-MC145406 Datasheet
90Kb / 5P
   EIA-232-D/V.28 driver/receiver
August 31, 1994
logo
LANSDALE Semiconductor ...
ML145403 LANSDALE-ML145403_08 Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
logo
Integral Corp.
IN145406 INTEGRAL-IN145406 Datasheet
112Kb / 3P
   EIA-232-E / V.28 DRIVERS/RECEIVERS
logo
Motorola, Inc
MC145407 MOTOROLA-MC145407 Datasheet
178Kb / 8P
   5 VOLT ONLY DRIVER / RECEIVER
logo
National Semiconductor ...
DS14185 NSC-DS14185 Datasheet
173Kb / 8P
   EIA/TIA-232 3 Driver x 5 Receiver
DS14196 NSC-DS14196 Datasheet
131Kb / 7P
   EIA/TIA-232 5 Driver x 3 Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com