Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM200DU-24F Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # CM200DU-24F
Description  Trench Gate Design Dual IGBTMOD??200 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM200DU-24F Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  CM200DU-24F Datasheet HTML 1Page - Powerex Power Semiconductors CM200DU-24F Datasheet HTML 2Page - Powerex Power Semiconductors CM200DU-24F Datasheet HTML 3Page - Powerex Power Semiconductors CM200DU-24F Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
CM200DU-24F
Trench Gate Design Dual IGBTMOD™
200 Amperes/1200 Volts
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Dynamic Electrical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Input Capacitance
Cies
––
78
nf
Output Capacitance
Coes
VCE = 10V, VGE = 0V
3.4
nf
Reverse Transfer Capacitance
Cres
––
2
nf
Inductive
Turn-on Delay Time
td(on)
VCC = 600V, IC = 200A,
300
ns
Load
Rise Time
tr
VGE1 = VGE2 = 15V,
80
ns
Switch
Turn-off Delay Time
td(off)
RG = 1.6 ,–
500
ns
Times
Fall Time
tf
Inductive Load
300
ns
Diode Reverse Recovery Time**
trr
Switching Operation
200
ns
Diode Reverse Recovery Charge**
Qrr
IE = 200A
12.2
µC
Thermal and Mechanical Characteristics, Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Thermal Resistance, Junction to Case
Rth(j-c)QPer IGBT 1/2 Module, Tc Reference
0.15
°C/W
Point per Outline Drawing
Thermal Resistance, Junction to Case
Rth(j-c)DPer FWDi 1/2 Module, Tc Reference
0.18
°C/W
Point per Outline Drawing
Thermal Resistance, Junction to Case
Rth(j-c)'Q
Per IGBT 1/2 Module,
0.08
°C/W
Tc Reference Point Under Chip
Contact Thermal Resistance
Rth(c-f)
Per Module, Thermal Grease Applied
0.020
°C/W
** Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).


Similar Part No. - CM200DU-24F

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200DU-24F MITSUBISHI-CM200DU-24F Datasheet
71Kb / 4P
   HIGH POWER SWITCHING USE
CM200DU-24F MITSUBISHI-CM200DU-24F Datasheet
133Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM200DU-24F MITSUBISHI-CM200DU-24F_09 Datasheet
133Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results

Similar Description - CM200DU-24F

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM50DU-24F POWEREX-CM50DU-24F Datasheet
104Kb / 4P
   Trench Gate Design Dual IGBTMOD??50 Amperes/1200 Volts
CM75DU-24F POWEREX-CM75DU-24F Datasheet
107Kb / 4P
   Trench Gate Design Dual IGBTMOD??75 Amperes/1200 Volts
CM150DU-24F POWEREX-CM150DU-24F Datasheet
93Kb / 4P
   Trench Gate Design Dual IGBTMOD??150 Amperes/1200 Volts
CM300DU-24F POWEREX-CM300DU-24F Datasheet
94Kb / 4P
   Trench Gate Design Dual IGBTMOD??300 Amperes/1200 Volts
CM100DU-24F POWEREX-CM100DU-24F Datasheet
104Kb / 4P
   Trench Gate Design Dual IGBTMOD??100 Amperes/1200 Volts
CM400HU-24F POWEREX-CM400HU-24F Datasheet
101Kb / 4P
   Trench Gate Design Single IGBTMOD??400 Amperes/1200 Volts
CM100TU-24F POWEREX-CM100TU-24F Datasheet
127Kb / 4P
   Trench Gate Design Six IGBTMOD??100 Amperes/1200 Volts
CM50TU-24F POWEREX-CM50TU-24F Datasheet
127Kb / 4P
   Trench Gate Design Six IGBTMOD??50 Amperes/1200 Volts
CM600HU-24F POWEREX-CM600HU-24F Datasheet
98Kb / 4P
   Trench Gate Design Single IGBTMOD??600 Amperes/1200 Volts
CM75TU-24F POWEREX-CM75TU-24F Datasheet
127Kb / 4P
   Trench Gate Design Six IGBTMOD??75 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com