Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRUH33PA13A1MP Datasheet(PDF) 1 Page - International Rectifier

Part # IRUH33PA13A1MP
Description  Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRUH33PA13A1MP Datasheet(HTML) 1 Page - International Rectifier

  IRUH33PA13A1MP Datasheet HTML 1Page - International Rectifier IRUH33PA13A1MP Datasheet HTML 2Page - International Rectifier IRUH33PA13A1MP Datasheet HTML 3Page - International Rectifier IRUH33PA13A1MP Datasheet HTML 4Page - International Rectifier IRUH33PA13A1MP Datasheet HTML 5Page - International Rectifier IRUH33PA13A1MP Datasheet HTML 6Page - International Rectifier IRUH33PA13A1MP Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ultra Low Dropout
IRUH33PA13A1M
Positive Adjustable Linear Regulator
+3.3Vin at 3.0A
www.irf.com
1
The IRUH33PA13A1M is a space qualified, ultra low
dropout linear regulator designed specifically for space
applications. This product has been characterized to a total
ionizing dose of 1.0Mrad(Si) per MIL-STD-883, Method
1019 at both high and low dose rates under biased and
unbiased conditions to account for ELDRS effects in bipolar
devices. The ultra low dropout voltage of 0.4V @ 3A makes
the part particularly useful for applications requiring low
noise and higher efficiency.
11/14/05
Features:
n Total dose to 1.0Mrad(Si) and low dose
capability to 500 Krad(Si) allows use in
space applications
n Single Event latchup Immune
LET = 84 MeV/(mg/cm2)
Fluency = 1 x 109 Ions/cm2
n Low noise, higher efficiency
n Ultra low dropout voltage of 0.4V@ 3A out
significantly reduces power consumption
n Remote shutdown permits power
sequencing to be easily implemented
n Hermetic 8-lead flat pack ensures higher
reliability
n Space Level Screened
n This part is also available in MO-078 Package
as IRUH33PA13B1M
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Output Current
IO
3.5
A
Input Voltage
VIN
7.0
Output Voltage
VOUT
1.265V To (VIN - 0.4V)
Power Dissipation, TC = 25°C
PTOT
19
W
Thermal Resistance, Junction to Case
RTHJC
6.5
°C/W
Operating Temperature Range
TJ
-55 to +125
Storage Temperature Range
TS
-65 to +150
°C
Lead Temperature
TL
300
V
Product Summary
Part Number
Dropout
IO
Vin
Vout
IRUH33PA13A1M
0.4V
3.0A
3.3V
1.265V To (VIN - 0.4V)
8-LEAD FLAT PACK
PD-97033


Similar Part No. - IRUH33PA13A1MP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRUH33PA13B1M IRF-IRUH33PA13B1M Datasheet
62Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH33PA13B1M IRF-IRUH33PA13B1M Datasheet
108Kb / 7P
   Ultra Low Dropout Ultra Low Dropout
IRUH33PA13B20 IRF-IRUH33PA13B20 Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH33PA13B20K IRF-IRUH33PA13B20K Datasheet
1Mb / 21P
   Neutron Test Report
More results

Similar Description - IRUH33PA13A1MP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OMR9601SF IRF-OMR9601SF Datasheet
129Kb / 8P
   Ultra Low Dropout Linear Regulator (3.3Vin to 2.5Vout at 3.0A)
OMR9601SC IRF-OMR9601SC Datasheet
130Kb / 8P
   Ultra Low Dropout Linear Regulator 3.3Vin to 2.5Vout at 3.0A
IRUH33P253A1M IRF-IRUH33P253A1M Datasheet
80Kb / 8P
   Positive Fixed Linear Regulator 3.3Vin to 2.5Vout at 3.0A
IRUH33PA13B20 IRF-IRUH33PA13B20 Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23B1M IRF-IRUH50PA23B1M Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23A1M IRF-IRUH50PA23A1M Datasheet
107Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH33PA13B1M IRF-IRUH33PA13B1M Datasheet
62Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23B20 IRF-IRUH50PA23B20 Datasheet
108Kb / 7P
   Ultra Low Dropout Positive Adjustable Linear Regulator
OM7764ASM IRF-OM7764ASM Datasheet
176Kb / 5P
   Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Surface Mount (SMD-6)
OM7764 IRF-OM7764_13 Datasheet
168Kb / 5P
   Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com