Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1184K5 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1184K5
Description  4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1184K5 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1184K5 Datasheet HTML 1Page - Diodes Incorporated AP1184K5 Datasheet HTML 2Page - Diodes Incorporated AP1184K5 Datasheet HTML 3Page - Diodes Incorporated AP1184K5 Datasheet HTML 4Page - Diodes Incorporated AP1184K5 Datasheet HTML 5Page - Diodes Incorporated AP1184K5 Datasheet HTML 6Page - Diodes Incorporated AP1184K5 Datasheet HTML 7Page - Diodes Incorporated AP1184K5 Datasheet HTML 8Page - Diodes Incorporated AP1184K5 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP1184
4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR
FIXED-MODE REGULATOR
AP1184 Rev. 2
5 of 11
MAY 2007
www.diodes.com
© Diodes Incorporated
Electrical Characteristics ( Continued )
Unless otherwise specified, these specifications apply over, Cin = 1uF, Cout = 10uF, and Tj = 0 to 150
oC. Typical value refer to TA = 25oC.
Vout = Vsense.
Sym.
Parameter
Test Condition
Min. Typ. Max. Unit
I adj
Adjust Pin Current
Vctrl = 2.75V, Vin = 2.05,Vadj = 0
50
150
µA
θJA Thermal Resistance
Junction-to-Ambient
TO263-5L: Control Circuitry/Power Transistor (Note 4)
TO220-5L: Control Circuitry/Power Transistor (Note 5)
61
31
OC/W
OC/W
θJC Thermal Resistance
Junction-to-Case
TO263-5L: Control Circuitry/Power Transistor (Note 4)
TO220-5L: Control Circuitry/Power Transistor (Note 5)
7
5
OC/W
OC/W
Note:
3.
AP1184-ADJ incorporates an internal thermal shutdown that protects the device when the junction temperature exceeds the allowable
maximum junction temperature.
4.
Test conditions for TO263-5L: Device mounted on 2oz copper, minimum recommended pad layout, FR-4 PCB.
5.
Test conditions for TO220-5L: with copper area of approximately 3in
2, 1oz.
Package
Max Pd.
Remarks
TO263-5L/TO220-5L
2.4W~4.4W With heat sink or amount of copper board needed.
Functional Descriptions
Introduction
The AP1184 regulator is a 5 terminal device designed specifically to provide extremely low dropout voltages comparable to the PNP type
without the disadvantage of the extra power dissipation due to the base current associated with PNP regulators. This is done by bringing
out the control pin of the regulator that provides the base current to the power NPN and connecting it to a voltage that is greater than the
voltage present at the
Vin pin. This flexibility makes the AP1184 ideal for applications where dual inputs are available such as a computer
motherboard with an ATX style power supply that provides 5V and 3.3V to the board. One such application is the new graphic chip sets
that require anywhere from 2.4V to 2.7V supply. The AP1184 can easily be programmed with the addition of two external resistors to any
voltages within the range of 1.25V to 15.5V. Another major requirement of these graphic chips is the need to switch the load current from
zero to several amps in tens of nanoseconds at the processor pins, which translates to an approximately 300 to 500ns of current step at
the regulator. In addition, the output voltage tolerances are also extremely tight and they include the transient response as part of the
specification.
The AP1184 is specifically designed to meet the fast current transient needs as well as providing an accurate initial voltage, reducing the
overall system cost with the need for fewer number of output capacitors. Another feature of the device is its true remote sensing capability
that allows accurate voltage setting at the load rather than at the device.
Output Voltage Setting
The AP1184-ADJ can be programmed to any voltages in the range of 1.25V to 15.5V with the addition of R1 and R2 external resistors
according to the following formula:
Vout = Vref (1+R2/R1) + Iadj * R2 where : Vref = 1.25V & Iadj=50uA Typically
AP1184-ADJ
Vin
Vctrl
Adj
Vout
Vsense
R1+
R2+
Vref
Iadj=50uA


Similar Part No. - AP1184K5

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1184K5 ANACHIP-AP1184K5 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184K5 DIODES-AP1184K5 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
AP1184K5-15L-13 DIODES-AP1184K5-15L-13 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
AP1184K5-15L-U DIODES-AP1184K5-15L-U Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
AP1184K5-18L-13 DIODES-AP1184K5-18L-13 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
More results

Similar Description - AP1184K5

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1184 DIODES-AP1184 Datasheet
313Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 1
logo
GTM CORPORATION
G5E1284 GTM-G5E1284 Datasheet
214Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
SeCoS Halbleitertechnol...
S5U1284 SECOS-S5U1284 Datasheet
590Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G5E1284 ETL-G5E1284 Datasheet
217Kb / 4P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Anachip Corp
AP1184 ANACHIP-AP1184 Datasheet
236Kb / 11P
   4A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1184 DIODES-AP1184_08 Datasheet
265Kb / 12P
   4A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1184 Rev. 4
logo
Anachip Corp
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1185 A-POWER-APE1185 Datasheet
569Kb / 10P
   3A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com