Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM200DY-24H Datasheet(PDF) 1 Page - Powerex Power Semiconductors

Part # CM200DY-24H
Description  Dual IGBTMOD 200 Amperes/1200 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM200DY-24H Datasheet(HTML) 1 Page - Powerex Power Semiconductors

  CM200DY-24H Datasheet HTML 1Page - Powerex Power Semiconductors CM200DY-24H Datasheet HTML 2Page - Powerex Power Semiconductors CM200DY-24H Datasheet HTML 3Page - Powerex Power Semiconductors CM200DY-24H Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
269
Dual IGBTMOD™
H-Series Module
200 Amperes/1200 Volts
CM200DY-24H
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
Outline Drawing and Circuit Diagram
Dimensions
Inches
Millimeters
A
4.25
108.0
B
3.66
±0.01
93.0
±0.25
C
2.44
62.0
D
1.89
±0.01
48.0
±0.25
E
1.22 Max.
31.0 Max.
F
0.98
25.0
G
0.85
21.5
H
0.60
15.2
Dimensions
Inches
Millimeters
J
0.59
15.0
K
0.55
14.0
L
0.30
8.5
M
0.28
7.0
N
0.256 Dia.
Dia. 6.5
P
0.24
6.0
Q
M6 Metric
M6
R
0.20
5.0
Description:
Powerex IGBTMOD™ Modules
are designed for use in switching
applications. Each module consists
of two IGBT Transistors in a
half-bridge configuration with each
transistor having a reverse-
connected super-fast recovery
free-wheel diode. All components
and interconnects are isolated
from the heat sinking baseplate,
offering simplified system assem-
bly and thermal management.
Features:
□ Low Drive Power
□ Low VCE(sat)
□ Discrete Super-Fast Recovery
(135ns) Free-Wheel Diode
□ High Frequency Operation
(20-25kHz)
□ Isolated Baseplate for Easy
Heat Sinking
Applications:
□ AC Motor Control
□ Motion/Servo Control
□ UPS
□ Welding Power Supplies
□ Laser Power Supplies
Ordering Information:
Example: Select the complete part
module number you desire from
the table below -i.e. CM200DY-24H
is a 1200V (VCES), 200 Ampere
Dual IGBTMOD™ Power Module.
Type
Current Rating
VCES
Amperes
Volts (x 50)
CM
200
24
E1
C1
E2
G1
E2
G2
C2E1
A
B
F
F
G
D
C
K
J
P
P
R
C2E1
C1
E2
N - DIA.
(4 TYP.)
Q - M6 THD
(3 TYP.)
M
M
E
M
H
L
.110 TAB


Similar Part No. - CM200DY-24H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM200DY-24H MITSUBISHI-CM200DY-24H Datasheet
49Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM200DY-24H

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM200DU-24H POWEREX-CM200DU-24H Datasheet
340Kb / 4P
   Dual IGBTMOD 200 Amperes/1200 Volts
CM200HA-24H POWEREX-CM200HA-24H Datasheet
67Kb / 4P
   Single IGBTMOD 200 Amperes/1200 Volts
CM200DU-24NFH POWEREX-CM200DU-24NFH Datasheet
457Kb / 4P
   Dual IGBTMOD NFH-Series Module 200 Amperes/1200 Volts
CM200DU-24F POWEREX-CM200DU-24F Datasheet
66Kb / 4P
   Trench Gate Design Dual IGBTMOD??200 Amperes/1200 Volts
CM300DU-24H POWEREX-CM300DU-24H Datasheet
61Kb / 4P
   Dual IGBTMOD 300 Amperes/1200 Volts
CM50DY-24H POWEREX-CM50DY-24H Datasheet
58Kb / 4P
   Dual IGBTMOD 50 Amperes/1200 Volts
CM600DU-24F POWEREX-CM600DU-24F Datasheet
65Kb / 4P
   Dual IGBTMOD 600 Amperes/1200 Volts
CM75DY-24H POWEREX-CM75DY-24H Datasheet
53Kb / 4P
   Dual IGBTMOD 75 Amperes/1200 Volts
CM100DU-24H POWEREX-CM100DU-24H Datasheet
517Kb / 4P
   Dual IGBTMOD 100 Amperes/1200 Volts
CM300DY-24H POWEREX-CM300DY-24H Datasheet
55Kb / 4P
   Dual IGBTMOD 300 Amperes/1200 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com