Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD5216P Datasheet(PDF) 3 Page - Winbond

Part # ISD5216P
Description  8 to 16 minutes voice record/playback device with integrated codec
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD5216P Datasheet(HTML) 3 Page - Winbond

  ISD5216P Datasheet HTML 1Page - Winbond ISD5216P Datasheet HTML 2Page - Winbond ISD5216P Datasheet HTML 3Page - Winbond ISD5216P Datasheet HTML 4Page - Winbond ISD5216P Datasheet HTML 5Page - Winbond ISD5216P Datasheet HTML 6Page - Winbond ISD5216P Datasheet HTML 7Page - Winbond ISD5216P Datasheet HTML 8Page - Winbond ISD5216P Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 75 page
background image
ISD5216
Publication Release Date: Jan. 31, 2006
- 3 -
Revision B.4
3. BLOCK DIAGRAM
5/22/01
I5216 Block Diagram
AUX IN
AMP
AGC
Low Pass
Filter
SUM1
DAO
VOL
SP+
SP-
SPEAKER
AUX OUT
MIC+
MIC -
AGCCAP
MICROPHONE
AUX IN
MCLK
V
SSA
V
CCA
V
SSA
V
SSD
V
SSD
V
CCD
V
CCD
2 x 64 S/H
Program/Read Control
Array I/O Mux
SUM1
INP
DAO
SUM2
FILTO
SUM2
SUM1
Summing
AMP
SUM2
Summing
AMP
Volume
Control
MIC IN
AUX IN
FILTO
SUM1
AUX IN
FILTO
SUM2
(ANALOG)
ARRAY
INP
SUM1 MUX
CTRL
(DIGITAL)
2 x 64-bit reg.
ARRAY OUT
(ANALOG)
ARRAY OUT
(DIGITAL)
ARRAY
Spkr.
AMP
AUX
OUT
AMP
Power Conditioning
RAC
INT
SDA
SCL
A1
A0
Device Control
Internal
Clock
Multilevel
Storage Array
Σ
Σ
2 (
)
VLS0
VLS1
2
(
)
AXG0
AXG1
2
(
)
S1S0
S1S1
2
(
)
S1M0
S1M1
2
(
)
S2M0
S2M1
(
)
OPA0
OPA1
2
(
)
OPS0
OPS1
2
(
)
FLD0
FLD1
2
(INS0)
1
1
(AXPD)
1
(AGPD)
1
(FLPD)
1 (FLS0)
3
( )
VOL0
VOL1
VOL2
PCM / I2S Interface
WS
SCK
SDIO
SDI
μ-Law / A-Law /
Linear 14 bit
CODEC
CODEC
Mux
SUM2
INP
CDI0
( )
2.2V Voltage
reference
MICBS
DAO
A/D
2
Auto mute
Auto gain
1
(AMT0)
(
) 2
ADPD
DAPD
CDI1
MIC+
MIC-
2
OSPD
CKDV
1
(AGPD)
÷2
1
(CKD2)
(
)
1
(VLPD)


Similar Part No. - ISD5216P

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5216 NUVOTON-ISD5216 Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
More results

Similar Description - ISD5216P

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD5216 NUVOTON-ISD5216 Datasheet
2Mb / 76P
   8 to 16 minutes voice record/playback device with integrated codec
logo
Winbond
I5216 WINBOND-I5216 Datasheet
758Kb / 83P
   8 TO 16 MINUTE VOICE RECORD/PLAYBACK SYSTEM WITH INTEGRATED CODEC
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
ISD5100 WINBOND-ISD5100 Datasheet
612Kb / 88P
   SINGLE-CHIP 1 TO 16 MINUTES DURATION VOICE RECORD/PLAYBACK DEVICES WITH DIGITAL STORAGE CAPABILITY
logo
List of Unclassifed Man...
UT53108 ETC-UT53108 Datasheet
123Kb / 9P
   VOICE RECORD PLAYBACK IC
logo
Nuvoton Technology Corp...
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD1900 NUVOTON-ISD1900 Datasheet
954Kb / 29P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com