Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC3544 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLC3544
Description  5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC3544 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC3544_07 Datasheet HTML 5Page - Texas Instruments TLC3544_07 Datasheet HTML 6Page - Texas Instruments TLC3544_07 Datasheet HTML 7Page - Texas Instruments TLC3544_07 Datasheet HTML 8Page - Texas Instruments TLC3544_07 Datasheet HTML 9Page - Texas Instruments TLC3544_07 Datasheet HTML 10Page - Texas Instruments TLC3544_07 Datasheet HTML 11Page - Texas Instruments TLC3544_07 Datasheet HTML 12Page - Texas Instruments TLC3544_07 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
TLC3544, TLC3548
5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL
ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
SLAS266C – OCTOBER 2000 – REVISED MAY 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range, AVDD = 5 V,
DVDD
= 5 V, VREFP = 5 V, VREFM = 0 V, SCLK frequency = 25 MHz (unless otherwise noted)
SCLK, SDI, SDO, EOC and INT
PARAMETERS
MIN
TYP
MAX
UNIT
t (1)
Cycle time of SCLK at 25 pF load
DVDD = 2.7 V
100
ns
tc(1)
Cycle time of SCLK at 25-pF load
DVDD = 5 V
40†
ns
tw(1)
Pulse width, SCLK high time at 25-pF load
40%
60%
tc(1)
t
Rise time for INT EOC at 10 pF load
DVDD = 5 V
6
ns
tr(1)
Rise time for INT, EOC at 10-pF load
DVDD = 2.7 V
10
ns
t
Fall time for INT EOC at 10 pF load
DVDD = 5 V
6
ns
tf(1)
Fall time for INT, EOC at 10-pF load
DVDD = 2.7 V
10
ns
tsu(1)
Setup time, new SDI valid (reaches 90% final level) before falling edge of SCLK, at 25-pF
load
6
ns
th(1)
Hold time, old SDI hold (reaches 10% of old data level) after falling edge of SCLK, at
25-pF load
0
ns
t
Delay time, new SDO valid (reaches 90% of final level) after SCLK rising
DVDD= 5 V
0
10
ns
td(1)
Delay time, new SDO valid (reaches 90% of final level) after SCLK rising
edge, at 10-pF load
DVDD = 2.7 V
0
23‡
ns
th(2)
Hold time, old SDO hold (reaches 10% of old data level) after SCLK rising edge, at 10-pF
load
0
ns
td(2)
Delay time, delay from sixteenth SCLK falling edge to EOC falling edge, normal sampling,
at 10-pF load
0
6
ns
td(3)
Delay time, delay from the sixteenth falling edge of SCLK to INT falling edge, at 10-pF
load [see the (‡) double dagger note and Note 6]
t(conv)
t(conv) + 6
µs
† The minimum pulse width of SCLK high is 12.5 ns. The minimum pulse width of SCLK low is 12.5 ns.
‡ Specified by design
NOTE 6: For normal short sampling, td(3) is the delay from 16th falling edge of SCLK to INT falling edge.
For normal long sampling, td(3) is the delay from 48th falling edge of SCLK to the falling edge of INT.
Conversion time, t(conv) is equal to 18 × OSC + 15 ns when using internal OSC as conversion clock, or 72 × tc(1) + 15 ns when external
SCLK is conversion clock source.


Similar Part No. - TLC3544_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3544CDW TI-TLC3544CDW Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544CDWR TI-TLC3544CDWR Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544CDWRG4 TI-TLC3544CDWRG4 Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544CPW TI-TLC3544CPW Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC3544CPWR TI-TLC3544CPWR Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
More results

Similar Description - TLC3544_07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC3544 TI-TLC3544 Datasheet
790Kb / 40P
[Old version datasheet]   5-V ANALOG, 3-/5-V DIGITAL, 14-BIT, 200-KSPS, 4-/8-CHANNELS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 0-5 V (PSEUDODIFFERENTIAL) INPUTS
TLC2574 TI-TLC2574 Datasheet
706Kb / 39P
[Old version datasheet]   5-V ANALOG 3-/5-V DIGITAL 14-/12-BIT 200-KSPS 4-/8-CHANNEL SERIAL ANALOG TO DIGITAL CONVERTERS WITH 10-V INPUTS
TLC3574IDW TI-TLC3574IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH 10-V INPUTS
TLC2578IDW TI1-TLC2578IDW Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG,3-/5-V DIGITAL, 14-/12-BIT, 200-KSPS, 4-/8-CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WIRH 10-V INPUTS
TLC2578IDWR TI-TLC2578IDWR Datasheet
1Mb / 49P
[Old version datasheet]   5-V ANALOG 3-5V DIGITAL 14-12BIT 200-KSPS 4-8CHANNEL SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLC4541 TI1-TLC4541_14 Datasheet
840Kb / 28P
[Old version datasheet]   5-V LOW POWER, 16-BIT, 200-KSPS SEREAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com