Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320C6701S16 Datasheet(PDF) 1 Page - Texas Instruments

Part # SM320C6701S16
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM320C6701S16 Datasheet(HTML) 1 Page - Texas Instruments

  SM320C6701S16 Datasheet HTML 1Page - Texas Instruments SM320C6701S16 Datasheet HTML 2Page - Texas Instruments SM320C6701S16 Datasheet HTML 3Page - Texas Instruments SM320C6701S16 Datasheet HTML 4Page - Texas Instruments SM320C6701S16 Datasheet HTML 5Page - Texas Instruments SM320C6701S16 Datasheet HTML 6Page - Texas Instruments SM320C6701S16 Datasheet HTML 7Page - Texas Instruments SM320C6701S16 Datasheet HTML 8Page - Texas Instruments SM320C6701S16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
SMJ320C6701
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
SGUS030B – APRIL 2000 – REVISED MAY 2001
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D Highest Performance Floating-Point Digital
Signal Processor (DSP) SMJ320C6701
– 7-, 6-ns Instruction Cycle Time
– 140-, 167-MHz Clock Rate
– Eight 32-Bit Instructions/Cycle
– Up to 1 GFLOPS Performance
– Pin-Compatible With ’C6201 Fixed-Point
DSP
D SMJ: QML Processing to MIL-PRF-38535
D SM: Standard Processing
D Operating Temperature Ranges
– Extended (W) –55
°C to 115°C
– Extended (S) –40
°C to 90°C
D VelociTI Advanced Very Long Instruction
Word (VLIW) ’C67x CPU Core
– Eight Highly Independent Functional
Units:
– Four ALUs (Floating- and Fixed-Point)
– Two ALUs (Fixed-Point)
– Two Multipliers (Floating- and
Fixed-Point)
– Load-Store Architecture With 32 32-Bit
General-Purpose Registers
– Instruction Packing Reduces Code Size
– All Instructions Conditional
D Instruction Set Features
– Hardware Support for IEEE
Single-Precision Instructions
– Hardware Support for IEEE
Double-Precision Instructions
– Byte-Addressable (8-, 16-, 32-Bit Data)
– 32-Bit Address Range
– 8-Bit Overflow Protection
– Saturation
– Bit-Field Extract, Set, Clear
– Bit-Counting
– Normalization
D 1M-Bit On-Chip SRAM
– 512K-Bit Internal Program/Cache
(16K 32-Bit Instructions)
– 512K-Bit Dual-Access Internal Data
(64K Bytes)
D 32-Bit External Memory Interface (EMIF)
– Glueless Interface to Synchronous
Memories: SDRAM and SBSRAM
– Glueless Interface to Asynchronous
Memories: SRAM and EPROM
D Four-Channel Bootloading
Direct-Memory-Access (DMA) Controller
With an Auxiliary Channel
D 16-Bit Host-Port Interface (HPI)
– Access to Entire Memory Map
D Two Multichannel Buffered Serial Ports
(McBSPs)
– Direct Interface to T1/E1, MVIP, SCSA
Framers
– ST-Bus-Switching Compatible
– Up to 256 Channels Each
– AC97-Compatible
– Serial-Peripheral-Interface (SPI)
Compatible (Motorola
)
D Two 32-Bit General-Purpose Timers
D Flexible Phase-Locked-Loop (PLL) Clock
Generator
D IEEE-1149.1 (JTAG)
Boundary-Scan-Compatible
D 429-Pin Ceramic Ball Grid Array (CBGA)
Package (GLP Suffix)
D 0.18-µm/5-Level Metal Process
– CMOS Technology
D 3.3-V I/Os, 1.9-V Internal
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
VelociTI is a trademark of Texas Instruments Incorporated.
Motorola is a trademark of Motorola, Inc.
† IEEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SM320C6701S16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI-SM320C6701-EP Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701GJCA12EP TI1-SM320C6701GJCA12EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320C6701S16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6747 TI-TMS320C6747 Datasheet
1Mb / 203P
[Old version datasheet]   Floating-point Digital Signal Processor
TMS320C6713B TI-TMS320C6713B_10 Datasheet
2Mb / 154P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701 TI-SM320C6701 Datasheet
894Kb / 63P
[Old version datasheet]   FLOATING - POINT DIGITAL SIGNAL PROCESSOR
TMS320C6713 TI-TMS320C6713_05 Datasheet
2Mb / 148P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMV320C6727B-SP TI-SMV320C6727B-SP_15 Datasheet
573Kb / 112P
[Old version datasheet]   Floating-Point Digital Signal Processor
TMS320C6701 TI-TMS320C6701_08 Datasheet
967Kb / 70P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SM320C6701-EP TI1-SM320C6701-EP Datasheet
938Kb / 65P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
TMSC6701 TI-TMSC6701 Datasheet
862Kb / 64P
[Old version datasheet]   FLOATING POINT DIGITAL SIGNAL PROCESSOR
SM320C6727B TI1-SM320C6727B Datasheet
710Kb / 111P
[Old version datasheet]   Floating-Point Digital Signal Processor
SMJ320C6701 TI-SMJ320C6701_15 Datasheet
1,002Kb / 66P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com