Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS867ADWG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALS867ADWG4
Description  SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALS867ADWG4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS867ADWG4 Datasheet HTML 1Page - Texas Instruments SN74ALS867ADWG4 Datasheet HTML 2Page - Texas Instruments SN74ALS867ADWG4 Datasheet HTML 3Page - Texas Instruments SN74ALS867ADWG4 Datasheet HTML 4Page - Texas Instruments SN74ALS867ADWG4 Datasheet HTML 5Page - Texas Instruments SN74ALS867ADWG4 Datasheet HTML 6Page - Texas Instruments SN74ALS867ADWG4 Datasheet HTML 7Page - Texas Instruments SN74ALS867ADWG4 Datasheet HTML 8Page - Texas Instruments SN74ALS867ADWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
5
6
7
8
9
10
11
25
24
23
22
21
20
19
43
2
1 28
12 13 14 15 16
QB
QC
QD
NC
QE
QF
QG
B
C
D
NC
E
F
G
17 18
27 26
NC – No internal connection
S0
S1
A
B
C
D
E
F
G
H
ENT
GND
VCC
ENP
QA
QB
QC
QD
QE
QF
QG
QH
CLK
RCO
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
SN54AS867, SN54AS869 . . . JT PACKAGE
SN74ALS867A, SN74ALS869, SN74AS867,
SN74AS869 . . . DW OR NT PACKAGE
(TOP VIEW)
SN54AS867, SN54AS869 . . . FK PACKAGE
(TOP VIEW)
SN54AS867, SN54AS869
SN74ALS867A, SN74ALS869, SN74AS867, SN74AS869
SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SDAS115C – DECEMBER 1982 – REVISED JANUARY 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Fully Programmable With Synchronous
Counting and Loading
SN74ALS867A and ′AS867 Have
Asynchronous Clear; SN74ALS869 and
′AS869 Have Synchronous Clear
Fully Independent Clock Circuit
Simplifies Use
Ripple-Carry Output for n-Bit Cascading
Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic
(NT) and Ceramic (JT) 300-mil DIPs
description
These synchronous, presettable, 8-bit up/down
counters
feature
internal-carry
look-ahead
circuitry for cascading in high-speed counting
applications. Synchronous operation is provided
by having all flip-flops clocked simultaneously so
that the outputs change coincidentally with each
other when so instructed by the count-enable
(ENP, ENT) inputs and internal gating. This mode
of operation eliminates the output counting spikes
normally associated with asynchronous (ripple-
clock) counters. A buffered clock (CLK) input
triggers the eight flip-flops on the rising (positive-
going) edge of the clock waveform.
These counters are fully programmable; they may
be preset to any number between 0 and 255. The
load-input circuitry allows parallel loading of the
cascaded
counters.
Because
loading
is
synchronous, selecting the load mode disables
the counter and causes the outputs to agree with
the data inputs after the next clock pulse.
The carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without
additional gating. Two count-enable (ENP and ENT) inputs and a ripple-carry (RCO) output are instrumental
in accomplishing this function. Both ENP and ENT must be low to count. The direction of the count is determined
by the levels of the select (S0, S1) inputs as shown in the function table. ENT is fed forward to enable RCO. RCO
thus enabled produces a low-level pulse while the count is zero (all outputs low) counting down or 255 counting
up (all outputs high). This low-level overflow-carry pulse can be used to enable successive cascaded stages.
Transitions at ENP and ENT are allowed regardless of the level of CLK. All inputs are diode clamped to minimize
transmission-line effects, thereby simplifying system design.
These counters feature a fully independent clock circuit. With the exception of the asynchronous clear on the
SN74ALS867A and
′AS867, changes at S0 and S1 that modify the operating mode have no effect on the Q
outputs until clocking occurs. For the
′AS867 and ′AS869, any time ENP and/or ENT is taken high, RCO either
goes or remains high. For the SN74ALS867A and SN74ALS869, any time ENT is taken high, RCO either goes
or remains high. The function of the counter (whether enabled, disabled, loading, or counting) is dictated solely
by the conditions meeting the stable setup and hold times.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALS867ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS867ADW TI-SN74ALS867ADW Datasheet
287Kb / 17P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SN74ALS867ADW TI-SN74ALS867ADW Datasheet
482Kb / 24P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SN74ALS867ADWE4 TI-SN74ALS867ADWE4 Datasheet
482Kb / 24P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SN74ALS867ADWR TI-SN74ALS867ADWR Datasheet
482Kb / 24P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SN74ALS867ADWRE4 TI-SN74ALS867ADWRE4 Datasheet
482Kb / 24P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
More results

Similar Description - SN74ALS867ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS867 TI-SN54AS867 Datasheet
287Kb / 17P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SN54AS867 TI-SN54AS867_06 Datasheet
482Kb / 24P
[Old version datasheet]   SYNCHRONOUS 8-BIT UP/DOWN COUNTERS
SN54LS668 TI-SN54LS668 Datasheet
481Kb / 12P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
Fairchild Semiconductor
DM74ALS169B FAIRCHILD-DM74ALS169B Datasheet
69Kb / 7P
   Synchronous Four-Bit Up/Down Counters
logo
STMicroelectronics
M54HC190 STMICROELECTRONICS-M54HC190 Datasheet
299Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
Texas Instruments
SN54192 TI1-SN54192_15 Datasheet
1Mb / 27P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN COUNTERS
logo
STMicroelectronics
M74HC190 STMICROELECTRONICS-M74HC190_01 Datasheet
555Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
M74HC191 STMICROELECTRONICS-M74HC191_01 Datasheet
566Kb / 14P
   4 BIT SYNCHRONOUS UP/DOWN COUNTERS
logo
National Semiconductor ...
MM54HC192 NSC-MM54HC192 Datasheet
180Kb / 8P
   Synchronous Decade Up/Down Counters Synchronous Binary Up/Down Counters
logo
Aeroflex Circuit Techno...
UT54ACS191 AEROFLEX-UT54ACS191 Datasheet
258Kb / 10P
   Synchronous 4-Bit Up-Down Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com