Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC112SJ Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74VHC112SJ
Description  Dual J-K Flip-Flops with Preset and Clear
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC112SJ Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74VHC112SJ Datasheet HTML 1Page - Fairchild Semiconductor 74VHC112SJ Datasheet HTML 2Page - Fairchild Semiconductor 74VHC112SJ Datasheet HTML 3Page - Fairchild Semiconductor 74VHC112SJ Datasheet HTML 4Page - Fairchild Semiconductor 74VHC112SJ Datasheet HTML 5Page - Fairchild Semiconductor 74VHC112SJ Datasheet HTML 6Page - Fairchild Semiconductor 74VHC112SJ Datasheet HTML 7Page - Fairchild Semiconductor 74VHC112SJ Datasheet HTML 8Page - Fairchild Semiconductor 74VHC112SJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC112 Rev. 1.2
5
AC Electrical Characteristics
Note:
2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load. Average operating current can be obtained from the equation:
ICC (opr.) = CPD • VCC • fIN + ICC / 4 (per F/F), and the total CPD when n pcs of the Flip-Flop operate can be calculated
by the following equation: CPD (total) = 30 + 14 • n
AC Operating Requirements
Note:
3. VCC is 3.3 ± 0.3V or 5.0 ± 0.5V.
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
TA = –40°C
to +85°C
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock
Frequency
3.3 ± 0.3
CL = 15pF
110
150
100
MHz
CL = 50pF
90
120
80
5.0 ± 0.5
CL = 15pF
150
200
135
MHz
CL = 50pF
120
185
110
tPLH, tPHL
Propagation Delay Time
(CP to Qn or Qn)
3.3 ± 0.3
CL = 15pF
8.5
11.0
1.0
13.4
ns
CL = 50pF
10.0
15.0
1.0
16.5
5.0 ± 0.5
CL = 15pF
5.1
7.3
1.0
8.8
ns
CL = 50pF
6.3
10.5
1.0
12.0
tPLH, tPHL
Propagation Delay Time
(PR or CLR to Qn or Qn)
3.3 ± 0.3
CL = 15pF
6.7
10.2
1.0
11.7
ns
CL = 50pF
9.7
13.5
1.0
15.0
5.0 ± 0.5
CL = 15pF
4.6
6.7
1.0
8.0
ns
CL = 50pF
6.4
9.5
1.0
11.0
CIN
Input Capacitance
VCC = Open
4
10
10
pF
CPD
Power Dissipation
Capacitance
(2)
18
pF
Symbol
Parameter
VCC (V)
(3)
TA = 25°C
TA = –40°C to +85°C
Units
Typ.
Guaranteed Minimum
tW
Minimum Pulse Width
(CP or CLR or PR)
3.3
5.0
5.0
ns
5.0
5.0
5.0
tS
Minimum Setup Time
(Jn or Kn to CPn)
3.3
5.0
5.0
ns
5.0
4.0
4.0
tH
Minimum Hold Time
(Jn or Kn to CPn)
3.3
1.0
1.0
ns
5.0
1.0
1.0
tREC
Minimum Recovery Time
(CLR or PR to CP)
3.3
6.0
6.0
ns
5.0
5.0
5.0


Similar Part No. - 74VHC112SJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC112SJ FAIRCHILD-74VHC112SJ Datasheet
70Kb / 7P
   Dual J-K Flip-Flops with Preset and Clear
logo
ON Semiconductor
74VHC112SJ ONSEMI-74VHC112SJ Datasheet
350Kb / 11P
   Dual J-K Flip-Flops with Preset and Clear
May 2007 Rev. 1.2
More results

Similar Description - 74VHC112SJ

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC109 HITACHI-HD74HC109 Datasheet
59Kb / 9P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
Renesas Technology Corp
HD74HC109 RENESAS-HD74HC109 Datasheet
111Kb / 8P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
National Semiconductor ...
MM54HC76 NSC-MM54HC76 Datasheet
136Kb / 6P
   Dual J-K Flip-Flops with Preset and Clear
logo
Texas Instruments
SN5476 TI1-SN5476_15 Datasheet
477Kb / 14P
[Old version datasheet]   DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR
logo
Renesas Technology Corp
HD74LS76A RENESAS-HD74LS76A Datasheet
131Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
HD74HC76 RENESAS-HD74HC76 Datasheet
99Kb / 7P
   Dual J-K Flip-Flops (with Preset and Clear)
logo
Fairchild Semiconductor
MM74C73 FAIRCHILD-MM74C73_04 Datasheet
64Kb / 6P
   Dual J-K Flip-Flops with Clear and Preset
logo
National Semiconductor ...
MM54HCT109 NSC-MM54HCT109 Datasheet
123Kb / 4P
   Dual J-K Flip-Flops with Preset and Clear
logo
Fairchild Semiconductor
74VHC112MX FAIRCHILD-74VHC112MX Datasheet
269Kb / 9P
   Dual J-K Flip-Flops with Preset and Clear
74VHC112 FAIRCHILD-74VHC112 Datasheet
70Kb / 7P
   Dual J-K Flip-Flops with Preset and Clear
logo
Hitachi Semiconductor
HD74HC112 HITACHI-HD74HC112 Datasheet
60Kb / 9P
   Dual J-K Flip-Flops (with Preset and Clear)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com