Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9540NLPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRF9540NLPBF
Description  HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117m廓 , ID = -23A )
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9540NLPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRF9540NLPBF Datasheet HTML 3Page - International Rectifier IRF9540NLPBF Datasheet HTML 4Page - International Rectifier IRF9540NLPBF Datasheet HTML 5Page - International Rectifier IRF9540NLPBF Datasheet HTML 6Page - International Rectifier IRF9540NLPBF Datasheet HTML 7Page - International Rectifier IRF9540NLPBF Datasheet HTML 8Page - International Rectifier IRF9540NLPBF Datasheet HTML 9Page - International Rectifier IRF9540NLPBF Datasheet HTML 10Page - International Rectifier IRF9540NLPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRF9540NS/LPbF
www.irf.com
9
TO-262 Part Marking Information
TO-262 Package Outline
Dimensions are shown in millimeters (inches)
ASSEMBLY
LOT CODE
RECTIFIER
INTERNATIONAL
ASSEMBLED ON WW 19, 1997
Note: "P" in assembly line
position indicates "Lead-Free"
IN THE ASSEMBLY LINE "C"
LOGO
THIS IS AN IRL3103L
LOT CODE 1789
EXAMPLE:
LINE C
DATE CODE
WEEK 19
YEAR 7 = 1997
PART NUMBER
PART NUMBER
LOGO
LOT CODE
ASSEMBLY
INTERNATIONAL
RECTIFIER
PRODUCT (OPTIONAL)
P = DESIGNATES LEAD-FREE
A = ASSEMBLY SITE CODE
WEEK 19
YEAR 7 = 1997
DATE CODE
OR


Similar Part No. - IRF9540NLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9540NL IRF-IRF9540NL Datasheet
187Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
logo
Kersemi Electronic Co.,...
IRF9540NL KERSEMI-IRF9540NL Datasheet
1Mb / 10P
   Advanced Process Technology
logo
Inchange Semiconductor ...
IRF9540NL ISC-IRF9540NL Datasheet
273Kb / 2P
   isc P-Channel MOSFET Transistor
More results

Similar Description - IRF9540NLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9540N IRF-IRF9540N Datasheet
125Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRF9540NS IRF-IRF9540NS Datasheet
187Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRFP9140N IRF-IRFP9140N Datasheet
142Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRFP3710PBF IRF-IRFP3710PBF Datasheet
233Kb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.025廓 , ID = 57A )
IRFD9110PBF IRF-IRFD9110PBF Datasheet
1Mb / 8P
   HEXFET POWER MOSFET ( VDSS = -100V , RDS(on) = 1.2廓 , ID = -0.70A )
IRL2910PBF IRF-IRL2910PBF Datasheet
1Mb / 9P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.026廓 , ID = 55A )
IRLI530GPBF IRF-IRLI530GPBF Datasheet
937Kb / 7P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.16廓 , ID=9.7A )
IRL530NSPBF IRF-IRL530NSPBF Datasheet
465Kb / 11P
   HEXFET Power MOSFET ( VDSS=100V , RDS(on)=0.10廓 , ID=17A )
IRC540PBF IRF-IRC540PBF Datasheet
1Mb / 9P
   HEXFET POWER MOSFET ( VDSS=100V , RDS(on)=0.077廓 , ID=28A )
IRFR120PBF IRF-IRFR120PBF Datasheet
2Mb / 10P
   HEXFET POWER MOSFET ( VDSS = 100V , RDS(on) = 0.27廓 , ID = 7.7A )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com