Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN897 Datasheet(PDF) 5 Page - Microchip Technology

Part # AN897
Description  Thermistor Temperature Sensing with MCP6SX2 PGAs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN897 Datasheet(HTML) 5 Page - Microchip Technology

  AN897 Datasheet HTML 1Page - Microchip Technology AN897 Datasheet HTML 2Page - Microchip Technology AN897 Datasheet HTML 3Page - Microchip Technology AN897 Datasheet HTML 4Page - Microchip Technology AN897 Datasheet HTML 5Page - Microchip Technology AN897 Datasheet HTML 6Page - Microchip Technology AN897 Datasheet HTML 7Page - Microchip Technology AN897 Datasheet HTML 8Page - Microchip Technology AN897 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
 2004 Microchip Technology Inc.
DS00897B-page 5
AN897
FIGURE 12:
PGA Output Voltage.
The gain change points were chosen to make the
ADC’s resolution as good as possible (see Figure 13)
at a reasonable cost. The number of gains was kept
low to minimize the piece-wise linear interpolation
table’s size in firmware.
The maximum voltage allowed in each range is 300 mV
from VDD. This keeps the PGA in its specified output
range and allows some headroom for noise. The
minimum voltage allowed is well above 300 mV from
ground, which keeps the PGA in its most linear region
of operation.
Random noise can make the PGA’s gain change
frequently. Adding hysteresis to the gain-selection
algorithm (in firmware) reduces this problem. The
hysteresis needs to be large enough to compensate for
the PGA’s maximum gain error (±1%).
Figure 12 and Table 2 show a hysteresis of 1.7°C and
2.0°C at the lower temperature and higher temperature
transistions, respectively. The gain-change points are
separated by 6% of VDIV, which is six times larger than
the PGA’s maximum gain error; this ensures proper
functioning
of
the
gain-change
algorithm.
The
thermistor self-heating error has been corrected in
Table 2.
TABLE 2:
PGA GAIN-CHANGE POINTS
WITH HYSTERESIS.
Analog Error Analysis
Figure 13 displays the ADC’s temperature resolution
and Figure 14 shows the expected worst-case analog
circuit
errors.
Both
plots
are
based
on
these
assumptions:
• ADC’s DC Error
≤ ±3.5 LSb
• PGA’s gain error
≤ ±1% (±0.1% at G = +1)
• PGA’s input offset error
≤ ±1 mV (including PSRR
and temperature drift)
• Specified thermistor accuracy
This design achieves an ADC temperature resolution of
0.27°C over the -40°C to +150°C temperature range.
The analog circuit accuracy is better than 3.0°C over
the same range. Other temperature ranges will have
different resolutions and accuracies.
FIGURE 13:
ADC’s Temperature
Resolution.
FIGURE 14:
Analog Circuit Errors.
Digital Design
The PIC16F684 microcontroller (Appendix A.2.5
“Signal Analysis PICtail Daughter Board”) handles
several important tasks. It communicates with the PGA
to set its gain and input channel, can provide averaging
to reduce the noise and converts the result into the tem-
perature at the thermistor using a piece-wise linear
interpolation table. The microcontroller can have either
a SPI port built in or the SPI interface can be
implemented in software on the microcontroller [7].
Gain
(V/V)
Gain
Change
(V/V)
ADC Code
(LSb)
VDIV
(V)
TTH
(°C)
11
→ 8
< 113
0.552
50.9
88
→ 1
> 960
0.586
49.2
8
→ 32
< 226
0.138
94.6
32
32
→ 8
> 960
0.146
92.6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
150
Thermistor Temperature (°C)
Hysteresis
Design # 2
RA = 28.0 k
G = +1
G = +32
G = +8
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-50
-25
0
25
50
75
100 125 150
Thermistor Temperature (°C)
Design # 2
RA = 28.0 kΩ
10-bit ADC
DC Error
≤ 3.5 LSb
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
150
Thermistor Temperature (°C)
Design # 2
RA = 28.0 k
PGA Error
ADC Error
RA Error


Similar Part No. - AN897

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN892 SILABS-AN892 Datasheet
314Kb / 16P
   DESIGN GUIDE FOR ISOLATED DC/DC USING THE
logo
Panasonic Semiconductor
AN8946SB PANASONIC-AN8946SB Datasheet
86Kb / 10P
   FM demodulation IC for BS/CS broadcasting
AN8955SSM PANASONIC-AN8955SSM Datasheet
55Kb / 3P
   Crystal Oscillators IC
logo
Infineon Technologies A...
AN89610 INFINEON-AN89610 Datasheet
880Kb / 59P
   PSoC™ 4 MCU: PSoC™ 4100S Max
Rev. E 2022-10-14
logo
STMicroelectronics
AN898 STMICROELECTRONICS-AN898 Datasheet
139Kb / 4P
   EMC GENERAL INFORMATION
More results

Similar Description - AN897

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LT7330001K0JTG MACOM-LT7330001K0JTG Datasheet
69Kb / 1P
   Temperature Sensing Chip Resistor (P.T.C. Thermistor)
logo
Thinking Electronic Ind...
TPM0S541P115RT THINKING-TPM0S541P115RT Datasheet
268Kb / 11P
   SMD PTC Thermistor for Temperature Sensing
TSMAA682134D1 THINKING-TSMAA682134D1 Datasheet
222Kb / 9P
   SMD NTC Thermistor for Temperature Sensing
TSM1C103F34D3R THINKING-TSM1C103F34D3R Datasheet
162Kb / 8P
   SMD NTC Thermistor for Temperature Sensing
logo
Texas Instruments
TMP61 TI1-TMP61_19 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
TMP61 TI1-TMP61 Datasheet
1Mb / 29P
[Old version datasheet]   Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1 Datasheet
889Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61-Q1 TI1-TMP61-Q1_19 Datasheet
890Kb / 27P
[Old version datasheet]   Small Silicon-Based Linear Thermistor for Temperature Sensing
TMP61 TI1-TMP61_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TMP61 Small Silicon-Based Linear Thermistor for Temperature Sensing
logo
List of Unclassifed Man...
MF11 ETC2-MF11 Datasheet
246Kb / 2P
   Temperature Compensation NTC Thermistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com