Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2084-V143 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2084-V143
Description  SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2084-V143 Datasheet(HTML) 3 Page - Texas Instruments

  BQ2084-V143 Datasheet HTML 1Page - Texas Instruments BQ2084-V143 Datasheet HTML 2Page - Texas Instruments BQ2084-V143 Datasheet HTML 3Page - Texas Instruments BQ2084-V143 Datasheet HTML 4Page - Texas Instruments BQ2084-V143 Datasheet HTML 5Page - Texas Instruments BQ2084-V143 Datasheet HTML 6Page - Texas Instruments BQ2084-V143 Datasheet HTML 7Page - Texas Instruments BQ2084-V143 Datasheet HTML 8Page - Texas Instruments BQ2084-V143 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
-20 -10
0
10 20 30 40 50 60 70 80
100
105
110
115
120
125
130
135
140
TA - Free-Air Temperature - °C
POWER ON RESET BEHAVIOR
vs
FREE-AIR TEMPERATURE
VIT-
Vhys
INTEGRATING ADC CHARACTERISTICS
bq2084-V143
SLUS732 – SEPTEMBER 2006
V
DD = 3 V to 3.6 V, TA = –20°C to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Supply voltage
VDDA and VDDD
3
3.3
3.6
V
No flash programming
IDD
Operating mode current
380
µA
or LEDs active
I(SLP)
Low-power storage mode current
Sleep mode
8
µA
Output voltage low SMBC, SMBD, SDATA, SCLK, SAFE,
IOL = 0.5 mA
0.4
PU
VOL
V
LED1-LED5
IOL = 10 mA
0.4
Input voltage low SMBC, SMBD, SDATA, SCLK, EVENT,
–0.3
0.8
PU, PRES, PFIN
VIL
V
DISP
–0.3
0.8
Input voltage high SMBC, SMBD, SDATA, SCLK, EVENT,
2
6
PU, PRES, PFIN
VIH
V
DISP
2
VDD + 0.3
V(AI1)
Input voltage range VIN, TS
VSS – 0.3
1.0
V
V(AI2)
Input voltage range SR1, SR2
VSS – 0.25
0.25
V
Z(AI1)
Input impedance SR1, SR2
–0.25 V to 0.25 V
2.5
M
Z(AI2)
Input impedance VIN, TS
0 V–1 V
8
M
POWER-ON RESET
VIT+
Negative-going voltage input
2.1
2.3
2.5
V
Vhys
Power-on reset hysteresis
50
125
200
mV
V
DD = 3 V to 3.6 V, TA = –20°C to 85°C unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(SR)
Input voltage range, V(SR2) and V(SR1)
VSR = V(SR2)– V(SR1)
–0.25
0.25
V
V(SROS)
Input offset
1
mV
INL
Integral nonlinearity error
FAST = 0, –0.1 V to 0.8 x Vref
0.004%
0.018%
3
Submit Documentation Feedback


Similar Part No. - BQ2084-V143

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results

Similar Description - BQ2084-V143

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V133 TI-BQ2084-V133 Datasheet
967Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com