Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML145502WP Datasheet(PDF) 4 Page - LANSDALE Semiconductor Inc.

Part # ML145502WP
Description  PCM Codec-Filter Mono-Circuit
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LANSDALE [LANSDALE Semiconductor Inc.]
Direct Link  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145502WP Datasheet(HTML) 4 Page - LANSDALE Semiconductor Inc.

  ML145502WP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML145502WP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145502WP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145502WP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145502WP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145502WP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145502WP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145502WP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145502WP Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
ML145502, ML145503, ML145505
LANSDALE Semiconductor, Inc.
ABSOLUTE MAXIMUM RATINGS (Voltage Referenced to VSS)
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD, VSS
– 0.5 to 13
V
Voltage, Any Pin to VSS
V
– 0.5 to VDD + 0.5
V
DC Drain Per Pin (Excluding VDD, VSS)
I
10
mA
Operating Temperature Range
TA
– 40 to + 85
°C
Storage Temperature Range
Tstg
– 85 to + 150
°C
RECOMMENDED OPERATING CONDITIONS (TA = – 40 to + 85°C)
Characteristic
Min
Typ
Max
Unit
DC Supply Voltage
Dual Supplies: VDD = – VSS, (VAG = VLS = 0 V)
Single Supply: VDD to VSS (VAG is an Output, VLS = VDD or VSS)
ML145502, ML145503, ML145505 (Using Internal 3.15 V Reference)
ML145502 Using Internal 2.5 V Reference
ML145502 Using Internal 3.78 V Reference
ML145502 Using External 1.5 V Reference, Referenced to VAG
4.75
8.5
7.0
9.5
4.75
5.0
6.3
12.6
12.6
12.6
12.6
V
Power Dissipation
CMOS Logic Mode (VDD to VSS = 10 V, VLS = VDD)
TTL Logic Mode (VDD = + 5 V, VSS = – 5 V, VLS = VAG = 0 V)
40
50
70
90
mW
Power Down Dissipation
0.1
1.0
mW
Frame Rate Transmit and Receive
7.5
8.0
8.5
kHz
Data Rate
ML145503
Must Use One of These Frequencies, Relative to MSI Frequency of 8 kHz
128
1536
1544
2048
2560
kHz
Data Rate for ML145502, ML145505
64
4096
kHz
Full Scale Analog Input and Output Level
ML145503, ML145505
ML145502 (V
RSI = V
)
ref = VSS
DD
RSI = VSS
RSI = VAG
ML145502 Using an External Reference V oltage Applied at Vref Pin
RSI = VDD
RSI = VSS
RSI = VAG
3.15
3.78
3.15
2.5
1.51 x Vref
1.26 x Vref
Vref
Vp
DIGITAL LEVELS (VSS to VDD = 4.75 V to 12.6 V, TA = – 40 to + 85°C)
Characteristic
Symbol
Min
Max
Unit
Input Voltage Levels (TDE, TDC, RCE, RDC, RDD, DC, MSI, CCI, PDI)
CMOS Mode (VLS = VDD, VSS is Digital Ground)
“0”
“1”
TTL Mode (VLS ≤ VDD – 4.0 V, VLS is Digital Ground)
“0”
“1”
VIL
VIH
VIL
VIH
0.7 x VDD
VLS + 2.0 V
0.3 x VDD
VLS + 0.8 V
V
Output Current for TDD (Transmit Digital Data)
CMOS Mode (VLS = VDD, VSS = 0 V and is Digital Ground)
(VDD = 5 V, Vout = 0.4 V)
(VDD = 10 V, Vout = 0.5 V)
(VDD = 5 V, Vout = 4.5 V)
(VDD = 10 V, Vout = 9.5 V)
TTL Mode (VLS ≤ VDD – 4.75 V, VLS = 0 V and is Digital Ground)
(VOL = 0.4 V)
(VOH = 2.4 V)
IOL
IOH
IOL
IOH
1.0
3.0
– 1.0
– 3.0
1.6
– 0.2
mA
This device contains circuitry to protect
against damage due to high static voltages or
electric fields; however, it is advised that
normal precautions be taken to avoid applica-
tion of any voltage higher than maximum rated
voltages to this high impedance circuit. For
proper operation it is recommended that Vin
and Vout be constrained to the range VSS (Vin
or Vout) VDD.
Unused inputs must always be tied to an
appropriate logic voltage level (e.g., VSS, VDD,
VLS, or VAG).
www.lansdale.com
Page 4 of 26
Issue A


Similar Part No. - ML145502WP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145502WP LANSDALE-ML145502WP Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
More results

Similar Description - ML145502WP

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145500 MOTOROLA-MC145500 Datasheet
541Kb / 28P
   PCM CODEC-FILTER MONO- CIRCUIT
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506 Datasheet
6Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502_08 Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145506 MOTOROLA-MC145506 Datasheet
405Kb / 24P
   PCM CODEC FILTER MONO CIRCUIT
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com