Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2084DBTR-V143G4 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2084DBTR-V143G4
Description  SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2084DBTR-V143G4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2084DBTR-V143G4 Datasheet HTML 5Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 6Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 7Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 8Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 9Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 10Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 11Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 12Page - Texas Instruments BQ2084DBTR-V143G4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
www.ti.com
DIGITAL FILTER
VOLTAGE
CURRENT
TEMPERATURE
GAS GAUGE OPERATION
General
bq2084-V143
SLUS732 – SEPTEMBER 2006
FUNCTIONAL DESCRIPTION (continued)
The bq2084-V143 does not measure charge or discharge counts below the digital filter threshold. The digital
filter threshold is programmed in the Digital Filter DF 0x2c and should be set sufficiently high to prevent false
signal detection with no charge or discharge flowing through the sense resistor.
While monitoring SR1 and SR2 for charge and discharge currents, the bq2084-V143 monitors the individual
series cell voltages through the bq29312. The bq2084-V143 configures the bq29312 to present the selected cell
to the CELL pin of the bq29312, which should be connected to VIN of the bq2084-V143. The internal ADC of the
bq2084-V143 then measures the voltage and scales it appropriately. The bq2084-V143 then reports the
Voltage() and the individual cell voltages in VCELL1(), VCELL2(), VCELL3(), and VCELL4(). An additional
SMBus command (0x45) returns the measured ADC Reading of the PACK input to the AFE.
The bq2084-V143 uses the SR1 and SR2 inputs to measure and calculate the battery charge and discharge
current. This value is reported via the SBS command Current(). AverageCurrent() is implemented as a
single-pole IIR filter with a 14.5-s time constant.
The TS input of the bq2084-V143 along with an NTC thermistor measures the battery temperature as shown in
the schematic. The bq2084-V143 reports temperature via the SBS command Temperature().
The bq2084-V143 can also be configured to use its internal temperature sensor by setting the IT bit in Misc
Configuration DF 0x2a-0x2b. Data flash locations DF 0xb5 through DF 0xc0 also have to be changed to
prescribed values if the internal temperature sensor option is selected.
Table 1. Data Flash Settings for Internal or External Temperature Sensor
INTERNAL TEMP
EXTERNAL TEMP SENSOR SETTING
LOCATION
SENSOR SETTING
(Semitec 103AT)
LABEL
Dec (Hex)
Dec (Hex)
Dec (Hex)
Misc. Config
42 (0x2a)
Bit 7 = 1
Bit 7 = 0
TS Const1 A3
164/5 (0xb5/6)
0 (0x0000)
–28285 (0x9183)
TS Const2 A2
166/7 (0xb7/8)
0 (0x0000)
20848 (0x5170)
TS Const3 A1
168/9 (0xb9/a)
–11136 (0xd480)
–7537 (0xe28f)
TS Const4 A0
170/1 (0xbb/c)
5734 (0x1666)
4012 (0x0fac)
Min Temp AD
172/3 (0xbd/e)
0 (0x0000)
0 (0x000)
Max Temp
174/5 (0xbf/c0)
5734 (0x1666)
4012 (0x0fac)
The operational overview in Figure 1 illustrates the gas gauge operation of the bq2084-V143. Table 3 describes
the bq2084-V143 registers.
9
Submit Documentation Feedback


Similar Part No. - BQ2084DBTR-V143G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084DBTR-V143G4 TI-BQ2084DBTR-V143G4 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results

Similar Description - BQ2084DBTR-V143G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V133 TI-BQ2084-V133 Datasheet
967Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com