Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1100 Datasheet(PDF) 4 Page - RDC Semiconductor

Part # R1100
Description  16 Bit RISC Micro Processor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RDC [RDC Semiconductor]
Direct Link  http://www.rdc.com.tw/en/index.php
Logo RDC - RDC Semiconductor

R1100 Datasheet(HTML) 4 Page - RDC Semiconductor

  R1100 Datasheet HTML 1Page - RDC Semiconductor R1100 Datasheet HTML 2Page - RDC Semiconductor R1100 Datasheet HTML 3Page - RDC Semiconductor R1100 Datasheet HTML 4Page - RDC Semiconductor R1100 Datasheet HTML 5Page - RDC Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RDC®
RISC DSP Communication
R1100
16 Bit RISC Micro Processor
Specifications subject to change without notice, contact your sales representatives for the most update information.
RDC Confidential
Page 4 of 5
REV 1.0 May. 04 2007
3. Package Information
100 Pin PQFP
0.089
c
SEATING
PLANE
0.22/0.38
b1
b
0.22/0.30/0.33
0.13/0.17
c1
c
WITH
PLATING
BASE
METAL
"A"
D1 20.00
0.10
D
23.20
0.25
0.65 BSC
0~7
1.60 REF
0.25
0.88 0.15
L
L1
DETAIL A
3.40 MAX


Similar Part No. - R1100

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1100D RICOH-R1100D Datasheet
267Kb / 14P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
Nisshinbo Micro Devices...
R1100D NISSHINBO-R1100D Datasheet
394Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1100D091C-TR-F RICOH-R1100D091C-TR-F Datasheet
327Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
R1100D101C-TR-F RICOH-R1100D101C-TR-F Datasheet
327Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
R1100D111C-TR-F RICOH-R1100D111C-TR-F Datasheet
327Kb / 16P
   ULTRA SMALL PACKAGE VOLTAGE REGULATOR
More results

Similar Description - R1100

ManufacturerPart #DatasheetDescription
logo
RDC Semiconductor
R1121 RDC-R1121 Datasheet
63Kb / 5P
   16 Bit RISC Micro Processor
logo
Cypress Semiconductor
SL11R CYPRESS-SL11R Datasheet
620Kb / 85P
   USB Controller/ 16-Bit RISC Processor
logo
RDC Semiconductor
R8800I RDC-R8800I Datasheet
70Kb / 5P
   16-BIT RISC MICROCONTROLLER
R8810I RDC-R8810I Datasheet
72Kb / 5P
   16-BIT RISC MICROCONTROLLER
R8610 RDC-R8610 Datasheet
92Kb / 6P
   32 Bit RISC Micro Controller
R8820LV RDC-R8820LV Datasheet
1,000Kb / 98P
   16-BIT RISC MICROCONTROLLER
R8821 RDC-R8821 Datasheet
68Kb / 5P
   16-BIT RISC MICROCONTROLLER
R8830 RDC-R8830 Datasheet
70Kb / 5P
   16-BIT RISC MICROCONTROLLER
R8830I RDC-R8830I Datasheet
70Kb / 5P
   16-BIT RISC MICROCONTROLLER
R8822 RDC-R8822 Datasheet
67Kb / 5P
   16-BIT RISC MICROCONTROLLER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com