Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6455BZTZ Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS320C6455BZTZ
Description  Fixed-Point Digital Signal Processor
Download  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6455BZTZ Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320C6455BZTZ Datasheet HTML 25Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 26Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 27Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 28Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 29Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 30Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 31Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 32Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 250 page
background image
TMS320C6455
Fixed-Point Digital Signal Processor
SPRS276H – MAY 2005 – REVISED OCTOBER 2007
Table 2-3. Terminal Functions (continued)
SIGNAL
TYPE(1)
IPD/IPU(2)
DESCRIPTION
NAME
NO.
EMIFA (64-BIT) - ADDRESS
AEA19/BOOTMODE3
N25
EMIFA external address (word address) (O/Z)
Controls initialization of the DSP modes at reset (I) via pullup/pulldown resistors
AEA18/BOOTMODE2
L26
[For more detailed information, see Section 3, Device Configuration.]
AEA17/BOOTMODE1
L25
Note: If a configuration pin must be routed out from the device and 3-stated
O/Z
IPD
(not driven), the internal pullup/pulldown (IPU/IPD) resistor should not be relied
AEA16/BOOTMODE0
P26
upon; TI recommends the use of an external pullup/pulldown resistor. For more
AEA15/AECLKIN_SEL
P27
detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.7, Pullup/Pulldown
AEA14/HPI_WIDTH
R25
Resistors.
AEA13/LENDIAN
R27
O/Z
IPU
Boot mode - device boot mode configurations (BOOTMODE[3:0]) [Note:
AEA12/UTOPIA_EN
R28
the peripheral must be enabled to use the particular boot mode.]
AEA[19:16]:
0000 - No boot (default mode)
0001 - Host boot (HPI)
0010 -Reserved
0011 - Reserved
0100 - EMIFA 8-bit ROM boot
0101 - Master I2C boot
0110 - Slave I2C boot
0111 - Host boot (PCI)
1000 thru 1111 - Serial Rapid I/O boot configurations
For more detailed information on the boot modes, see Section 2.4, Boot
Sequence.
CFGGP[2:0] pins must be set to 000b during reset for proper operation of
the PCI boot mode.
EMIFA input clock source select
Clock mode select for EMIFA (AECLKIN_SEL)
AEA15:
0 - AECLKIN (default mode)
1 - SYSCLK4 (CPU/x) Clock Rate. The SYSCLK4 clock rate is software
selectable via the Software PLL1 Controller. By default, SYSCLK4 is
selected as CPU/8 clock rate.
HPI peripheral bus width (HPI_WIDTH) select
O/Z
IPD
[Applies only when HPI is enabled; PCI_EN pin = 0]
AEA11
T25
AEA14:
0 - HPI operates as an HPI16 (default). (HPI bus is 16 bits wide. HD[15:0]
pins are used and the remaining HD[31:16] pins are reserved pins in the
Hi-Z state.)
1 - HPI operates as an HPI32.
Device Endian mode (LENDIAN)
AEA13:
0 - System operates in Big Endian mode
1 - System operates in Little Endian mode(default)
UTOPIA Enable bit (UTOPIA_EN)
AEA12: UTOPIA peripheral enable(functional)
0 - UTOPIA disabled; Ethernet MAC (EMAC) and MDIO enable(default).
This means all multiplexed EMAC/UTOPIA and MDIO/UTOPIA pins
function as EMAC and MDIO. Which EMAC/MDIO configuration (interface)
[MII, RMII, GMII or the standalone RGMII] is controlled by the
MACSEL[1:0] bits.
1 - UTOPIA enabled; EMAC and MDIO disabled [except when the
MACSEL[1:0] bits = 11 then, the EMAC/MDIO RGMII interface is still
functional].
This means all multiplexed EMAC/UTOPIA and MDIO/UTOPIA pins now
function as UTOPIA. And if MACSEL[1:0] = 11, the RGMII standalone pin
functions can be used.
Submit Documentation Feedback
Device Overview
29


Similar Part No. - TMS320C6455BZTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455BZTZ TI1-TMS320C6455BZTZ Datasheet
1Mb / 256P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
TMS320C6455BZTZ TI-TMS320C6455BZTZ Datasheet
1Mb / 257P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
TMS320C6455BZTZ2 TI1-TMS320C6455BZTZ2 Datasheet
1Mb / 256P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
TMS320C6455BZTZ2 TI-TMS320C6455BZTZ2 Datasheet
1Mb / 257P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
TMS320C6455BZTZ7 TI1-TMS320C6455BZTZ7 Datasheet
1Mb / 256P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C6455BZTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com