Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6455BZTZ Datasheet(PDF) 75 Page - Texas Instruments

Part # TMS320C6455BZTZ
Description  Fixed-Point Digital Signal Processor
Download  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6455BZTZ Datasheet(HTML) 75 Page - Texas Instruments

Back Button TMS320C6455BZTZ Datasheet HTML 71Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 72Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 73Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 74Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 75Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 76Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 77Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 78Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 250 page
background image
Shadingdenotesaperipheralmodulenotavailableforthisconfiguration.
UTOPIA
McBSP0
TIMER0
EMIFA
GPIO
TIMER1
PLL1
andPLL1
Controller
DDR2
EMIF
VCP2
AED[63:0]
64
AECLKIN, AARDY, AHOLD
AEA[22:3], ACE[3:0], ABE[7:0],
AECLKOUT, ASDCKE,
AHOLDA, ABUSREQ,
ASADS/ASRE, AAOE/ASOE,
AAWE/ASWE
SCL
SDA
CLKIN1,PLLV1
SYSCLK4
RIOCLK,RIOCLK,RIOTX[3:0],
RIOTX[3:0],RIORX[3:0],RIORX[3:0]
HRDY,HINT
HCNTL0,HCNTL1,HHWIL,
HAS,HR/W,HCS,HDS1,HDS2
CLKR0,FSR0,DR0,CLKS0,
DX0,FSX0,CLKX0
MRXD[7:0],MRXER,MRXDV,MCOL,
MCRS,MTCLK,MRCLK
32
HD[31:0]
TCP2
CLKIN2,PLLV2
GP[15:12,2,1]
DEA[21:2],DCE[1:0],DBE[3:0],DDRCLK,DDRCLK,
DSDCKE,DDQS,DDQS,DSDCAS,DSDRAS,
DSDWE
AEA[19:16](BOOTMODE[3:0])=0001,(HPIBoot)
AEA[15](AECLKIN_SEL)=0,(AECLKIN,default)
AEA[14](HPI_WIDTH)=1,(HPI,32-bitOperation)
AEA[13](LENDIAN)=IPU,(LittleEndianMode,default)
AEA[12](UTOPIA_EN)=0,(UTOPIA disabled,default)
AEA[11]=1(mustopposeIPD)
AEA[8](PCI_EEAI)=0,(PCII2CEEPROM Auto-Initdisabled,default)
AEA[7]=0,(donotopposeIPD)
AEA[6](PCI66)=0,(PCI33MHz[default,don’tcare])
AEA[5](MCBSP1_EN)=1,(McBSP1enabled)
AEA[4](SYSCLKOUT_EN)=1,(SYSCLK4pinfunction)
AEA[3] =1(mustopposeIPD)
McBSP1
EMAC
RapidIO
32
ED[31:0]
TINP1L
TOUT1L
TOUT0
TINP0
MTXD[7:0],MTXEN,
MDIO,MDCLK
MDIO
I2C
PCI
HPI
(32-Bit)
CLKR1,FSR1,DR1,CLKS1,
DX1,FSX1,CLKX1
DEVSTAT Register:0x0061 C161
PCI_EN=0(PCIdisabled,default)
ABA1(EMIFA_EN)=1(EMIFA enabled)
ABA0(DDR2_EN)=1(DDR2MemoryControllerenabled)
PLL2
andPLL2
Controller
AEA[10:9](MACSEL[1:0])=00,(10/100MIIMode)
AEA[2:0](CFGGP[2:0])=000(default)
TMS320C6455
Fixed-Point Digital Signal Processor
SPRS276H – MAY 2005 – REVISED OCTOBER 2007
Figure 3-13. Configuration Example B (2 McBSPs + HPI32 + I2C + EMIFA + DDR2 Memory Controller +
TIMERS + RapidIO + EMAC (GMII) + MDIO
Submit Documentation Feedback
Device Configuration
75


Similar Part No. - TMS320C6455BZTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455BZTZ TI1-TMS320C6455BZTZ Datasheet
1Mb / 256P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
TMS320C6455BZTZ TI-TMS320C6455BZTZ Datasheet
1Mb / 257P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
TMS320C6455BZTZ2 TI1-TMS320C6455BZTZ2 Datasheet
1Mb / 256P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
TMS320C6455BZTZ2 TI-TMS320C6455BZTZ2 Datasheet
1Mb / 257P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
TMS320C6455BZTZ7 TI1-TMS320C6455BZTZ7 Datasheet
1Mb / 256P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C6455BZTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com