Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6455BZTZ Datasheet(PDF) 76 Page - Texas Instruments

Part # TMS320C6455BZTZ
Description  Fixed-Point Digital Signal Processor
Download  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6455BZTZ Datasheet(HTML) 76 Page - Texas Instruments

Back Button TMS320C6455BZTZ Datasheet HTML 72Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 73Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 74Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 75Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 76Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 77Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 78Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 79Page - Texas Instruments TMS320C6455BZTZ Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 250 page
background image
4
System Interconnect
4.1 Internal Buses, Bridges, and Switch Fabrics
TMS320C6455
Fixed-Point Digital Signal Processor
SPRS276H – MAY 2005 – REVISED OCTOBER 2007
On the C6455 device, the C64x+ Megamodule, the EDMA3 transfer controllers, and the system
peripherals are interconnected through two switch fabrics. The switch fabrics allow for low-latency,
concurrent data transfers between master peripherals and slave peripherals. Through a switch fabric the
CPU can send data to the Viterbi co-processor (VCP2) without affecting a data transfer between the PCI
and the DDR2 memory controller. The switch fabrics also allow for seamless arbitration between the
system masters when accessing system slaves.
Two types of buses exist in the C6455 device: data buses and configuration buses. Some C6455
peripherals have both a data bus and a configuration bus interface, while others only have one type of
interface. Furthermore, the bus interface width and speed varies from peripheral to peripheral.
Configuration buses are mainly used to access the register space of a peripheral and the data buses are
used mainly for data transfers. However, in some cases, the configuration bus is also used to transfer
data. For example, data is transferred to the VCP2 and TCP2 configuration bus. Similarly, the data bus
can also be used to access the register space of a peripheral. For example, the EMIFA and DDR2
memory controller registers are accessed through their data bus interface.
The C64x+ Megamodule, the EDMA3 traffic controllers, and the various system peripherals can be
classified into two categories: masters and slaves. Masters are capable of initiating read and write
transfers in the system and do not rely on the EDMA3 for their data transfers. Slaves on the other hand
rely on the EDMA3 to perform transfers to and from them. Masters include the EDMA3 traffic controllers,
SRIO, and PCI. Slaves include the McBSP, UTOPIA, and I2C.
The C6455 device contains two switch fabrics through which masters and slaves communicate. The data
switch fabric, known as the data switched central resource (SCR), is a high-throughput interconnect
mainly used to move data across the system (for more information, see Section 4.2). The data SCR
connects masters to slaves via 128-bit data buses running at a SYSCLK2 frequency (SYSCLK2 is
generated from PLL1 controller). Peripherals that have a 128-bit data bus interface running at this speed
can connect directly to the data SCR; other peripherals require a bridge.
The configuration switch fabric, also known as the configuration switch central resource (SCR) is mainly
used by the C64x+ Megamodule to access peripheral registers (for more information, see Section 4.3).
The configuration SCR connects C64x+ Megamodule to slaves via 32-bit configuration buses running at a
SYSCLK2 frequency (SYSCLK2 is generated from PLL1 controller). As with the data SCR, some
peripherals require the use of a bridge to interface to the configuration SCR. Note that the data SCR also
connects to the configuration SCR.
Bridges perform a variety of functions:
• Conversion between configuration bus and data bus.
• Width conversion between peripheral bus width and SCR bus width.
• Frequency conversion between peripheral bus frequency and SCR bus frequency.
For example, the EMIFA and DDR2 memory controller require a bridge to convert their 64-bit data bus
interface into a 128-bit interface so that they can connect to the data SCR. In the case of the TCP2 and
VCP2, a bridge is required to connect the data SCR to the 64-bit configuration bus interface.
Note that some peripherals can be accessed through the data SCR and also through the configuration
SCR.
System Interconnect
76
Submit Documentation Feedback


Similar Part No. - TMS320C6455BZTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455BZTZ TI1-TMS320C6455BZTZ Datasheet
1Mb / 256P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
TMS320C6455BZTZ TI-TMS320C6455BZTZ Datasheet
1Mb / 257P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
TMS320C6455BZTZ2 TI1-TMS320C6455BZTZ2 Datasheet
1Mb / 256P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
TMS320C6455BZTZ2 TI-TMS320C6455BZTZ2 Datasheet
1Mb / 257P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
TMS320C6455BZTZ7 TI1-TMS320C6455BZTZ7 Datasheet
1Mb / 256P
[Old version datasheet]   TMS320C6455 Fixed-Point Digital Signal Processor
More results

Similar Description - TMS320C6455BZTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com