Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC1C10400292 Datasheet(PDF) 1 Page - Bookham, Inc.

Part # MC1C10400292
Description  10 Channel Optical Add/Drop Multiplexer with Band VOAs
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

MC1C10400292 Datasheet(HTML) 1 Page - Bookham, Inc.

  MC1C10400292 Datasheet HTML 1Page - Bookham, Inc. MC1C10400292 Datasheet HTML 2Page - Bookham, Inc. MC1C10400292 Datasheet HTML 3Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features:
• Flexible upgrade path to 40 channels
• Flat pass band design
• 0.22nm clear pass band
• Low loss (<5.8dB)
• High adjacent channel isolation
• -5 to 70°C operating temperature
• Compact size (135x18x19mm)
• Band loss adjustment
• 0 to 5 Vdc VOA control
• Telcordia GR-1221 qualified
• RoHS compliant
Options:
• Ribbon connectors
• Uniform loss or matched mux/demux loss
• Tap/detector before and/or after VOA
• Without 10-skip-0 filter
• Rack mount or LGX enclosure
Applications:
• Metro and long-haul mux/demux
• OADM nodes
• Subsystem building block
Data Sheet
1
Bookham offers a high performance 10 channel optical
add/drop multiplexer solution for 100GHz channels.
This module’s express port allows an upgrade path to 40
channels. Electronic variable optical attenuators (VOAs) with
tap/detectors are included for band-by-band loss adjustment.
The Bookham 10 channel solution offers an ideal combination
of low loss, compact size, wide channel pass bands and an
upgrade path to 40 channels. Specified loss of <5.8dB is
achieved in the uniform loss version of the product. Matched
mux-demux pairs are also available as a design option.
Ribbon connector outputs are available as a design option.
Thin film technology provides a flat-topped pass band design
that allows for less stringent control of the laser wavelength
over the system lifetime.
These flexible upgrade modules use the Bookham 10-skip-0
banded upgrade port. The 10-skip-0 filter passes ten 100GHz
spaced channels to the ITU channel filters. The same filter
reflects all remaining channels onto the express port with very
low loss. Modules can be cascaded to form 20, 30, or 40
channel filter solutions.
10 Channel Optical Add/Drop Multiplexer with
Band VOAs


Similar Part No. - MC1C10400292

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
MC1CJN0600 AMPHENOL-MC1CJN0600 Datasheet
73Kb / 1P
   Straight Plug, 6 Pos
MC1CJN0800 AMPHENOL-MC1CJN0800 Datasheet
65Kb / 1P
   Straight Plug, 8 Pos
More results

Similar Description - MC1C10400292

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
MXWL04010315 BOOKHAM-MXWL04010315 Datasheet
169Kb / 3P
   4 Band (10-skip-0) Optical Add/Drop Multiplexer for 40 Channel systems
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
JDS Uniphase Corporatio...
WDM-CAD01000 JDSU-WDM-CAD01000 Datasheet
162Kb / 3P
   Coarse Wavelength Division Multiplexer (CWDM) Add/Drop Filter
logo
Bookham, Inc.
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
logo
OPLINK Communications I...
OFMS12DUD0 OPLINK-OFMS12DUD0 Datasheet
306Kb / 2P
   Single Mode Dual Add/Drop Optical Fiber Switches
logo
List of Unclassifed Man...
CP1122A ETC-CP1122A Datasheet
112Kb / 2P
   STM-1 Single Chip Add/Drop Multiplexer System device
CP1122 ETC-CP1122 Datasheet
115Kb / 2P
   STM-1 Single Chip Add/Drop Multiplexer System device
Rev1.0 March, 2005
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com