Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF1001553329 Datasheet(PDF) 1 Page - Bookham, Inc.

Part # TF1001553329
Description  100GHz WDM Filter Chips
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

TF1001553329 Datasheet(HTML) 1 Page - Bookham, Inc.

  TF1001553329 Datasheet HTML 1Page - Bookham, Inc. TF1001553329 Datasheet HTML 2Page - Bookham, Inc. TF1001553329 Datasheet HTML 3Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features:
• C-band center wavelengths
• Accurate wavelength centering
• High adjacent channel transmission isolation
• Flat transmission passband for cascading
• Excellent temperature stability
Options:
• L-band center wavelengths
• Custom specifications
Applications:
• Mux/Demux
• Optical add/drop multiplexing
• Metro and long-haul DWDM
Compliance:
• GR-1221 qualified
• RoHS compliant
Data Sheet
1
Bookham narrowband filters leverage the proprietary Advanced
Energetic Deposition (AED) process to produce the industry’s
best filter solutions. The AED process features state-of-the-art
layer thickness control to produce thin-film interference filters
for optical add/drop multiplexing (OADM) WDM applications
and Mux/Demux.
Bookham offers a range of filtering solutions for 100GHz channel
spacing. Filter designs can be optimized for transmission and
reflection loss for mux/demux applications or offer deeper
reflection notches for optical add/drop multiplexing (OADM).
100GHz WDM Filter Chips


Similar Part No. - TF1001553329

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TF1001A AGERE-TF1001A Datasheet
253Kb / 10P
   LG1602 Decision Circuit
More results

Similar Description - TF1001553329

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1SLU3215533290653 BOOKHAM-CB1SLU3215533290653 Datasheet
112Kb / 3P
   100GHz WDM Filter Components for OADM
TF2001553329 BOOKHAM-TF2001553329 Datasheet
318Kb / 3P
   200GHz WDM Filter Chips
TF0501553329 BOOKHAM-TF0501553329 Datasheet
433Kb / 3P
   50GHz WDM Filter Chips
TUWDM1551018 BOOKHAM-TUWDM1551018 Datasheet
213Kb / 3P
   CWDM Filter Chips
TFLPF15533296533 BOOKHAM-TFLPF15533296533 Datasheet
147Kb / 3P
   FTTx Filter Chips
CB2SLU1115533290653 BOOKHAM-CB2SLU1115533290653 Datasheet
93Kb / 3P
   200GHz WDM Filter Components for OADM
logo
JDS Uniphase Corporatio...
DWS-2F3883P20 JDSU-DWS-2F3883P20 Datasheet
127Kb / 3P
   WDM,Filter, 200 GHz, ITU Component
DWS-1F3883P20 JDSU-DWS-1F3883P20 Datasheet
127Kb / 3P
   WDM,Filter, 100 GHz, ITU Component
logo
Bookham, Inc.
TFGFF0000000 BOOKHAM-TFGFF0000000 Datasheet
436Kb / 3P
   Gain Flattening Filter Chips
logo
OPLINK Communications I...
CFOI100 OPLINK-CFOI100 Datasheet
231Kb / 2P
   100GHz Compact Fiber Optical Interleaver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com