Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EML10W5575CB-J57 Datasheet(PDF) 8 Page - Bookham, Inc.

Part # EML10W5575CB-J57
Description  10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

EML10W5575CB-J57 Datasheet(HTML) 8 Page - Bookham, Inc.

  EML10W5575CB-J57 Datasheet HTML 1Page - Bookham, Inc. EML10W5575CB-J57 Datasheet HTML 2Page - Bookham, Inc. EML10W5575CB-J57 Datasheet HTML 3Page - Bookham, Inc. EML10W5575CB-J57 Datasheet HTML 4Page - Bookham, Inc. EML10W5575CB-J57 Datasheet HTML 5Page - Bookham, Inc. EML10W5575CB-J57 Datasheet HTML 6Page - Bookham, Inc. EML10W5575CB-J57 Datasheet HTML 7Page - Bookham, Inc. EML10W5575CB-J57 Datasheet HTML 8Page - Bookham, Inc. EML10W5575CB-J57 Datasheet HTML 9Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Data Sheet
8
ITU-T
Wavelength
Wavelength
Frequency
Tolerance
Code
( nm)
(THz)
(nm)
2955
1529.553
196.0
+/-0.1
3033
1530.334
195.9
+/-0.1
3112
1531.116
195.8
+/-0.1
3190
1531.898
195.7
+/-0.1
3268
1532.681
195.6
+/-0.1
3347
1533.465
195.5
+/-0.1
3425
1534.250
195.4
+/-0.1
3504
1535.036
195.3
+/-0.1
3582
1535.822
195.2
+/-0.1
3661
1536.609
195.1
+/-0.1
3740
1537.397
195.0
+/-0.1
3819
1538.186
194.9
+/-0.1
3898
1538.976
194.8
+/-0.1
3977
1539.766
194.7
+/-0.1
4056
1540.557
194.6
+/-0.1
4135
1541.349
194.5
+/-0.1
4214
1542.142
194.4
+/-0.1
4294
1542.936
194.3
+/-0.1
4373
1543.730
194.2
+/-0.1
4453
1544.526
194.1
+/-0.1
ITU-T
Wavelength
Wavelength
Frequency
Tolerance
Code
( nm)
(THz)
(nm)
4532
1545.322
194.0
+/-0.1
4612
1546.119
193.9
+/-0.1
4692
1546.917
193.8
+/-0.1
4772
1547.715
193.7
+/-0.1
4851
1548.515
193.6
+/-0.1
4932
1549.315
193.5
+/-0.1
5012
1550.116
193.4
+/-0.1
5092
1550.918
193.3
+/-0.1
5172
1551.721
193.2
+/-0.1
5252
1552.524
193.1
+/-0.1
5333
1553.329
193.0
+/-0.1
5413
1554.134
192.9
+/-0.1
5494
1554.940
192.8
+/-0.1
5575
1555.747
192.7
+/-0.1
5655
1556.555
192.6
+/-0.1
5736
1557.363
192.5
+/-0.1
5817
1558.173
192.4
+/-0.1
5898
1558.983
192.3
+/-0.1
5979
1559.794
192.2
+/-0.1
6061
1560.606
192.1
+/-0.1
6142
1561.419
192.0
+/-0.1
EML10W5575CB-J57 is a 1555.747nm EA laser with GPO RF connector and LC fiber connector for 80km reach applications.
Example


Similar Part No. - EML10W5575CB-J57

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10W5575CA-J28 BOOKHAM-EML10W5575CA-J28 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J34 BOOKHAM-EML10W5575CA-J34 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J57 BOOKHAM-EML10W5575CA-J57 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10W5575CA-J59 BOOKHAM-EML10W5575CA-J59 Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
More results

Similar Description - EML10W5575CB-J57

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
EML10WCA BOOKHAM-EML10WCA Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10ZCA BOOKHAM-EML10ZCA Datasheet
365Kb / 8P
   10Gb/s EA Modulator and DFB Laser with GPO RF Connector
logo
California Eastern Labs
NX8560LJ CEL-NX8560LJ Datasheet
497Kb / 8P
   NECs EA MODULATOR INTEGRATED InGaAsP MQW DFB LASER DIODE IN BUTTERFLY PACKAGE WITH GPO CONNECTOR FOR 10 Gb/s DWDM APPLICATIONS
logo
Bookham, Inc.
LMC10NEJ BOOKHAM-LMC10NEJ Datasheet
792Kb / 15P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10NEG BOOKHAM-LMC10NEG Datasheet
825Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
LMC10ZEG BOOKHAM-LMC10ZEG Datasheet
798Kb / 14P
   10Gb/s Compact InP MZ Modulator with DWDM Laser
logo
Mitsubishi Electric Sem...
ML9XX31 MITSUBISHI-ML9XX31 Datasheet
46Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX41 MITSUBISHI-ML9XX41 Datasheet
109Kb / 2P
   InGaAsP DFB-LASER DIODE WITH EA MODULATOR
ML9XX18 MITSUBISHI-ML9XX18 Datasheet
28Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
ML9XX17 MITSUBISHI-ML9XX17 Datasheet
6Kb / 1P
   InGaAsP MQW-DFB LASER DIODE WITH EA MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com