Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMBT3906DW1T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LMBT3906DW1T1G
Description  Dual Bias Resistor Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBT3906DW1T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMBT3906DW1T1G Datasheet HTML 1Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 2Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 3Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 4Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 5Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 6Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 7Page - Leshan Radio Company LMBT3906DW1T1G Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LESHAN RADIO COMPANY, LTD.
1
2
3
4
5
6
SOT-363
LMBT3906DW1T1G
Device
Marking
Shipping
ORDERING INFORMATION
LMBT3906DW1T1G
A2
3000 Units/Reel
The LMBT3906DW1T1 device isa spin–off of our popular
SOT–23/SOT–323 three–leaded device. It is designed for general
purpose amplifier applications and is housed in the SOT–363
six–leaded surface mount package. By putting two discrete devices in
one package, this device is ideal for low–power surface mount
applications where board space is at a premium.
hFE, 100–300
Low VCE(sat), ≤ 0.4 V
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
Available in 8 mm, 7–inch/3,000 Unit Tape and Reel
Device Marking: LMBT3906DW1T1G = A2
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
–40
Vdc
Collector–Base Voltage
VCBO
–40
Vdc
Emitter–Base Voltage
VEBO
–5.0
Vdc
Collector Current – Continuous
IC
–200
mAdc
Electrostatic Discharge
ESD
HBM>16000,
MM>2000
V
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Package Dissipation(1)
TA = 25°C
PD
150
mW
Thermal Resistance Junction to
Ambient
RqJA
833
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
–55 to +150
°C
1. Device mounted on FR4 glass epoxy printed circuit board using the minimum
1. recommended footprint.
Rating
MAXIMUM RATINGS
Dual Bias Resistor
Transistor
Q1
Q2
(1)
(2)
(3)
(4)
(5)
(6)
Featrues
1/9
LMBT3906DW1T1G
A2
10000 Units/Reel
compliance with RoHS requirements.
We declare that the material of product


Similar Part No. - LMBT3906DW1T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT3906DW1T1G LRC-LMBT3906DW1T1G_15 Datasheet
236Kb / 6P
   Dual Bias Resistor Transistor
More results

Similar Description - LMBT3906DW1T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBT3906DW1T1 LRC-LMBT3906DW1T1 Datasheet
188Kb / 6P
   Dual Bias Resistor Transistor
logo
ON Semiconductor
NSB1706DMW5T1 ONSEMI-NSB1706DMW5T1 Datasheet
49Kb / 3P
   Dual Bias Resistor Transistor
May, 2006 ??Rev. 3
IMD10AMT1G ONSEMI-IMD10AMT1G Datasheet
97Kb / 5P
   Dual Bias Resistor Transistor
April, 2012 ??Rev. 0
IMH20T1G ONSEMI-IMH20T1G Datasheet
23Kb / 4P
   Dual Bias Resistor Transistor
July, 2003 - Rev. 0
IMD10AMT1G ONSEMI-IMD10AMT1G_14 Datasheet
62Kb / 5P
   Dual Bias Resistor Transistor
May, 2014 ??Rev. 1
IMD10AMT1G ONSEMI-IMD10AMT1G_V01 Datasheet
63Kb / 5P
   Dual Bias Resistor Transistor
May, 2017 ??Rev. 2
logo
WILLAS ELECTRONIC CORP
MMBT3906DW1T1 WILLAS-MMBT3906DW1T1 Datasheet
349Kb / 6P
   Dual Bias Resistor Transistor
logo
ON Semiconductor
NSB1706DMW5T1G ONSEMI-NSB1706DMW5T1G_09 Datasheet
123Kb / 3P
   Dual Bias Resistor Transistor
October, 2009 ??Rev. 4
IMH20TR1G ONSEMI-IMH20TR1G Datasheet
30Kb / 2P
   Dual Bias Resistor Transistor
January, 2004 ??Rev. 0
logo
Weitron Technology
MUN5111DW WEITRON-MUN5111DW_09 Datasheet
379Kb / 12P
   Dual Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com