Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC96A1060 Datasheet(PDF) 2 Page - Bookham, Inc.

Part # LC96A1060
Description  400mW 1060nm / 1070nm High Power Laser Diode Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC96A1060 Datasheet(HTML) 2 Page - Bookham, Inc.

  LC96A1060 Datasheet HTML 1Page - Bookham, Inc. LC96A1060 Datasheet HTML 2Page - Bookham, Inc. LC96A1060 Datasheet HTML 3Page - Bookham, Inc. LC96A1060 Datasheet HTML 4Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Sheet
2
Characteristics
Parameter
Min
Typ
Max
Unit
Threshold Current (I
th)
10
40
70
mA
Operating Power at 750mA
350
400
mW
Forward Voltage (V
f)
2
2.5
V
Peak Wavelength (
λ
f )
LC96A1060-20R
1055
1060
1065
LC96A1070-20R
1065
1070
1078
nm
Monitor Detector Responsivity
0.3
1.0
µA/mW
Monitor Dark Current
10
nA
Thermistor Resistance (at 25°C)
9.5
10
10.5
k
Heatpump Current (
∆T = 50°C, I
f = If
max)
1.5
A
Heatpump Voltage (
∆T = 50°C, I
f = If
max)
3.0
V
Conditions unless otherwise stated: Case temperature
-20 to +75°C
Submount temperature
25°C
Monitor diode bias
-5 V
CW operation
Absolute Ratings
Parameter
Min
Max
Unit
Storage Temperature
-40
85
°C
Laser Forward Current (10s max)
1000
mA
Laser Reverse Voltage
2
V
Heatpump Current
2.2
A
Lead Soldering Temperature (10s max)
260
°C
Fiber Bend Radius
30
mm


Similar Part No. - LC96A1060

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC96A74-20R BOOKHAM-LC96A74-20R Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96A76-20R BOOKHAM-LC96A76-20R Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96AA74-20R BOOKHAM-LC96AA74-20R Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96AA76-20R BOOKHAM-LC96AA76-20R Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
More results

Similar Description - LC96A1060

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
logo
Hamamatsu Corporation
L11396 HAMAMATSU-L11396_15 Datasheet
132Kb / 2P
   High-Power QCW Laser Diode Stack Module
L11398 HAMAMATSU-L11398_15 Datasheet
157Kb / 2P
   High-Power QCW Laser Diode Stack Module
logo
Micro Commercial Compon...
1N4148W-TP MCC-1N4148W-TP Datasheet
209Kb / 3P
   High Speed Switching Diode 400mW
1N4148WL MCC-1N4148WL Datasheet
482Kb / 3P
   High Speed Switching Diode 400mW
logo
Hamamatsu Corporation
L8413 HAMAMATSU-L8413_15 Datasheet
110Kb / 2P
   High-power Laser Diode CW Single Bar Module
logo
Micro Commercial Compon...
1N4148W MCC-1N4148W_16 Datasheet
331Kb / 3P
   High Speed Switching Diode 400mW
logo
List of Unclassifed Man...
HLDPM12-655 ETC1-HLDPM12-655 Datasheet
379Kb / 1P
   Laser Diode Module
logo
Micro Commercial Compon...
1N4148W MCC-1N4148W_11 Datasheet
174Kb / 3P
   High Speed Switching Diode 400mW
logo
Hamamatsu Corporation
L11408 HAMAMATSU-L11408_15 Datasheet
215Kb / 2P
   High-power Laser Diode CW Stack Bar Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com