Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC94G74-20R Datasheet(PDF) 4 Page - Bookham, Inc.

Part # LC94G74-20R
Description  980nm Pump Laser Module - Grating Stabilized, 300mW
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC94G74-20R Datasheet(HTML) 4 Page - Bookham, Inc.

  LC94G74-20R Datasheet HTML 1Page - Bookham, Inc. LC94G74-20R Datasheet HTML 2Page - Bookham, Inc. LC94G74-20R Datasheet HTML 3Page - Bookham, Inc. LC94G74-20R Datasheet HTML 4Page - Bookham, Inc. LC94G74-20R Datasheet HTML 5Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet
4
Connections
Pin #
Description
Pin #
Description
1
Peltier cooler (+)
8
Not connected
2
Thermistor
9
Not connected
3
Monitor anode (-)
10
Laser anode (+)
4
Monitor cathode (+)
11
Laser cathode (-)
5
Thermistor
12
Not connected
6
Not connected
13
Case ground
7
Not connected
14
Peltier cooler (-)
7
6
5
4
3
2
1
8
9 10 11 12 13 14


Similar Part No. - LC94G74-20R

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
LC9-4125-1-0-04 VECTRON-LC9-4125-1-0-04 Datasheet
80Kb / 1P
   Nominal centre frequency fo: 9.4125 MHz
logo
Microsemi Corporation
LC9.0 MICROSEMI-LC9.0 Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LC9.0 MICROSEMI-LC9.0 Datasheet
196Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LC9.0 NJSEMI-LC9.0 Datasheet
175Kb / 3P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
LC9.0A MICROSEMI-LC9.0A Datasheet
586Kb / 4P
   1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - LC94G74-20R

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
LC96 BOOKHAM-LC96 Datasheet
151Kb / 5P
   High Power 980nm Pump Laser Module - Grating Stabilized, 600mW
LC96UA74-20R BOOKHAM-LC96UA74-20R Datasheet
160Kb / 5P
   ULTRA High Power 980nm Pump Laser Module - Grating Stabilized, 750mW
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
LC95A76ULR BOOKHAM-LC95A76ULR Datasheet
213Kb / 4P
   976nm Laser Module Stabilized with Narrow-Bandwidth Grating
logo
Agere Systems
269-1 AGERE-269-1 Datasheet
85Kb / 8P
   269-Type 14xx nm Pump Laser Module with Fiber Grating
logo
JDS Uniphase Corporatio...
30-7402-500 JDSU-30-7402-500 Datasheet
280Kb / 7P
   Up to 660 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
27-7402-120-45 JDSU-27-7402-120-45 Datasheet
288Kb / 6P
   Up to 400mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
29-7402-310-FL JDSU-29-7402-310-FL Datasheet
267Kb / 6P
   Up to 500 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
26-7402-100 JDSU-26-7402-100 Datasheet
271Kb / 6P
   Up to 180 mW Fiber Bragg Grating Stabilized 980 nm Pump Modules
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com