Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC25TEBJ59 Datasheet(PDF) 5 Page - Bookham, Inc.

Part # LC25TEBJ59
Description  2.5 Gb/s Buried Het 4x100GHz Tunable Laser with extended reach option
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

LC25TEBJ59 Datasheet(HTML) 5 Page - Bookham, Inc.

  LC25TEBJ59 Datasheet HTML 1Page - Bookham, Inc. LC25TEBJ59 Datasheet HTML 2Page - Bookham, Inc. LC25TEBJ59 Datasheet HTML 3Page - Bookham, Inc. LC25TEBJ59 Datasheet HTML 4Page - Bookham, Inc. LC25TEBJ59 Datasheet HTML 5Page - Bookham, Inc. LC25TEBJ59 Datasheet HTML 6Page - Bookham, Inc. LC25TEBJ59 Datasheet HTML 7Page - Bookham, Inc. LC25TEBJ59 Datasheet HTML 8Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet
5
Ordering Information
LC25T [Wavelength]
[Power Option]
[Reach]
[Connector]
****
E = 2 mWpk
A = 175 km -
J28 = SC/PC
C = 3 mWpk
B = 360 km -
J34 = FC/PC
A = 4 mWpk
J57 = LC
B = High power
J59 = MU
Fibre Length 1130 to 1190 mm.
Other connector types are available on request.
**** = Last four digits of first channel / shortest wavelength
E.g. LC25T4532CA-J28 has the following four channels:
1545.32 nm
1546.12 nm
1546.92 nm
1547.72 nm
The high power option provides 10 mW peak power at 175 km or 7 mW peak power over 360 km.
E.g. LC25T4532BA-J28 is a 10 mW 1545.32 to 1547.72 nm device with an SC connector for use in a 175 km application.
E.g. LC25T4532BB-J28 is a 7 mW 1545.32 to 1547.72 nm device with an SC connector for use in a 360 km application.
Trimmed lead option
Devices can be supplied with the leads trimmed to a length of 3.81 mm typ.
This option can be specified by adding a ‘K’ suffix after the reach option.
E.g. LC25T4532BBK-J28 is a 7 mW 1545.32 nm device with an SC connector and a lead length of 3.81mm, for use in
a 360 km application.
-20°C to 85°C Case Temperature, 2 x 100 GHz Tunable Operation
Where a maximum case temperature of +85°C is required, the LC25T can be tuned over 2 adjacent 100 GHz channels.
With the elevated case temperature, the submount temperature tuning range becomes 25°C to 50°C.
Revised Parameters for 85°C Case Temperature Operation
Parameter
Conditions
Min
Typ
Max
Unit
Thermistor resistance
4.07
10
k
Case operating temperature
-20
85
°C
Laser submount operating temperature
25
50
°C


Similar Part No. - LC25TEBJ59

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
LC2504-P9 UNSEMI-LC2504-P9 Datasheet
3Mb / 5P
   Transient Voltage Suppressors for ESD Protection
Revision March 1,2022
logo
Shanghai Leiditech Elec...
LC2504P8 LEIDITECH-LC2504P8 Datasheet
373Kb / 3P
   USB 2.0 power and data line
LC2504P8 LEIDITECH-LC2504P8 Datasheet
317Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
LC2504P8 LEIDITECH-LC2504P8_V01 Datasheet
317Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
LC2508P8 LEIDITECH-LC2508P8 Datasheet
258Kb / 3P
   LOW CAPACITANCE TVS DIODE FOR ETHERNET PROTECTION
More results

Similar Description - LC25TEBJ59

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
LC25ET BOOKHAM-LC25ET Datasheet
247Kb / 6P
   2.5 Gb/s Buried Het 4x100GHz Tunable Laser with Etalon Stabilisation and extended reach option
LC25WC BOOKHAM-LC25WC Datasheet
220Kb / 5P
   2.5 Gb/s CWDM Buried Het Laser 80Km reach
LC25W-B BOOKHAM-LC25W-B Datasheet
230Kb / 6P
   2.5Gb/s Buried Het Laser 360km Extended Reach With Optional Etalon Stabilization
LC25W-A BOOKHAM-LC25W-A Datasheet
223Kb / 6P
   2.5Gb/s Buried Het Laser 175km Reach With Optional Etalon Stabilization
LC25WZ BOOKHAM-LC25WZ Datasheet
218Kb / 5P
   2.5Gb/s Buried Het Laser non-WDM applications
logo
Ericsson
PGT20102 ERICSSON-PGT20102 Datasheet
278Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20327 ERICSSON-PGT20327 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20326 ERICSSON-PGT20326 Datasheet
289Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
PGT20306 ERICSSON-PGT20306 Datasheet
290Kb / 4P
   DFB/EA Laser Module for 2.5 Gb/s Applications
logo
Optoway Technology Inc
DL-3100S OPTOWAY-DL-3100S Datasheet
111Kb / 2P
   1310 nm DFB LASER DIODES 2.5 Gb/s MQW-DFB LASER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com