Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7845 Datasheet(PDF) 8 Page - Analog Devices

Part # AD7845
Description  LC2MOS Complete 12-Bit Multiplying DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7845 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7845 Datasheet HTML 4Page - Analog Devices AD7845 Datasheet HTML 5Page - Analog Devices AD7845 Datasheet HTML 6Page - Analog Devices AD7845 Datasheet HTML 7Page - Analog Devices AD7845 Datasheet HTML 8Page - Analog Devices AD7845 Datasheet HTML 9Page - Analog Devices AD7845 Datasheet HTML 10Page - Analog Devices AD7845 Datasheet HTML 11Page - Analog Devices AD7845 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD7845
REV. B
–8–
APPLI
CATIONS CIRCUITS
PROGRAMMABLE GAIN AMPLIFIER (PGA)
The AD7845 performs a PGA function when connected as in
Figure 15. In this configuration, the R-2R ladder is connected
in the amplifier feedback loop. RFB is the amplifier input resis-
tor. As the code decreases, the R-2R ladder resistance increases
and so the gain increases.
VOUT = –VIN ×
R
DAC
D
×
1
R
FB
,
D
= 0 to
4095
4096


= –VIN ×
R
DAC
D
×
1
R
DAC
=
–V
IN
D
, since RFB = RDAC
Figure 15. AD7845 Connected as PGA
As the programmed gain increases, the error and noise also
increase. For this reason, the maximum gain should be limited
to 256. Table III shows gain versus code.
Note that instead of using RFB as the input resistor, it is also
possible to use combinations of the other application resistors,
RA, RB and RC. For instance, if RB is used instead of RFB, the
gain range for the same codes of Table II now goes from l/2
to 128.
Table III. Gain and Error vs. Input Code for Figure 15
Digital Inputs
Gain
Error (%)
1111
1111
1111
4096/4095
≈ 10.04
1000
0000
0000
2
0.07
0100
0000
0000
4
0.13
0010
0000
0000
8
0.26
0001
0000
0000
16
0.51
0000
1000
0000
32
1.02
0000
0100
0000
64
2.0
0000
0010
0000
128
4.0
0000
0001
0000
256
8.0
PROGRAMMABLE CURRENT SOURCES
The AD7845 is ideal for designing programmable current
sources using a minimum of external components. Figures 16
and 17 are examples. The circuit of Figure 16 drives a program-
mable current IL into a load referenced to a negative supply.
Figure 17 shows the circuit for sinking a programmable current,
IL. The same set of circuit equations apply for both diagrams.
IL = I3 = I2 + I1
I1 =
D
×|V
IN |
R
DAC
,
D
= 0 to
4095
4096


I2 =
1
R1
D
×|V
IN |
R
DAC


RFB =
D
×|V
IN |
R1
, since RFB = RDAC
IL =
D
×|V
IN |
R1
+
D
×|V
IN |
R
DAC
=
D
×|V
IN |
R1
× 1 +
R1
R
DAC


Note that by making R1 much smaller than RDAC, the circuit
becomes insensitive to both the absolute value of RDAC and its
temperature variations. Now, the only resistor determining load
current IL is the sense resistor R1.
If R1 = 100
Ω, then the programming range is 0 mA to 100 mA,
and the resolution is 0.024 mA.
Figure 16. Programmable Current Source


Similar Part No. - AD7845

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7845 AD-AD7845_15 Datasheet
196Kb / 12P
   LC MOS Complete 12-Bit Multiplying DAC
REV. B
More results

Similar Description - AD7845

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7845 AD-AD7845_15 Datasheet
196Kb / 12P
   LC MOS Complete 12-Bit Multiplying DAC
REV. B
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com