Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7845SE Datasheet(PDF) 10 Page - Analog Devices

Part # AD7845SE
Description  LC2MOS Complete 12-Bit Multiplying DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7845SE Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7845SE Datasheet HTML 4Page - Analog Devices AD7845SE Datasheet HTML 5Page - Analog Devices AD7845SE Datasheet HTML 6Page - Analog Devices AD7845SE Datasheet HTML 7Page - Analog Devices AD7845SE Datasheet HTML 8Page - Analog Devices AD7845SE Datasheet HTML 9Page - Analog Devices AD7845SE Datasheet HTML 10Page - Analog Devices AD7845SE Datasheet HTML 11Page - Analog Devices AD7845SE Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7845
REV. B
–10–
8-BIT MICROPROCESSOR SYSTEMS
Figure 22 shows an interface circuit for the AD7845 to the
8085A 8-bit microprocessor. The software routine to load data
to the device is given in Table IV. Note that the transfer of the
12 bits of data requires two write operations. The first of these
loads the 4 MSBs into the 7475 latch. The second write opera-
tion loads the 8 LSBs plus the 4 MSBs (which are held by the
latch) into the DAC.
Figure 22. 8085A Interface
Table IV. Subroutine Listing for Figure 22
2000 LOAD DAC: LXI
H,#3000
The H,L register pair
are loaded with latch
address 3000.
MVI
A,#“MS”
Load the 4 MSBs of
data into accumulator.
MOV
M,A
Transfer data from
accumulator to latch.
INR
L
Increment H,L pair to
AD7845 address.
MVI
A,#“LS”
Load the 8 LSBs of
data into accumulator.
MOV
M,A
Transfer data from
accumulator to DAC.
RET
End of routine.
MICROPROCESSOR INTERFACING
16-BIT MICROPROCESSOR SYSTEMS
Figures 19, 20 and 21 show how the AD7845 interfaces to
three popular 16-bit microprocessor systems. These are the
MC68000, 8086 and the TM32010. The AD7845 is treated as
a memory-mapped peripheral to the processors. In each case, a
write instruction loads the AD7845 with the appropriate data.
The particular instructions used are as follows:
MC68000:
MOVE
8086:
MOV
TMS32010: OUT
Figure 19. AD7845 to MC68000 Interface
Figure 20. AD7845 to 8086 Interface
Figure 21. TMS32010


Similar Part No. - AD7845SE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7845 AD-AD7845_15 Datasheet
196Kb / 12P
   LC MOS Complete 12-Bit Multiplying DAC
REV. B
More results

Similar Description - AD7845SE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
   Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7845 AD-AD7845_15 Datasheet
196Kb / 12P
   LC MOS Complete 12-Bit Multiplying DAC
REV. B
AD7840 AD-AD7840 Datasheet
338Kb / 16P
   LC2MOS Complete 14-Bit DAC
REV. B
AD7568BPZ AD-AD7568BPZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
AD7568 AD-AD7568 Datasheet
241Kb / 12P
   LC2MOS Octal 12-Bit DAC
REV. B
AD7568BSZ AD-AD7568BSZ Datasheet
354Kb / 14P
   LC2MOS Octal 12-Bit DAC
REV. C
logo
Sipex Corporation
HS7541A SIPEX-HS7541A Datasheet
110Kb / 7P
   12-Bit CMOS Multiplying DAC
logo
Analog Devices
AD7541A AD-AD7541A_15 Datasheet
230Kb / 8P
   12-Bit Monolithic Multiplying DAC
REV. B
AD7847ANZ AD-AD7847ANZ Datasheet
494Kb / 12P
   LC2MOS Complete, Dual 12-Bit MDACS
REV. C
logo
Sipex Corporation
SP7545 SIPEX-SP7545 Datasheet
83Kb / 4P
   12-Bit, Buffered Multiplying DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com