Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5542 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5542
Description  50 MHz to 6 GHz RF/IF Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5542 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5542 Datasheet HTML 4Page - Analog Devices ADL5542 Datasheet HTML 5Page - Analog Devices ADL5542 Datasheet HTML 6Page - Analog Devices ADL5542 Datasheet HTML 7Page - Analog Devices ADL5542 Datasheet HTML 8Page - Analog Devices ADL5542 Datasheet HTML 9Page - Analog Devices ADL5542 Datasheet HTML 10Page - Analog Devices ADL5542 Datasheet HTML 11Page - Analog Devices ADL5542 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADL5542
Rev. A | Page 9 of 12
0
50
38.0
OIP3 (dBm)
40
0
19.5
GAIN (dB)
40
30
20
10
39.2
40.4
41.6
Figure 9. OIP3 Distribution at 900 MHz
25
30
20
10
19.6
19.7
19.8
19.9
Figure 11. Gain Distribution at 900 MHz
40
0
2.40
NOISE FIGURE (dB)
0
20.3
P1dB (dBm)
20
15
10
5
20.4
20.5
20.6
20.7
20.8
20.9
Figure 10. P1dB Distribution at 900 MHz
2.52
2.64
2.76
2.88
3.00
3.12
3.24
3.36
3.48
Figure 12. Noise Figure Distribution at 900 MHz
35
30
25
20
15
10
5


Similar Part No. - ADL5542

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5542 AD-ADL5542 Datasheet
273Kb / 13P
   RF/IF Gain Block
ADL5542-EVALZ AD-ADL5542-EVALZ Datasheet
273Kb / 13P
   RF/IF Gain Block
ADL5542ACPZ-R7 AD-ADL5542ACPZ-R7 Datasheet
273Kb / 13P
   RF/IF Gain Block
ADL5542 AD-ADL5542_1 Datasheet
273Kb / 13P
   RF/IF Gain Block
ADL5542 AD-ADL5542_15 Datasheet
238Kb / 12P
   Quadrature Demodulator
More results

Similar Description - ADL5542

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5541 AD-ADL5541 Datasheet
285Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
   30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
   20 MHz to 1.0 GHz IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com