Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB1RFU411560200 Datasheet(PDF) 1 Page - Bookham, Inc.

Part # CB1RFU411560200
Description  Banded Skip Filters for 100GHz Add/Drop Multiplexing
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOOKHAM [Bookham, Inc.]
Direct Link  
Logo BOOKHAM - Bookham, Inc.

CB1RFU411560200 Datasheet(HTML) 1 Page - Bookham, Inc.

  CB1RFU411560200 Datasheet HTML 1Page - Bookham, Inc. CB1RFU411560200 Datasheet HTML 2Page - Bookham, Inc. CB1RFU411560200 Datasheet HTML 3Page - Bookham, Inc. CB1RFU411560200 Datasheet HTML 4Page - Bookham, Inc. CB1RFU411560200 Datasheet HTML 5Page - Bookham, Inc. CB1RFU411560200 Datasheet HTML 6Page - Bookham, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
1
Bookham banded skip filters leverage the proprietary
Advanced Energetic Deposition (AED) process to produce the
industry’s best skip filter solution. The AED process features
state-of-the-art layer thickness control to produce thin-film
interference filters that are unparalleled for optical add/drop
multiplexing (OADM) WDM applications.
Standard 5.5mm diameter packaging is available with the
boot/length specification needed to meet your application.
The optional compact packaging has diameter of only 3.2mm.
All Bookham filter components are Telcordia GR-1221
qualified and RoHS compliant.
Skip filters allow for practical ROADM deployments by splitting
off a small band of wavelengths (4, 8, or 10) that can be
reconfigured, without losing adjacent channels, for a more
cost effective add/drop solution and a “pay as you grow”
network architecture. Bookham’s OADM 100GHz TFF
products can be used for a fixed OADM portion of the
network. Bookham offers custom skip designs for channel
plans not covered in the ordering information table.
Features:
• 10ch, 8ch, 4ch and 2ch skip-zero filters available
• Wide range of band plans available including skip-1
and skip-2 designs.
• Deep reflection isolation for minimized
coherent crosstalk
• Low express channel loss
• Flat transmission passband for cascading
• Fewer skipped channels
• 27.5GHz clear channel allocation
• Excellent temperature stability
• GR-1221 qualified
• RoHS compliant
Options:
• Custom skip designs available
• Compact packaging: 3.2mm diameter
• Rugged packaging
• Other channel plans available
Applications:
• Add/drop multiplexing
• Metro and long-haul WDM
• Banded Mux/Demux
Banded Skip Filters for 100GHz
Add/Drop Multiplexing


Similar Part No. - CB1RFU411560200

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1RFU411560200 BOOKHAM-CB1RFU411560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
More results

Similar Description - CB1RFU411560200

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
CB1SLU111560200 BOOKHAM-CB1SLU111560200 Datasheet
203Kb / 6P
   Banded Skip Filters for 100GHz Add/Drop Multiplexing
CBWSLU1115533290653 BOOKHAM-CBWSLU1115533290653 Datasheet
200Kb / 3P
   Band Filters for 200GHz Add/Drop Multiplexing
MXWL04010315 BOOKHAM-MXWL04010315 Datasheet
169Kb / 3P
   4 Band (10-skip-0) Optical Add/Drop Multiplexer for 40 Channel systems
logo
JDS Uniphase Corporatio...
MDX-01AD1018B JDSU-MDX-01AD1018B Datasheet
238Kb / 4P
   100 GHz Dense Wavelength Division Multiplexing Optical Add/Drop Module
logo
OPLINK Communications I...
OFMSMMD OPLINK-OFMSMMD Datasheet
213Kb / 2P
   Add/Drop Optical Fiber Switches
OFMSSMD OPLINK-OFMSSMD Datasheet
308Kb / 2P
   Add/Drop Optical Fiber Switches
logo
MRV Communications, Inc...
MRV-FD-PADX MRV-MRV-FD-PADX Datasheet
751Kb / 4P
   CWDM Passive Optical Add/Drop Multiplexers
logo
JDS Uniphase Corporatio...
ADM-1F2721010 JDSU-ADM-1F2721010 Datasheet
92Kb / 4P
   Filter Add/Drop Module 100 GHz Spacing
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com