Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3A212 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI3A212
Description  Small Plastic Package, Dual SPDT Analog Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3A212 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI3A212 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3A212 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3A212 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3A212 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3A212 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3A212 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3A212 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3A212 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS8802E
07/06/06
PI3A212
Small Plastic Package, Dual SPDT Analog Switch
DC Electrical Characteristics +3V Supply
(VCC = 2.7V to 3.3V, TA = –40°C to 85°C, unless otherwise noted. Typical values are at 3V and +25°C.)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max. Units
Analog Switch
Analog Signal Range VNO , VNC ,
VCOM
-0.3
VCC
V
NC On-Resistance
RON(NC)
VCC = 2.7V, ICOM = 100mA,
VNC = 0 to VCC
0.6
0.8
NO On-Resistance
RON(NO)
VCC = 2.7V, ICOM = 100mA,
VNO = 0 to VCC
0.6
0.8
On-Resistance Match
Between Channels
∆RON
VCC = 2.7V, ICOM = 100mA,
VNO or VNC = 1.5V
0.01
0.06
NC On-Resistance
Flatness
RONF(NC)
VCC = 2.7V, ICOM = 100mA,
VNC = 0 to VCC
0.2
NO On-Resistance
Flatness
RONF(NO)
VCC = 2.7V, ICOM = 100mA,
VNO = 0 to VCC
0.2
NO or NC Off
Leakage Current
IOFF (NO) or
IOFF (NC)
VCC = 3.3V, VNO or VNC = 3V, 0.3V,
VCOM = 0.3V, 3V
-400
400
nA
COM On Leakage
Current
ICOM (ON)
VCC = 3.3V, VNO or VNC = 3V, 0.3V,
VCOM = 3V, 0.3V, or floating
-160
160
Digital I/O
Input Logic High
VIH
1.3
V
Input Logic Low
VIL
0.6
Input Hysteresis
VH
VCC = 3.3V
100
mV
IN Input Leakage
Current
IIN
VIN = 0 or VCC
-0.5
0.5
µA
Supply Current
ICC
VCC = 3.6V, VIN = 0 or VCC
100
250
nA
06-0096


Similar Part No. - PI3A212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
PI3A212SZLE PERICOM-PI3A212SZLE Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
More results

Similar Description - PI3A212

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3A2268 PERICOM-PI3A2268 Datasheet
319Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A223 PERICOM-PI3A223 Datasheet
313Kb / 9P
   Small Plastic Package, Dual SPDT Analog Switch
PI3A412ZHEX PERICOM-PI3A412ZHEX Datasheet
342Kb / 10P
   Small Plastic Package, Quad SPDT Analog Switch
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Pericom Semiconductor C...
PI5A4764 PERICOM-PI5A4764 Datasheet
382Kb / 7P
   Smal Package, Dual SPDT Audio Clickless Analog Switch
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com