Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT543APW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74ABT543APW
Description  Octal latched transceiver with dual enable (3-State)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABT543APW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74ABT543APW Datasheet HTML 2Page - NXP Semiconductors 74ABT543APW Datasheet HTML 3Page - NXP Semiconductors 74ABT543APW Datasheet HTML 4Page - NXP Semiconductors 74ABT543APW Datasheet HTML 5Page - NXP Semiconductors 74ABT543APW Datasheet HTML 6Page - NXP Semiconductors 74ABT543APW Datasheet HTML 7Page - NXP Semiconductors 74ABT543APW Datasheet HTML 8Page - NXP Semiconductors 74ABT543APW Datasheet HTML 9Page - NXP Semiconductors 74ABT543APW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74ABT543A
Octal latched transceiver with dual enable
(3-State)
1998 Sep 24
6
AC CHARACTERISTICS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to
+85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation delay
An to Bn, Bn to An
2
1.0
1.9
2.9
3.6
4.5
5.2
1.0
1.9
5.2
5.7
ns
tPLH
tPHL
Propagation delay
LEBA to An, LEAB to Bn
1
2
1.0
2.1
3.4
4.3
5.1
6.0
1.0
2.1
6.2
6.7
ns
tPZH
tPZL
Output enable time
OEBA to An, OEAB to Bn
4
5
1.0
2.0
3.2
4.3
5.1
5.9
1.0
2.0
6.2
6.6
ns
tPHZ
tPLZ
Output disable time
OEBA to An, OEAB to Bn
4
5
2.0
1.0
4.0
3.0
5.7
4.6
2.0
1.0
6.2
5.0
ns
tPZH
tPZL
Output enable time
EBA to An, EAB to Bn
4
5
1.0
2.0
3.4
4.4
5.1
6.1
1.0
2.0
6.2
6.8
ns
tPHZ
tPLZ
Output disable time
EBA to An, EAB to Bn
4
5
2.0
1.0
3.6
3.0
5.4
4.6
2.0
1.0
5.9
5.0
ns
AC SETUP REQUIREMENTS
GND = 0V, tR = tF = 2.5ns, CL = 50pF, RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25oC
VCC = +5.0V
Tamb = -40 to +85oC
VCC = +5.0V ±0.5V
UNIT
Min
Typ
Min
ts(H)
ts(L)
Setup time
An to LEAB, Bn to LEBA
3
2.5
3.0
1.0
1.4
2.5
3.0
ns
th(H)
th(L)
Hold time
An to LEAB, Bn to LEBA
3
0.5
0.5
–0.8
–0.6
0.5
0.5
ns
ts(H)
ts(L)
Setup time
An to EAB, Bn to EBA
3
3.5
3.0
1.3
1.4
3.5
3.0
ns
th(H)
th(L)
Hold time
An to EAB, Bn to EBA
3
0.5
0.5
–0.8
–0.6
0.5
0.5
ns
tw(L)
Latch enable pulse width, Low
3
3.5
1.0
3.5
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
VM
tPHL
tPLH
VM
VM
VM
VIN
VOUT
SA00172
Waveform 1. Propagation Delay For Inverting Output
VM
tPLH
tPHL
VM
VM
VM
VIN
VOUT
SA00173
Waveform 2. Propagation Delay For Non-Inverting Output


Similar Part No. - 74ABT543APW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT543APW NXP-74ABT543APW Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT543APW PHILIPS-74ABT543APW Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
logo
Nexperia B.V. All right...
74ABT543APW NEXPERIA-74ABT543APW Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
More results

Similar Description - 74ABT543APW

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74ABT543A NEXPERIA-74ABT543A Datasheet
267Kb / 17P
   Octal latched transceiver with dual enable; 3-state
Rev. 5 - 3 November 2011
logo
NXP Semiconductors
74F543 NXP-74F543 Datasheet
99Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 04-26 January 2010
74ABT543A PHILIPS-74ABT543A Datasheet
112Kb / 12P
   Octal latched transceiver with dual enable 3-State
1998 Sep 24
74ABT543A NXP-74ABT543A Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; 3-state
Rev. 03-26 January 2010
74ABT544 PHILIPS-74ABT544 Datasheet
115Kb / 19P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 03-20 April 2005
74LVT543 PHILIPS-74LVT543 Datasheet
103Kb / 12P
   3.3V Octal latched transceiver with dual enable 3-State
1998 Feb 19
74ABT544 PHILIPS-74ABT544 Datasheet
97Kb / 8P
   Octal latched transceiver with dual enable, inverting 3-State
Rev. 03-20 April 2005
74ABT544 NXP-74ABT544 Datasheet
108Kb / 15P
   Octal latched transceiver with dual enable; inverting; 3-state
Rev. 04-15 January 2009
MB2543 PHILIPS-MB2543 Datasheet
146Kb / 13P
   Dual octal latched transceivers with dual enable 3-State
August 23, 1993
74LVC623A PHILIPS-74LVC623A Datasheet
96Kb / 10P
   Octal transceiver with dual enable 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com