Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71319DRCT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71319DRCT
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71319DRCT Datasheet(HTML) 3 Page - Texas Instruments

  TPS71319DRCT Datasheet HTML 1Page - Texas Instruments TPS71319DRCT Datasheet HTML 2Page - Texas Instruments TPS71319DRCT Datasheet HTML 3Page - Texas Instruments TPS71319DRCT Datasheet HTML 4Page - Texas Instruments TPS71319DRCT Datasheet HTML 5Page - Texas Instruments TPS71319DRCT Datasheet HTML 6Page - Texas Instruments TPS71319DRCT Datasheet HTML 7Page - Texas Instruments TPS71319DRCT Datasheet HTML 8Page - Texas Instruments TPS71319DRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TPS71319
TPS71334
SBVS055A – DECEMBER 2004 – REVISED JANUARY 2005
Over operating temperature range (T
J = -40°C to +125°C), VIN = highest VOUT(nom) + 1.0 V or 2.7 V (whichever is greater),
I
OUT = 1 mA, VEN1, 2 = 1.2 V, COUT = 10 µF, CNR = 0.01 µF, and adjustable LDOs are tested at VOUT = 3.0 V, unless otherwise
noted. Typical values are at T
J = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range(1)
2.7
5.5
V
VFB
Internal reference (adjustable LDOs)
1.200
1.225
1.250
V
Output voltage range
VFB
5.5 - VDO
V
(adjustable LDOs)
VOUT
Nominal
TJ = 25°C, IOUT = 0 mA
-1.5
+1.5
Accuracy(1)
%
Over VIN,
VOUT + 1.0 V ≤ VIN ≤ 5.5 V,
-3
±1
+3
IOUT, and T 0 µA ≤ IOUT ≤ 250 mA
∆V
OUT%/∆VIN
Line regulation(1)
VOUT + 1.0 V ≤ VIN ≤ 5.5 V
0.05
%/V
∆V
OUT%/∆IOUT
Load regulation
0 µA
≤ I
OUT ≤ 250 mA
0.8
%/mA
2.8 V,
Dropout voltage(2)
VDO
2.85 V
IOUT1 = IOUT2 = 250 mA
125
230
mV
(VIN = VOUT(nom) - 0.1V)
Adjustable
ICL
Output current limit
VOUT = 0.9 × VOUT(nom)
400
600
800
mA
One LDO
IOUT = 1 mA (enabled channel)
190
250
enabled
IGND
Ground pin current
µA
Both LDOs
IOUT1 = IOUT2 = 1 mA to 250 mA
300
600
enabled
VEN ≤ 0.4 V, 0 V ≤ VIN ≤ 5.5 V,
ISHDN
Shutdown current(3)
0.3
2.0
µA
RESET open
IFB
FB pin current (adjustable LDOs)
0.1
1
µA
No CNR, IOUT = 250 mA
80.0
× V
OUT
Output noise voltage,
Vn
µVrms
BW = 10 Hz - 100 kHz
CNR = 0.01 µF, IOUT = 250 mA
11.8
× V
OUT
f = 100 Hz, IOUT = 250 mA
65
Power-supply rejection ratio
PSRR
dB
(ripple rejection)
f = 10 kHz, IOUT = 250 mA
65
tSTR
Startup time
VOUT = 2.85 V, RL = 30Ω, CNR = 0.001 µF
60
µs
VIH
Enable threshold high (EN1, EN2)
1.2
VIN
V
VIL
Enable threshold low (EN1, EN2)
0
0.4
V
IEN
Enable pin current (EN1, EN2)
VIN = VEN = 5.5 V
-1
1
µA
Minimum VIN for valid RESET
IRESET = 10 µA
0.6
V
VRESET, LO
RESET output low voltage
IRESET = 1 mA
0.4
V
ILKG, RESET
RESET leakage current
VIN = VRESET = 5.5 V
10
500
nA
VIT
RESET threshold voltage
VOUT2 falling(4)
92.5
97.5
%VOUT
VHYS
RESET threshold hysteresis
VOUT2 rising(4)
0.5
%VOUT
TD
RESET delay time
50
100
200
ms
TP
RESET propagation delay
10
µs
Shutdown
Temp increasing
+160
TSD
Thermal shutdown temperature
°C
Reset
Temp decreasing
+140
Under-voltage lockout threshold
VIN rising
2.25
2.65
V
UVLO
Under-voltage lockout hysteresis
VIN falling
100
mV
(1)
Minimum VIN = VOUT + VDO or 2.7 V, whichever is greater.
(2)
VDO is not measured for 1.8 V regulators since minimum VIN = 2.7 V.
(3)
For the adjustable version, this applies only after VIN is applied; then VEN transitions from high to low.
(4)
RESET threshold and hysteresis is a percentage of the measured output.
3


Similar Part No. - TPS71319DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71319DRCT TI-TPS71319DRCT Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319DRCT TI1-TPS71319DRCT Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319DRCTG4 TI-TPS71319DRCTG4 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319DRCTG4 TI1-TPS71319DRCTG4 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
More results

Similar Description - TPS71319DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com