Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71334DRCR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71334DRCR
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71334DRCR Datasheet(HTML) 1 Page - Texas Instruments

  TPS71334DRCR Datasheet HTML 1Page - Texas Instruments TPS71334DRCR Datasheet HTML 2Page - Texas Instruments TPS71334DRCR Datasheet HTML 3Page - Texas Instruments TPS71334DRCR Datasheet HTML 4Page - Texas Instruments TPS71334DRCR Datasheet HTML 5Page - Texas Instruments TPS71334DRCR Datasheet HTML 6Page - Texas Instruments TPS71334DRCR Datasheet HTML 7Page - Texas Instruments TPS71334DRCR Datasheet HTML 8Page - Texas Instruments TPS71334DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Actual Size
(3 mm x 3 mm)
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
EN1
NC
EN2
FB2/NC
NR
10
9
8
7
6
IN
RESET
OUT1
OUT2
GND
1
2
3
4
5
DRC PACKAGE
3mm x 3mm SON
(TOP VIEW)
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
PSRR (RIPPLE REJECTION) vs FREQUENCY
V
OUT = 2.8 V (adj)
C
OUT = 2.2 µF
C
NR = 0.01 µF
I
OUT = 1 mA
I
OUT = 250 mA
TPS71319
TPS71334
SBVS055A – DECEMBER 2004 – REVISED JANUARY 2005
Dual 250 mA Output, UltraLow Noise, High PSRR,
Low-Dropout Linear Regulator with Integrated SVS
Dual 250 mA High-Performance RF LDOs
The TPS713xx family of low-dropout (LDO) voltage
regulators is tailored to noise-sensitive and RF appli-
Integrated Supply Voltage Supervisor
cations. These products feature dual 250 mA LDOs
Monitors VOUT2
with ultralow noise, high power-supply rejection ratio
Available in Fixed and Adjustable
(PSRR), and fast transient and start-up response.
Voltage Options (1.2 V to 5.5 V)
These devices also feature an integrated supply
High PSRR: 65 dB at 10 kHz
voltage supervisor (SVS) that monitors the voltage at
OUT2 and will assert if the voltage falls to 95%
UltraLow Noise: 32 µVrms
(typical) of the measured output. Each regulator
Fast Start-Up Time: 60 µs
output is stable with low-cost 2.2 µF ceramic output
Stable with 2.2 µF Ceramic Capacitor
capacitors and features very low dropout voltages
(125 mV typical at 250 mA). Each regulator achieves
Excellent Load/Line Transient Response
fast start-up times (approximately 60 µs with a
Very Low Dropout Voltage: 125 mV at 250 mA
0.001 µF bypass capacitor) while consuming very low
Independent Enable Pins
quiescent current (300 µA typical with both outputs
enabled). When the device is placed in standby
Thermal Shutdown and Independent Current
mode, the supply current is reduced to less than
Limit
0.3 µA typical. Each regulator exhibits approximately
Available in Thermally-Enhanced SON
32 µVrms of output voltage noise with VOUT = 2.8 V
Package: 3mm x 3mm x 1mm
and a 0.01 µF noise reduction (NR) capacitor. Appli-
cations
with
analog
components
that
are
noise-sensitive, such as portable RF electronics, will
Cellular and Cordless Phones
benefit from high PSRR, low noise, and fast line and
load transient features. The TPS713xx family is
Wireless PDA/Handheld Products
offered in a thin 3mm x 3mm SON package and is
PCMCIA/Wireless LAN Applications
fully specified from -40
°C to +125°C (T
J).
Digital Camera/Camcorder/Internet Audio
DSP/FPGA/ASIC/Controllers and Processors
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS71334DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71334DRCR TI-TPS71334DRCR Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71334DRCR TI1-TPS71334DRCR Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71334DRCRG4 TI-TPS71334DRCRG4 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
More results

Similar Description - TPS71334DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202DRCT TI-TPS71202DRCT Datasheet
639Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com