Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29GL256P11FFI012 Datasheet(PDF) 10 Page - SPANSION

Part # S29GL256P11FFI012
Description  3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL256P11FFI012 Datasheet(HTML) 10 Page - SPANSION

Back Button S29GL256P11FFI012 Datasheet HTML 6Page - SPANSION S29GL256P11FFI012 Datasheet HTML 7Page - SPANSION S29GL256P11FFI012 Datasheet HTML 8Page - SPANSION S29GL256P11FFI012 Datasheet HTML 9Page - SPANSION S29GL256P11FFI012 Datasheet HTML 10Page - SPANSION S29GL256P11FFI012 Datasheet HTML 11Page - SPANSION S29GL256P11FFI012 Datasheet HTML 12Page - SPANSION S29GL256P11FFI012 Datasheet HTML 13Page - SPANSION S29GL256P11FFI012 Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
10
S29GL-P MirrorBit® Flash Family
S29GL-P_00_A7 November 8, 2007
Data
Sheet
(Pre limin ar y)
Recommended Combinations
Recommended Combinations list configurations planned to be supported in volume for this device. Consult
your local sales office to confirm availability of specific recommended combinations and to check on newly
released combinations.
Notes
1. Contact a local sales representative for availability.
2. TSOP package marking omits packing type designator from ordering part number.
3. BGA package marking omits leading “S29” and packing type designator from ordering part number.
4. Type 0 is standard. Specify other options as required.
S29GL-P Valid Combinations
Speed
Package & Temperature
Model Number
Packing Type
S29GL01GP
11
TAI (1)(2)
TFI (2)
R1, R2
0, 3 (4)
12
01, 02
13
V1, V2
11
FAI (1)(3)
FFI (3)
R1, R2
0, 2, 3 (4)
12
01, 02
13
V1, V2
S29GL512P
10
TAI (1)(2)
TFI (2)
R1, R2
0, 3 (4)
10 (1), 11
01, 02
11(1), 12
V1, V2
10
FAI (1)(3)
FFI (3)
R1, R2
0, 2, 3 (4)
10 (1), 11
01, 02
11(1), 12
V1, V2
S29GL256P,
S29GL128P
90
TAI (1)(2)
TFI (2)
R1, R2
0, 3 (4)
10, 11
01, 02
11
V1, V2
90
FAI (1)(3)
FFI (3)
R1, R2
0, 2, 3 (4)
10, 11
01, 02
11
V1, V2


Similar Part No. - S29GL256P11FFI012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL256P11FFI012 SPANSION-S29GL256P11FFI012 Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results

Similar Description - S29GL256P11FFI012

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29GL-P SPANSION-S29GL-P Datasheet
1Mb / 71P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL01GN00 SPANSION-S70GL01GN00 Datasheet
1Mb / 83P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S70GL-P SPANSION-S70GL-P Datasheet
455Kb / 13P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL02GP SPANSION-S70GL02GP Datasheet
313Kb / 14P
   2 Gigabit, 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GLXXXM SPANSION-S29GLXXXM Datasheet
4Mb / 160P
   3.0 Volt-only Page Mode Flash Memory featuring 0.23 um MirrorBit process technology
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com