Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM421255 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # CM421255
Description  SCR/Diode POW-R-BLOK??Modules 55 Amperes/1200-1600 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

CM421255 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  CM421255 Datasheet HTML 1Page - Powerex Power Semiconductors CM421255 Datasheet HTML 2Page - Powerex Power Semiconductors CM421255 Datasheet HTML 3Page - Powerex Power Semiconductors CM421255 Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SD-16
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
CM421255, CM421655
SCR/Diode POW-R-BLOK™ Modules
55 Amperes/1200-1600 Volts
MAXIMUM ON-STATE POWER DISSIPATION
(REVERSE PARALLEL CONNECTION)
RMS ON-STATE CURRENT, I(RMS), (AMPERES)
0
20
100
40
60
80
120 140 160
360
o
RESISTIVE,
INDUCTIVE LOAD
NOTE: THE CURVES INDICATE THE RELATIONSHIP BETWEEN
THE AVERAGE ON-STATE POWER DISSIPATION PER MODULE
AND THE RMS ON-STATE CURRENT.
90o
60o
= 30o
120o
180o
0
20
40
60
80
100
120
140
160
MAXIMUM ALLOWABLE CASE TEMPERATURE
(SINGLE PHASE BRIDGE CONNECTION)
DC OUTPUT CURRENT, IC, (AMPERES)
= 30o
60o
90o
RESISTIVE,
INDUCTIVE
LOAD
360
o
180o
NOTE: THE CURVES INDICATE THE RELATIONSHIP BETWEEN
THE CASE TEMPERATURE AND THE DC OUTPUT CURRENT
(FOR TWO ELEMENTS) WHEN USED IN THE SINGLE PHASE
BRIDGE CONFIGURATION.
120o
50
70
90
110
130
120
100
80
60
0
40
80
120
160
20
60
100
140
MAXIMUM ON-STATE POWER DISSIPATION
(SINGLE PHASE BRIDGE CONNECTION)
DC OUTPUT CURRENT, IO, (AMPERES)
0
0
360
o
RESISTIVE,
INDUCTIVE LOAD
NOTE: THE CURVES INDICATE THE RELATIONSHIP BETWEEN
THE AVERAGE ON-STATE POWER DISSIPATION AND THE DC
OUTPUT CURRENT FOR THE SINGLE PHASE BRIDGE
CONFIGURATION (POWER DISSIPATION EXPRESSED FOR EACH
MODULE AND DC OUTPUT CURRENT EXPRESSED FOR THE PAIR)
20
40
60
80
100
120
140
160
20
40
60
80 100 120 140 160
= 30o
120o
90o
60o
180o
80
70
60
50
MAXIMUM ALLOWABLE CASE TEMPERATURE
(THREE PHASE BRIDGE CONNECTION)
DC OUTPUT CURRENT, IO, (AMPERES)
0
20
100
40
60
80
120 140 160
110
120
130
360
o
NOTE: THE CURVES INDICATE THE RELATIONSHIP BETWEEN
THE CASE TEMPERATURE AND THE DC OUTPUT CURRENT
(FOR THREE MODULES) IN THE THREE PHASE CONFIGURATION.
RESISTIVE,
INDUCTIVE
LOAD
= 30o
60o
90o 120o
100
90
MAXIMUM ON-STATE POWER DISSIPATION
(THREE PHASE BRIDGE CONNECTION)
DC OUTPUT CURRENT, IO, (AMPERES)
0
20
100
40
60
80
120 140 160
NOTE: THE CURVES INDICATE THE RELATIONSHIP BETWEEN
THE ON-STATE POWER DISSIPATION (PER MODULE) AND THE
DC OUTPUT CURRENT (FOR THREE MODULES) IN THE THREE
PHASE BRIDGE CONFIGURATION.
360
o
RESISTIVE, INDUCTIVE LOAD
PER SINGLE ELEMENT
= 30o
120o
90o
60o
0
20
40
60
80
100
120
140
160


Similar Part No. - CM421255

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM421290 POWEREX-CM421290 Datasheet
93Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 90 Amperes/1200-1600 Volts
CM4212A2 POWEREX-CM4212A2 Datasheet
78Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 25 Amperes/1200-1600 Volts
More results

Similar Description - CM421255

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM431255 POWEREX-CM431255 Datasheet
93Kb / 4P
   Dual SCR POW-R-BLOK??Modules 55 Amperes/1200-1600 Volts
CM4212A2 POWEREX-CM4212A2 Datasheet
78Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 25 Amperes/1200-1600 Volts
CM421290 POWEREX-CM421290 Datasheet
93Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 90 Amperes/1200-1600 Volts
CM521213 POWEREX-CM521213 Datasheet
81Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 130 Amperes/1200-1600 Volts
CM531220 POWEREX-CM531220 Datasheet
81Kb / 4P
   Dual SCR POW-R-BLOK??Modules 200 Amperes/1200-1600 Volts
CSD3120H POWEREX-CSD3120H Datasheet
78Kb / 4P
   Single SCR POW-R-BLOK??Modules 400 Amperes/1200-1600 Volts
CM431290 POWEREX-CM431290 Datasheet
93Kb / 4P
   Dual SCR POW-R-BLOK??Modules 90 Amperes/1200-1600 Volts
CM4312A2 POWEREX-CM4312A2 Datasheet
79Kb / 4P
   Dual SCR POW-R-BLOK??Modules 25 Amperes/1200-1600 Volts
CM420855 POWEREX-CM420855 Datasheet
92Kb / 4P
   SCR/Diode POW-R-BLOK??Modules 55 Amperes/800 Volts
CD411230 POWEREX-CD411230 Datasheet
72Kb / 4P
   Dual Diode POW-R-BLOK Modules(30 Amperes/1200-1600 Volts)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com